Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF2100-1B-18DETF Datasheet(PDF) 4 Page - Hongfa Technology

Part # HF2100-1B-18DETF
Description  MINIATURE HIGH POWER RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF2100-1B-18DETF Datasheet(HTML) 4 Page - Hongfa Technology

  HF2100-1B-18DETF Datasheet HTML 1Page - Hongfa Technology HF2100-1B-18DETF Datasheet HTML 2Page - Hongfa Technology HF2100-1B-18DETF Datasheet HTML 3Page - Hongfa Technology HF2100-1B-18DETF Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
u=G7@5=A9F
/<9 GD97=:=75H=CB =G :CF F9:9F9B79 CB@Md .99 HC \/9FA=BC@C;M 5B8 xI=89@=B9G\ :CF ACF9 =B:CFA5H=CBd .D97=:=75H=CBG GI6>97H HC 7<5B;9 K=H<CIH BCH=79d
29 7CI@8 BCH 9J5@I5H9 5@@ H<9 D9F:CFA5B79 5B8 5@@ H<9 D5F5A9H9FG :CF 9J9FM DCGG=6@9 5DD@=75H=CBd /<IG H<9 IG9F G<CI@8 69 =B 5 F=;<H DCG=H=CB HC
7<CCG9 H<9 GI=H56@9 DFC8I7H :CF H<9=F CKB 5DD@=75H=CBdz: H<9F9 =G 5BM EI9FMb D@95G9 7CBH57H yCB;:5 :CF H<9 H97<B=75@ G9FJ=79dyCK9J9Fb =H =G H<9 IG9FRG
F9GDCBG=6=@=HM HC 89H9FA=B9 K<=7< DFC8I7H G<CI@8 69 IG98 CB@Md
P 3=5A9B yCB;:5 v@97HFC57CIGH=7 tCdb |H8d r@@ F=;<HG C: yCB;:5 5F9 F9G9FJ98d
hij
@ED=<?8 7<>8?C<@?C. G<B<?: 7<4:B4> 4?7 A6 5@4B7 =4H@ED
0B=Hp AA
-9A5F?pg` zB 75G9 C: BC HC@9F5B79 G<CKB =B CIH@=B9 8=A9BG=CBp CIH@=B9 8=A9BG=CB VgAAb HC@9F5B79 G<CI@8 69 QfdhAAq CIH@=B9 8=A9BG=CB XgAA
5B8 VkAAb HC@9F5B79 G<CI@8 69 QfdiAAq CIH@=B9 8=A9BG=CB XkAAb HC@9F5B79 G<CI@8 69 QfdjAAd
h` /<9 HC@9F5B79 K=H<CIH =B8=75H=B; :CF +ts @5MCIH =G 5@K5MG QfdgAAd
gwCFA t
_sCHHCA J=9K`_/CD J=9K`
gmdn
gj
hc gdg
ic hdg
idn
hn
idl
hmdk
rt |C58
ut|C58
gr
gt _~*`
gs
gt _~t`
gr
gt _~*`
gs
gt _~t`
gf
hf
jf
if
}r3z}0} .2z/tyz~x +*2v-
tCBH57H 1C@H5;9 _1`
v~u0-r~tv t0-1v
tCBH57H tIFF9BH _r`
6;4B46D8B<CD<6 6EBF8C
f
g
gif
of
nf
gff
ghf
ggf
gkf
gjf
glf
ifr
fr
hkr
hfr
gkr
t*z| /v}+v-r/0-v -z.v
+9F79BH5;9 *: ~CA=B5@ tC=@ 1C@H5;9
f
jf
ggf
of
nf
mf
kf
lf
gff
jf
if
hf
gk
gff
gf
gf
gff
hff
gfff
g
if
gff
gf
DLUV JRQKNVNRQU3
-9G=GH=J9 @C58br;t8*b uIGH DFCH97H98b
-CCA H9ADdb gGCB oGC::d


Similar Part No. - HF2100-1B-18DETF

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF2100-1B05DEFXXX HONGFA-HF2100-1B05DEFXXX Datasheet
70Kb / 4P
   MINIATURE HIGH POWER RELAY
HF2100-1B05DEXXX HONGFA-HF2100-1B05DEXXX Datasheet
70Kb / 4P
   MINIATURE HIGH POWER RELAY
HF2100-1B05DFXXX HONGFA-HF2100-1B05DFXXX Datasheet
70Kb / 4P
   MINIATURE HIGH POWER RELAY
HF2100-1B05DXXX HONGFA-HF2100-1B05DXXX Datasheet
70Kb / 4P
   MINIATURE HIGH POWER RELAY
HF2100-1B06DEFXXX HONGFA-HF2100-1B06DEFXXX Datasheet
70Kb / 4P
   MINIATURE HIGH POWER RELAY
More results

Similar Description - HF2100-1B-18DETF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF2150 ETC1-HF2150 Datasheet
228Kb / 3P
   MINIATURE HIGH POWER RELAY
logo
HuaXinAn Electronics CO...
SM-MP HUAXINAN-SM-MP Datasheet
345Kb / 3P
   Miniature High Power Relay
logo
Hongfa Technology
HF14FW HONGFA-HF14FW_15 Datasheet
62Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-S HONGFA-HF115F-S Datasheet
48Kb / 2P
   MINIATURE HIGH POWER RELAY
HF116F-1 HONGFA-HF116F-1_15 Datasheet
79Kb / 4P
   MINIATURE HIGH POWER RELAY
HF116F-2 HONGFA-HF116F-2_15 Datasheet
72Kb / 3P
   MINIATURE HIGH POWER RELAY
HF118F HONGFA-HF118F_15 Datasheet
64Kb / 3P
   MINIATURE HIGH POWER RELAY
HF158F HONGFA-HF158F Datasheet
60Kb / 3P
   MINIATURE HIGH POWER RELAY
HF161F HONGFA-HF161F Datasheet
57Kb / 3P
   MINIATURE HIGH POWER RELAY
HF2110 HONGFA-HF2110_15 Datasheet
94Kb / 6P
   MINIATURE HIGH POWER RELAY
HF2150 HONGFA-HF2150 Datasheet
69Kb / 4P
   MINIATURE HIGH POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com