Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF2150-1C-48DETF Datasheet(PDF) 1 Page - Hongfa Technology

Part # HF2150-1C-48DETF
Description  MINIATURE HIGH POWER RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF2150-1C-48DETF Datasheet(HTML) 1 Page - Hongfa Technology

  HF2150-1C-48DETF Datasheet HTML 1Page - Hongfa Technology HF2150-1C-48DETF Datasheet HTML 2Page - Hongfa Technology HF2150-1C-48DETF Datasheet HTML 3Page - Hongfa Technology HF2150-1C-48DETF Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
:NKXYVNW
y?B; +Efrxiklmio
y?B; +Efrv.vihhhjhlqinn
0>E9A
H;I?IJ7D9;
{,+zyt /x~t6
vEDJ79J
H;I?IJ7D9;
vEDJ79J H7J?D=
a/;If BE7:b
*7Nf IM?J9>?D=
FEM;H
*7Nf IM?J9>?D=
LEBJ7=;
*7Nf IM?J9>?D=
9KHH;DJ
tFFHENf qhhC4
vE?B FEM;H
|0,qhhid |0,g10inqlq d |0,ilhhid ,{0t0iphhid |xv..v hphhhh vx/1|y|xw
jhim /;Lf ifhi
jmp
it
iu
iva+,b
iva+vb
w?;B;9JH?9
IJH;D=J>
tC8?;DJ J;CF;H7JKH;
u;JM;;D 9E?B ` 9EDJ79JI
i N iho,-0
c
it JOF;ri N ihm,-0 akht jlh3tvd /;I?IJ?L;
BE7:dt=v:,d /EEC J;CFfd iIED qIE<<b
@TXNW4
c*7N?CKC LEBJ7=; H;<;HI JE J>; C7N?CKC LEBJ7=; M>?9> H;B7O
9E?B 9EKB: ;D:KH; ?D 7 I>EHJ F;H?E: E< J?C;f
y?B; +Efr /mhimkpkm
<:2130/<:2131
?=@=5EFC9 <=;< BAH9C C9>5J
7A@E57E 85E5
7<5C57E9C=DE=7D
7A=>
m
n
q
ij
im
jo N ai ih_b
lh N ai ih_b
qo N ai ih_b
imm N ai ih_b
jmn N ai ih_b
kfom
lfmh
nfom
qfhh
iifjm
hfm
hfn
hfq
ifj
ifm
+EC?D7B
3EBJ7=;
3wv
vE?B
/;I?IJ7D9;
-?9AeKF
3EBJ7=;
3wv
C7Nf
wHEFeEKJ
3EBJ7=;
3wv
C?Df
7A=> 85E5
ip
jl
lp
oh
iih
kph N ai ih_b
nnh N ai ih_b
jmnh N ai ih_b
mmhh N ai ih_b
iklmh N ai ih_b
ikfmh
ipfhh
knfhh
mjfmh
pjfmh
ifp
jfl
lfp
ofh
iifh
mhC C7Nfa7J it jl3wvb
t=0D,jd t=v:,
kht jlh3tv imt jlh3tv
jht jlh3tv iht jlh3tv
jht kh3wv
iht kh3wv
jht kh3wv iht kh3wv
ojhh3t
knhh3t
lphh3t
jlhh3t
nhh4
khh4
nhh4
khh4
joo3tvgkh3wv
lht
imt
jht
iht
vEDJ79J
7HH7D=;C;DJ
vEDJ79J C7J;H?7B
X kht IM?J9>?D= 97F78?B?JO
X-vu 9E?B J;HC?D7BId ?:;7B <EH >;7LO:KJO BE7:
X {;7LO BE7: KF JE ojhh3t
X -B7IJ?9 I;7B;: 7D: wKIJ FHEJ;9J;: JOF; 7L7?B78B;
X2~ ?DIKB7J?ED IOIJ;Cr vB7II y 7L7?B78B;
X xDL?HEDC;DJ7B <H?;D:BO FHE:K9J a/E{0 9ECFB?7DJb
X ,KJB?D; w?C;DI?EDIr akifp N jofh N iqfib CC
7J jk
*;9>7D?97B
;D:KH7D9;
*7Nf
3EBJ7=;
3wv
nfm
ofp
iifo
imfn
iqfm
jkfl
kifj
njfl
qifh
ilkfh
|DIKB7J?ED H;I?IJ7D9;
u;JM;;D EF;D 9EDJ79JI
,F;H7J; J?C; a7J DEC?f LEBJfb
/;B;7I; J?C; a7J DEC?f LEBJfb
yKD9J?ED7B
w;IJHK9J?L;
3?8H7J?ED H;I?IJ7D9;
{KC?:?JO
1;HC?D7J?ED
2D?J M;?=>J
vEDIJHK9J?ED
ihhh* a7J mhh3wvb
{yjimhr jmhh3tv iC?D
{yjimir jhhh3tv iC?D
imhh3tv iC?D
imCI C7Nf
ihCI C7Nf
emmEv JE pmEv
qpCgIj
qphCgIj
ih{PJE mm{P ifmCC wt
m_ JE pm_ /{
-vu
tFFHENfkh=
-B7IJ?9 I;7B;:d
wKIJ FHEJ;9J;:
xB;9JH?97B
;D:KH7D9;
@TXNW4 ib yEH FB7IJ?9 I;7B;: JOF;d J>; L;DJ?D=e>EB; I>EKB: 8; ;N9?I;: ?D
J;IJf
jb 1>; :7J7 I>EMD 78EL; 7H; ?D?J?7B L7BK;If
kb -B;7I; <?D: 9E?B J;CF;H7JKH; 9KHL; ?D J>; 9>7H79J;H?IJ?9 9KHL;I 8;BEMf
lb 2~ ?DIKB7J?ED IOIJ;CrvB7II yd vB7II uf


Similar Part No. - HF2150-1C-48DETF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF2150 ETC1-HF2150 Datasheet
228Kb / 3P
   MINIATURE HIGH POWER RELAY
logo
Hongfa Technology
HF2150 HONGFA-HF2150 Datasheet
70Kb / 4P
   MINIATURE HIGH POWER RELAY
logo
List of Unclassifed Man...
HF2150/1A12DEF ETC1-HF2150/1A12DEF Datasheet
228Kb / 3P
   MINIATURE HIGH POWER RELAY
HF2150/1A12DENIL ETC1-HF2150/1A12DENIL Datasheet
228Kb / 3P
   MINIATURE HIGH POWER RELAY
HF2150/1A12DNILF ETC1-HF2150/1A12DNILF Datasheet
228Kb / 3P
   MINIATURE HIGH POWER RELAY
More results

Similar Description - HF2150-1C-48DETF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF2150 ETC1-HF2150 Datasheet
228Kb / 3P
   MINIATURE HIGH POWER RELAY
logo
HuaXinAn Electronics CO...
SM-MP HUAXINAN-SM-MP Datasheet
345Kb / 3P
   Miniature High Power Relay
logo
Hongfa Technology
HF14FW HONGFA-HF14FW_15 Datasheet
62Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-S HONGFA-HF115F-S Datasheet
48Kb / 2P
   MINIATURE HIGH POWER RELAY
HF116F-1 HONGFA-HF116F-1_15 Datasheet
79Kb / 4P
   MINIATURE HIGH POWER RELAY
HF116F-2 HONGFA-HF116F-2_15 Datasheet
72Kb / 3P
   MINIATURE HIGH POWER RELAY
HF118F HONGFA-HF118F_15 Datasheet
64Kb / 3P
   MINIATURE HIGH POWER RELAY
HF158F HONGFA-HF158F Datasheet
60Kb / 3P
   MINIATURE HIGH POWER RELAY
HF161F HONGFA-HF161F Datasheet
57Kb / 3P
   MINIATURE HIGH POWER RELAY
HF2110 HONGFA-HF2110_15 Datasheet
94Kb / 6P
   MINIATURE HIGH POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com