Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT827CTQ Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT74FCT827CTQ
Description  FAST CMOS 10-BIT BUFFERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT827CTQ Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT74FCT827CTQ Datasheet HTML 1Page - Integrated Device Technology IDT74FCT827CTQ Datasheet HTML 2Page - Integrated Device Technology IDT74FCT827CTQ Datasheet HTML 3Page - Integrated Device Technology IDT74FCT827CTQ Datasheet HTML 4Page - Integrated Device Technology IDT74FCT827CTQ Datasheet HTML 5Page - Integrated Device Technology IDT74FCT827CTQ Datasheet HTML 6Page - Integrated Device Technology IDT74FCT827CTQ Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
IDT54/74FCT827AT/BT/CT/DT, IDT54/74FCT2827AT/BT/CT
HIGH-PERFORMANCE CMOS BUFFERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.22
6
TEST CIRCUITS AND WAVEFORMS
TEST CIRCUITS FOR ALL OUTPUTS
ENABLE AND DISABLE TIMES
PROPAGATION DELAY
SWITCH POSITION
Pulse
Generator
R T
D.U.T.
V CC
VIN
C L
VOUT
50pF
500
500
7.0V
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
DATA
INPUT
TIMING
INPUT
ASYNCHRONOUS CONTROL
PRESET
CLEAR
ETC.
SYNCHRONOUS CONTROL
tSU
tH
tREM
tSU
tH
HIGH-LOW-HIGH
PULSE
LOW-HIGH-LOW
PULSE
tW
1.5V
1.5V
SAME PHASE
INPUT TRANSITION
3V
1.5V
0V
1.5V
VOH
tPLH
OUTPUT
OPPOSITE PHASE
INPUT TRANSITION
3V
1.5V
0V
tPLH
tPHL
tPHL
VOL
CONTROL
INPUT
3V
1.5V
0V
3.5V
0V
OUTPUT
NORMALLY
LOW
OUTPUT
NORMALLY
HIGH
SWITCH
CLOSED
SWITCH
OPEN
VOL
0.3V
0.3V
tPLZ
tPZL
tPZH
tPHZ
3.5V
0V
1.5V
1.5V
ENABLE
DISABLE
VOH
PRESET
CLEAR
CLOCK ENABLE
ETC.
NOTES:
1. Diagram shown for input Control Enable-LOW and input Control Disable-
HIGH
2. Pulse Generator for All Pulses: Rate
≤ 1.0MHz; tF ≤ 2.5ns; tR ≤ 2.5ns
Test
Switch
Disable Low
Enable Low
Closed
All Other Tests
Open
Open Drain
2573 lnk 11
DEFINITIONS:
CL=
Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse
Generator.
SET-UP, HOLD AND RELEASE TIMES
PULSE WIDTH
2573 drw 04
2573 drw 05
2573 drw 06
2573 drw 07
2573 drw 08


Similar Part No. - IDT74FCT827CTQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT827C IDT-IDT74FCT827C Datasheet
111Kb / 7P
   HIGH-PERFORMANCE CMOS BUFFERS
IDT74FCT827CD IDT-IDT74FCT827CD Datasheet
111Kb / 7P
   HIGH-PERFORMANCE CMOS BUFFERS
IDT74FCT827CDB IDT-IDT74FCT827CDB Datasheet
111Kb / 7P
   HIGH-PERFORMANCE CMOS BUFFERS
IDT74FCT827CE IDT-IDT74FCT827CE Datasheet
111Kb / 7P
   HIGH-PERFORMANCE CMOS BUFFERS
IDT74FCT827CEB IDT-IDT74FCT827CEB Datasheet
111Kb / 7P
   HIGH-PERFORMANCE CMOS BUFFERS
More results

Similar Description - IDT74FCT827CTQ

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT827T PERICOM-PI74FCT827T Datasheet
105Kb / 5P
   Fast CMOS 10-Bit Buffers
PI74LCX827 PERICOM-PI74LCX827 Datasheet
152Kb / 7P
   Fast CMOS 3.3V 10-Bit Buffers
logo
Integrated Device Techn...
IDT74FCT16827AT IDT-IDT74FCT16827AT Datasheet
120Kb / 8P
   FAST CMOS 20-BIT BUFFERS
logo
Pericom Semiconductor C...
PI74FCT16827 PERICOM-PI74FCT16827 Datasheet
65Kb / 7P
   Fast CMOS 20-Bit Buffers
logo
Integrated Device Techn...
IDT74FCT3827A IDT-IDT74FCT3827A Datasheet
102Kb / 7P
   3.3V CMOS 10-BIT BUFFERS
logo
Recom International Pow...
PI74LPT16827 RECOM-PI74LPT16827 Datasheet
49Kb / 5P
   Fast CMOS 3.3V 20-Bit Buffers
logo
Fairchild Semiconductor
74F827 FAIRCHILD-74F827 Datasheet
66Kb / 7P
   10-Bit Buffers/Line Drivers
logo
National Semiconductor ...
54F827SDM NSC-54F827SDM Datasheet
164Kb / 8P
   10-Bit Buffers/Line Drivers
logo
Texas Instruments
CY74FCT827ATSOCTE4 TI1-CY74FCT827ATSOCTE4 Datasheet
289Kb / 11P
[Old version datasheet]   10-BIT BUFFERS WITH 3-STATE OUTPUTS
logo
List of Unclassifed Man...
QS5244 ETC1-QS5244 Datasheet
227Kb / 4P
   LOW SKEW CMOS 8-BIT BUFFERS / LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com