Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32673P Datasheet(PDF) 5 Page - TDK Electronics

Part # B32673P
Description  Metallized Polypropylene Film Capacitors (MKP)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32673P Datasheet(HTML) 5 Page - TDK Electronics

  B32673P Datasheet HTML 1Page - TDK Electronics B32673P Datasheet HTML 2Page - TDK Electronics B32673P Datasheet HTML 3Page - TDK Electronics B32673P Datasheet HTML 4Page - TDK Electronics B32673P Datasheet HTML 5Page - TDK Electronics B32673P Datasheet HTML 6Page - TDK Electronics B32673P Datasheet HTML 7Page - TDK Electronics B32673P Datasheet HTML 8Page - TDK Electronics B32673P Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Ordering codes and packing units (lead spacing 15 mm)
VR
V DC
VRMS
f
≤1 kHz
V AC
CR
µF
Ordering code
(composition see
below)
Max. dimensions
w
× h × l
mm
Ammo
pack
pcs./MOQ
Reel
pcs./MOQ
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series, intermediate capacitance values and closer tolerance on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
J =
±5%
K =
±10%
M =
±20%
289 = Straight terminals, Ammo pack
189 = Straight terminals, Reel
255 = Crimped down to lead spacing 7.5 mm,
Ammo pack
155 = Crimped down to lead spacing 7.5 mm,
Reel
003 = Straight terminals, untaped (lead length
3.2
± 0.3 mm)
000 = Straight terminals, untaped (lead length
6 1 mm)
450
160
0.10
B32672P4104+***
5.0
× 10.5 × 18.0 4680
5200
4000
0.22
B32672P4224+***
5.0
× 10.5 × 18.0 4680
5200
4000
0.33
B32672P4334+***
5.0
× 10.5 × 18.0 4680
5200
4000
0.47
B32672P4474+***
5.0
× 10.5 × 18.0 4680
5200
4000
0.56
B32672P4564+***
6.0
× 11.0 × 18.0 3840
4400
4000
0.68
B32672P4684+***
6.0
× 12.0 × 18.0 3840
4400
4000
1.0
B32672P4105+***
7.0
× 12.5 × 18.0 3320
3600
4000
1.5
B32672P4155+***
9.0
× 17.5 × 18.0 2560
2800
2000
2.0
B32672P4205+***
9.0
× 17.5 × 18.0 2560
2800
2000
2.2
B32672P4225+***
11.0
× 18.5 × 18.0
2200
1200
520
200
0.15
B32672P5154+***
5.0
× 10.5 × 18.0 4680
5200
4000
0.22
B32672P5224+***
5.0
× 10.5 × 18.0 4680
5200
4000
0.33
B32672P5334+***
6.0
× 11.0 × 18.0 3840
4400
4000
0.47
B32672P5474+***
7.0
× 12.5 × 18.0 3320
3600
4000
0.68
B32672P5684+***
8.5
× 14.5 × 18.0 2720
2800
2000
1.0
B32672P5105+***
9.0
× 17.5 × 18.0 2560
2800
2000
1.5
B32672P5155+***
11.0
× 18.5 × 18.0
2200
1000
630
200
0.15
B32672P6154+***
5.0
× 10.5 × 18.0 4680
5200
4000
0.22
B32672P6224+***
6.0
× 11.0 × 18.0 3840
4400
4000
0.33
B32672P6334+***
7.0
× 12.5 × 18.0 3320
3600
4000
0.47
B32672P6474+***
8.0
× 14.0 × 18.0 2920
3000
2000
0.68
B32672P6684+***
9.0
× 17.5 × 18.0 2560
2800
2000
1.0
B32672P6105+***
11.0
× 18.5 × 18.0
2200
1000
B32672P
Power Factor Correction
Page 5 of 18
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32673P

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32673P EPCOS-B32673P Datasheet
513Kb / 23P
   Metallized Polypropylene Film Capacitors
B32673P EPCOS-B32673P Datasheet
520Kb / 24P
   Metallized Polypropylene Film Capacitors (MKP)
B32673P EPCOS-B32673P Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
More results

Similar Description - B32673P

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32653A1473J EPCOS-B32653A1473J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
B32674 TDK-B32674_16 Datasheet
2Mb / 40P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com