Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28F002BC Datasheet(PDF) 10 Page - Intel Corporation

Part # 28F002BC
Description  28F002BC 2-MBIT (256K X 8) BOOT BLOCK FLASH MEMORY
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F002BC Datasheet(HTML) 10 Page - Intel Corporation

Back Button 28F002BC Datasheet HTML 6Page - Intel Corporation 28F002BC Datasheet HTML 7Page - Intel Corporation 28F002BC Datasheet HTML 8Page - Intel Corporation 28F002BC Datasheet HTML 9Page - Intel Corporation 28F002BC Datasheet HTML 10Page - Intel Corporation 28F002BC Datasheet HTML 11Page - Intel Corporation 28F002BC Datasheet HTML 12Page - Intel Corporation 28F002BC Datasheet HTML 13Page - Intel Corporation 28F002BC Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
28F002BC 2-MBIT BOOT BLOCK FLASH MEMORY
E
10
PRELIMINARY
1.5
Pin Descriptions
Table 1. 28F002BC Pin Descriptions
Symbol
Type
Name and Function
A–1,
A0–A17
INPUT
ADDRESS INPUTS for memory addresses. Addresses are internally latched
during a write cycle. A-1 is used on the PSOP package only. A17 is used on the
TSOP and PDIP packages.
A9
INPUT
ADDRESS INPUT: When A9 is at VHH, the signature mode is accessed. During
this mode, A0 decodes between the manufacturer and device IDs.
DQ0
DQ7
INPUT/
OUTPUT
DATA INPUTS/OUTPUTS: Inputs array data on the second CE# and WE#
cycle during a program operation. Inputs commands to the Command User
Interface when CE# and WE# are active. Data is internally latched during the
write cycle. Outputs array, Intelligent Identifier and Status register data. The
data pins float to tri-state when the chip is de-selected or the outputs are
disabled.
CE#
INPUT
CHIP ENABLE: Activates the device’s control logic, input buffers, decoders and
sense amplifiers. CE# is active low. CE# high deselects the memory device and
reduces power consumption to standby levels. If CE# and RP# are high, but not
at a CMOS high level, the standby current will increase due to current flow
through the CE# and RP# input stages.
OE#
INPUT
OUTPUT ENABLE: Enables the device’s outputs through the data buffers
during a read cycle. OE# is active low.
WE#
INPUT
WRITE ENABLE: Controls writes to the Command Register and array blocks.
WE# is active low. Addresses and data are latched on the rising edge of the
WE# pulse.
RP#
INPUT
RESET/DEEP POWER-DOWN: Provides three-state control. Puts the device in
deep power-down mode, locks, and unlocks the boot block from program/erase.
When RP# is at logic high level (6.5V maximum), the boot block is locked and
cannot be programmed or erased.
When RP# = VHH (11.4V minimum ), the boot block is unlocked and can be
programmed or erased.
When RP# is at a logic low level the boot block is locked, the deep power-down
mode is enabled and the WSM is reset—preventing any blocks from being
programmed or erased. When RP# transitions from logic low to logic high, the
flash memory enters the read array mode.
VCC
DEVICE POWER SUPPLY: 5.0V
± 10%, 5.0V ± 5%
VPP
PROGRAM/ERASE POWER SUPPLY: For erasing memory array blocks or
programming data in each block. When VPP < VPPLK all blocks are locked and
memory contents cannot be altered.
GND
GROUND: For all internal circuitry.
NC
NO CONNECT: Pin may be driven or left floating.


Similar Part No. - 28F002BC

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F002BV-B INTEL-28F002BV-B Datasheet
638Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
More results

Similar Description - 28F002BC

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F200BX-T INTEL-A28F200BX-T Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F200BR-TB INTEL-A28F200BR-TB Datasheet
440Kb / 36P
   2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BL-TB INTEL-28F200BL-TB Datasheet
496Kb / 42P
   2-MBIT (128K x 16, 256K x 8)LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
   4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
28F001BX-T INTEL-28F001BX-T Datasheet
436Kb / 33P
   1-MBIT (128K x 8) BOOT BLOCK FLASH MEMORY
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
   4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
STMicroelectronics
M29W008ET STMICROELECTRONICS-M29W008ET Datasheet
282Kb / 43P
   8 Mbit (1Mb x 8, Boot Block) 3V Supply Flash Memory
logo
Intel Corporation
28F002BV-B INTEL-28F002BV-B Datasheet
638Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com