Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32671L1152 Datasheet(PDF) 11 Page - TDK Electronics

Part # B32671L1152
Description  Metallized Polypropylene Film Capacitors
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32671L1152 Datasheet(HTML) 11 Page - TDK Electronics

Back Button B32671L1152 Datasheet HTML 7Page - TDK Electronics B32671L1152 Datasheet HTML 8Page - TDK Electronics B32671L1152 Datasheet HTML 9Page - TDK Electronics B32671L1152 Datasheet HTML 10Page - TDK Electronics B32671L1152 Datasheet HTML 11Page - TDK Electronics B32671L1152 Datasheet HTML 12Page - TDK Electronics B32671L1152 Datasheet HTML 13Page - TDK Electronics B32671L1152 Datasheet HTML 14Page - TDK Electronics B32671L1152 Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
dV/dt values
Lead spacing 15 mm
Type
B32672L
VRMS (V AC)
160
200
250
500
600
700
900
VR (V DC)
250
420
630
1000
1300
1600
2000
2000
CR (nF)
dV/dt in V/
µs
0.68
15000
1.0
10000
15000
1.2
9400
14100
1.5
9000
13500
2.2
7500
11000
2.7
7100
10600
3.3
6800
10000
3.9
6000
9000
4.7
5500
8200
5.6
5000
7500
6.2
3600
4700
7000
6.8
1000
3500
4500
6700
8.2
3100
4200
10
445
1000
2800
3900
12
2600
3600
15
445
2300
3300
22
445
1000
2000
2900
33
300
445
1000
1700
2300
47
300
445
1000
1400
56
68
200
300
445
1000
100
200
300
445
150
170
200
300
445
220
170
200
300
330
170
200
390
300
470
170
200
680
170
200
1000
170
B32671L ... B32672L
High V AC, high temperature (wound)
Page 11 of 30
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32671L1152

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32671L1152 EPCOS-B32671L1152 Datasheet
552Kb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32671L1152 EPCOS-B32671L1152 Datasheet
570Kb / 30P
   Metallized Polypropylene Film Capacitors
B32671L1152 EPCOS-B32671L1152 Datasheet
570Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
B32671L1152 TDK-B32671L1152 Datasheet
863Kb / 39P
   Metallized Polypropylene Film Capacitors
More results

Similar Description - B32671L1152

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com