Electronic Components Datasheet Search |
|
AD1986A Datasheet(PDF) 9 Page - Analog Devices |
|
AD1986A Datasheet(HTML) 9 Page - Analog Devices |
9 / 56 page AD1986A Rev. 0 | Page 9 of 56 ABSOLUTE MAXIMUM RATINGS Table 14. Power Supply Min Max Unit Digital (DVDD) −0.3 +3.6 V Analog (AVDD) −0.3 +6.0 V Input Current (Except Supply Pins) ±10.0 mA Analog Input Voltage (Signal Pins) −0.3 AVDD + 0.3 V Digital Input Voltage (Signal Pins) −0.3 DVDD + 0.3 V Ambient Temperature (Operating) Commercial Industrial 0 –40 +70 +85 °C Storage Temperature −65 +150 °C Stresses greater than those listed under Absolute Maximum Ratings can cause permanent damage to the device. This is a stress rating only, functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods can affect device reliability. ENVIRONMENTAL CONDITIONS Ambient Temperature Rating TAMB = TCASE − (PD × θCA) TCASE = case temperature in °C PD = power dissipation in W θCA = thermal resistance (case-to-ambient) θJA = thermal resistance (junction-to-ambient) θJC = thermal resistance (junction-to-case) Table 15. Thermal Resistance Package θJA θJC θCA LQFP 48°C/W 17°C/W 31°C/W LFCSP 47°C/W 15°C/W 32°C/W ESD CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |
Similar Part No. - AD1986A_15 |
|
Similar Description - AD1986A_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |