Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28F008B3 Datasheet(PDF) 6 Page - Intel Corporation

Part # 28F008B3
Description  SMART 3 ADVANCED BOOT BLOCK BYTE-WIDE
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008B3 Datasheet(HTML) 6 Page - Intel Corporation

Back Button 28F008B3 Datasheet HTML 2Page - Intel Corporation 28F008B3 Datasheet HTML 3Page - Intel Corporation 28F008B3 Datasheet HTML 4Page - Intel Corporation 28F008B3 Datasheet HTML 5Page - Intel Corporation 28F008B3 Datasheet HTML 6Page - Intel Corporation 28F008B3 Datasheet HTML 7Page - Intel Corporation 28F008B3 Datasheet HTML 8Page - Intel Corporation 28F008B3 Datasheet HTML 9Page - Intel Corporation 28F008B3 Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
SMART 3 ADVANCED BOOT BLOCK–BYTE-WIDE
E
6
PRELIMINARY
1.2
Product Overview
Intel provides the most flexible voltage solution in
the flash industry, providing three discrete voltage
supply pins: VCC for read operation, VCCQ for output
swing, and VPP for program and erase operation.
Discrete supply pins allow system designers to use
the optimal voltage levels for their design. All Smart
3 Advanced Boot Block flash memory products
provide program/erase capability at 2.7V or 12V
and read with VCC at 2.7V. Since many designs
read from the flash memory a large percentage of
the
time,
2.7V
VCC
operation
can
provide
substantial power savings. The 12V VPP option
maximizes program and erase performance during
production programming.
The Smart 3 Advanced Boot Block flash memory
products are high-performance devices with low
power operation. The available densities for the
byte-wide devices (x8) are
a.
8-Mbit
(8,388,608-bit)
flash
memory
organized as 1 Mbyte of 8 bits each
b.
16-Mbit
(16,777,216-bit)
flash
memory
organized as 2 Mbytes of 8 bits each.
For word-wide devices (x16) see the
Smart 3
Advanced Boot Block Word-Wide Flash Memory
Family datasheet.
The parameter blocks are located at either the top
(denoted by -T suffix) or the bottom (-B suffix) of the
address map in order to accommodate different
microprocessor protocols for kernel code location.
The upper two (or lower two) parameter blocks can
be locked to provide complete code security for
system initialization code. Locking and unlocking is
controlled by WP# (see Section 3.3 for details).
The Command User Interface (CUI) serves as the
interface
between
the
microprocessor
or
microcontroller and the internal operation of the
flash memory. The internal Write State Machine
(WSM) automatically executes the algorithms and
timings
necessary
for
program
and
erase
operations,
including
verification,
thereby
un-
burdening the microprocessor or microcontroller.
The status register indicates the status of the WSM
by
signifying
block
erase
or
byte
program
completion and status.
Program and erase automation allows program and
erase operations to be executed using an industry-
standard two-write command sequence to the CUI.
Data writes are performed in byte increments. Each
byte in the flash memory can be programmed
independently of other memory locations; every
erase operation erases all locations within a block
simultaneously. Program suspend allows system
software to suspend the program command in order
to read from any other block. Erase suspend allows
system software to suspend the block erase
command in order to read from or program data to
any other block.
The Smart 3 Advanced Boot Block flash memory is
also designed with an Automatic Power Savings
(APS) feature which minimizes system current
drain, allowing for very low power designs. This
mode
is
entered
immediately
following
the
completion of a read cycle.
When the CE# and RP# pins are at VCC, the ICC
CMOS standby mode is enabled. A deep power-
down mode is enabled when the RP# pin is at
GND, minimizing power consumption and providing
write protection. ICC current in deep power-down is
1 µA typical (2.7V VCC). A minimum reset time of
tPHQV is required from RP# switching high until
outputs are valid to read attempts. With RP# at
GND, the WSM is reset and Status Register is
cleared. Section 3.5 contains additional information
on using the deep power-down feature, along with
other power consumption issues.
The RP# pin provides additional protection against
unwanted command writes that may occur during
system reset and power-up/down sequences due to
invalid system bus conditions (see Section 3.6).
Refer to the DC Characteristics Table, Sections 5.1
and
6.1,
for
complete
current
and
voltage
specifications. Refer to the AC Characteristics
Table, Section 7.0, for read, program and erase
performance specifications.
2.0
PRODUCT DESCRIPTION
This section explains device pin description and
package pinouts.


Similar Part No. - 28F008B3

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F008B3 INTEL-28F008B3 Datasheet
304Kb / 48P
   SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
More results

Similar Description - 28F008B3

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F400B3 INTEL-28F400B3 Datasheet
427Kb / 49P
   SMART 3 ADVANCED BOOT BLOCK WORD-WIDE
28F320B3 INTEL-28F320B3 Datasheet
304Kb / 48P
   SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
TE28F320 INTEL-TE28F320 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
logo
Numonyx B.V
28F800C3 NUMONYX-28F800C3 Datasheet
639Kb / 70P
   Advanced Boot Block Flash
logo
Intel Corporation
28F640C3 INTEL-28F640C3 Datasheet
177Kb / 18P
   3 Volt Intel Advanced Boot Block Flash Memory
28F800C3 INTEL-28F800C3 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
28F004S3 INTEL-28F004S3 Datasheet
703Kb / 41P
   BYTE-WIDE SMART 3 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
28F008C3 INTEL-28F008C3 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
RD28F3208C3T70 INTEL-RD28F3208C3T70 Datasheet
1Mb / 70P
   3 VOLT INTEL AdvancedBootBlock FlashMemory(C3)Stacked-ChipScalPackageFamilye
28F004S5 INTEL-28F004S5 Datasheet
611Kb / 37P
   BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com