Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28F008SA-L Datasheet(PDF) 10 Page - Intel Corporation

Part # 28F008SA-L
Description  8-MBIT (1 MBIT x 8) FLASHFILETM MEMORY
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008SA-L Datasheet(HTML) 10 Page - Intel Corporation

Back Button 28F008SA-L Datasheet HTML 6Page - Intel Corporation 28F008SA-L Datasheet HTML 7Page - Intel Corporation 28F008SA-L Datasheet HTML 8Page - Intel Corporation 28F008SA-L Datasheet HTML 9Page - Intel Corporation 28F008SA-L Datasheet HTML 10Page - Intel Corporation 28F008SA-L Datasheet HTML 11Page - Intel Corporation 28F008SA-L Datasheet HTML 12Page - Intel Corporation 28F008SA-L Datasheet HTML 13Page - Intel Corporation 28F008SA-L Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
28F008SA-L
Deep Power-Down
The 28F008SA-L offers a deep power-down feature
entered when RP
is at VIL Current draw thru VCC
is 020 mA typical in deep powerdown mode with
current draw through VPP typically 01 mA During
read modes
RP -low deselects the memory
places output drivers in a high-impedence state and
turns off all internal circuits The 28F008SA-L re-
quires time tPHQV (see AC Characteristics-Read-
Only Operations) after return from powerdown until
initial memory access outputs are valid After this
wakeup interval normal operation is restored The
Command User Interface is reset to Read Array and
the upper 5 bits of the Status Register are cleared to
value 10000 upon return to normal operation
During block erase or byte write modes RP
low
will abort either operation Memory contents of the
block being altered are no longer valid as the data
will be partially written or erased Time tPHWL after
RP
goes to logic-high (VIH) is required before an-
other command can be written
This use of RP
during system reset is important
with automated writeerase devices When the sys-
tem come out of reset it expects to read from the
flash memory Automated flash memories provide
status information when accessed during write
erase modes If a CPU reset occurs with no flash
memory reset proper CPU initialization would not
occur because the flash memory would be providing
the status information instead of array data Intel’s
Flash Memories allow proper CPU initialization fol-
lowing a system reset through the use of the RP
input In this application RP
is controlled by the
same RESET
signal that resets the system CPU
Intelligent Identifier Operation
The Intelligent Identifier operation outputs the manu-
facturer code 89H and the device code A2H for
the 28F008SA-L The system CPU can then auto-
matically match the device with its proper block
erase and byte write algorithms
The manufacturer- and device-codes are read via
the Command User Interface Following a write of
90H to the Command User Interface a read from
address location 00000H outputs the manufacturer
code (89H) A read from address 00001H outputs
the device code (A2H) It is not necessary to have
high voltage applied to VPP to read the Intelligent
Identifiers from the Command User Interface
Table 3 Command Definitions
Command
Cycles
Req’d
Bus
Notes
First Bus Cycle
Second Bus Cycle
Operation Address Data Operation Address Data
Read ArrayReset
1
1
Write
X
FFH
Intelligent Identifier
3
2 3 4
Write
X
90H
Read
IA
IID
Read Status Register
2
3
Write
X
70H
Read
X
SRD
Clear Status Register
1
Write
X
50H
Erase SetupErase Confirm
2
2
Write
BA
20H
Write
BA
D0H
Erase SuspendErase Resume
2
Write
X
B0H
Write
X
D0H
Byte Write SetupWrite
2
2 3 5
Write
WA
40H
Write
WA
WD
Alternate Byte Write SetupWrite
2
2 3 5
Write
WA
10H
Write
WA
WD
NOTES
1 Bus operations are defined in Table 2
2 IA e Identifier Address 00H for manufacturer code 01H for device code
BA e Address within the block being erased
WA e Address of memory location to be written
3 SRD e Data read from Status Register See Table 4 for a description of the Status Register bits
WD e Data to be written at location WA Data is latched on the rising edge of WE
IID e Data read from Intelligent Identifiers
4 Following the Intelligent Identifier command two read operations access manufacture and device codes
5 Either 40H or 10H are recognized by the WSM as the Byte Write Setup command
6 Commands other than those shown above are reserved by Intel for future device implementations and should not be
used
10


Similar Part No. - 28F008SA-L

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F008SA-L INTEL-28F008SA-L Datasheet
381Kb / 26P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
More results

Similar Description - 28F008SA-L

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F008SA INTEL-28F008SA Datasheet
466Kb / 33P
   8-MBIT (1-MBIT x 8) FlashFileTM MEMORY
VS28F016SV INTEL-VS28F016SV Datasheet
612Kb / 50P
   16-Mbit (1-Mbit x 16, 2-Mbit x 8) FlashFileTM MEMORY
M28F008 INTEL-M28F008 Datasheet
401Kb / 28P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
VE28F008 INTEL-VE28F008 Datasheet
381Kb / 26P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
logo
Sharp Corporation
LH28F008SAHR SHARP-LH28F008SAHR Datasheet
1Mb / 29P
   8 MBIT(1 MBIT x 8)FLASH MEMORY
LH28F008SAT SHARP-LH28F008SAT Datasheet
2Mb / 34P
   8 MBIT(1 MBIT x 8) FLASH MEMORY
logo
Rochester Electronics
M28F008 ROCHESTER-M28F008 Datasheet
1Mb / 14P
   8 MBIT (1 MBIT x 8) FLASH MEMORY Extended Cycllng Capablllty
logo
Intel Corporation
28F016SV INTEL-28F016SV Datasheet
635Kb / 63P
   16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY
28F016SA INTEL-28F016SA Datasheet
840Kb / 55P
   28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
28F016XS INTEL-28F016XS Datasheet
1Mb / 54P
   16-MBIT (1 MBIT x 16, 2 MBIT x 8) SYNCHRONOUS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com