Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32776E5256K000 Datasheet(PDF) 11 Page - TDK Electronics

Part # B32776E5256K000
Description  Metallized Polypropylene Film Capacitors
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32776E5256K000 Datasheet(HTML) 11 Page - TDK Electronics

Back Button B32776E5256K000 Datasheet HTML 7Page - TDK Electronics B32776E5256K000 Datasheet HTML 8Page - TDK Electronics B32776E5256K000 Datasheet HTML 9Page - TDK Electronics B32776E5256K000 Datasheet HTML 10Page - TDK Electronics B32776E5256K000 Datasheet HTML 11Page - TDK Electronics B32776E5256K000 Datasheet HTML 12Page - TDK Electronics B32776E5256K000 Datasheet HTML 13Page - TDK Electronics B32776E5256K000 Datasheet HTML 14Page - TDK Electronics B32776E5256K000 Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
1) Capacitance value measured at 1 kHz
2) Max ripple current IRMS at 70
°C, 10 kHz for ∆T ≤ 20 °C at ∆ESR
typ
≤ ±5%
3) Typical ESL value measured at resonance frequency (see specific graphs of Z vs freq)
Ordering codes and packing units (lead spacing 52.5 mm, P1 = 20.3 mm)
CR1)
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
IRMS,max2)
70
°C
10 kHz
A
ESRtyp
70
°C
10 kHz
m
ESLtyp3)
70
°C
10 kHz
nH
tan
δ
1 kHz
10-3
tan
δ
10 kHz
10-3
pcs.
MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Intermediate capacitance values are available on request.
Composition of ordering code
+ =
Capacitance tolerance code:
J =
±5%
K =
±10%
VR,70 °C = 450 V DC, Vop,85 °C = 450 V DC
55
43.0
× 22.0 × 57.5 B32778T4556+000 16.5
7.2
13.0
4.3
41.7
420
75
30.0
× 45.0 × 57.5 B32778G4756+000 21.0
5.6
12.0
4.4
42.6
280
80
30.0
× 45.0 × 57.5 B32778G4806+000 21.5
5.3
13.0
4.4
42.7
280
100
35.0
× 50.0 × 57.5 B32778G4107+000 26.0
4.3
14.0
4.5
43.3
108
110
35.0
× 50.0 × 57.5 B32778G4117K000 27.0
3.9
15.0
4.5
43.6
108
150
130.0
× 22.0 × 57.5 B32778J4157+000
43.5
2.7
4.0
4.4
42.1
80
170
45.0
× 57.0 × 57.5 B32778G4177+000 36.5
2.6
17.0
4.6
45.7
140
180
60.0
× 45.0 × 57.5 B32778G4187+000 39.0
2.5
19.0
4.6
44.6
200
480
130.0
× 58.0 × 57.5 B32778J4487K000
79.5
0.9
6.0
4.8
45.4
40
VR,70 °C = 575 V DC, Vop,85 °C = 500 V DC
40
43.0
× 22.0 × 57.5 B32778T5406+000 15.5
8.5
13.0
3.6
34.5
420
60
30.0
× 45.0 × 57.5 B32778G5606+000 20.5
5.8
13.0
3.7
35.3
280
80
35.0
× 50.0 × 57.5 B32778G5806+000 25.5
4.4
15.0
3.7
36.0
108
110
130.0
× 22.0 × 57.5 B32778J5117+000
40.5
3.0
5.0
3.6
34.5
80
120
45.0
× 57.0 × 57.5 B32778G5127+000 34.5
3.1
17.0
3.8
37.2
140
130
60.0
× 45.0 × 57.5 B32778G5137+000 36.5
2.8
19.0
3.8
36.7
200
360
130.0
× 58.0 × 57.5 B32778J5367K000
75.0
1.0
6.0
4.0
37.3
40
VR,70 °C = 800 V DC, Vop,85 °C = 700 V DC
30
43.0
× 22.0 × 57.5 B32778T8306+000 14.5
9.8
14.0
3.2
30.2
420
45
30.0
× 45.0 × 57.5 B32778G8456+000 19.5
6.6
14.0
3.2
30.9
280
50
30.0
× 45.0 × 57.5 B32778G8506+000 20.0
6.3
13.0
3.2
30.9
280
55
35.0
× 50.0 × 57.5 B32778G8556+000 23.0
5.6
14.0
3.2
31.1
108
60
35.0
× 50.0 × 57.5 B32778G8606+000 23.5
5.1
15.0
3.3
31.2
108
80
130.0
× 22.0 × 57.5 B32778J8806+000
37.5
3.6
4.0
3.2
30.2
80
90
45.0
× 57.0 × 57.5 B32778G8906+000 32.5
3.5
17.0
3.3
32.2
140
100
60.0
× 45.0 × 57.5 B32778G8107+000 34.5
3.2
19.0
3.3
31.9
200
270
130.0
× 58.0 × 57.5 B32778J8277K000
70.5
1.2
6.0
3.5
32.4
40
B32778
MKP DC link
high density series
up to 480
µF
Page 11 of 43
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32776E5256K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32776E5256K000 EPCOS-B32776E5256K000 Datasheet
273Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
B32776E5256K000 TDK-B32776E5256K000 Datasheet
1Mb / 45P
   Metallized Polypropylene Film Capacitors (MKP)
More results

Similar Description - B32776E5256K000

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com