Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FB201209U301 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # FB201209U301
Description  SMD MULTILAYER FERRITE CHIP BEADS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

FB201209U301 Datasheet(HTML) 2 Page - Frontier Electronics.

  FB201209U301 Datasheet HTML 1Page - Frontier Electronics. FB201209U301 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FB2012209 (0805) Series – SMD MULTILAYER FERRITE CHIP BEADS
(HIGH IMPEDANCE)
Rev. A
D. Materials:
ITEM
UNIT
Material Code
L
B
G
U
Z
Initial Permeability (µiac):
----
25
45
110
200
500
Maximum Permeability (µm):
----
125
125
250
450
900
Saturation Flux Density at 10 Oe:
Gauss
2000
2000
1700
1400
1500
Curie Temperature(Tc):
°C
>200
>200
>130
>100
>130
Volume Resistivity (
ρ):
Ω-m
100000
100000
100000
100000
100000
Temperature Coefficient:
1/10000°C
10
10
13
5
12
Density:
g/cm³
4.8
4.8
4.8
4.8
4.8
E. Impedance Characteristics of Materials:
a.
Z Material is for applications whose blocking regions are near 100 MHz.
b.
L Material, an improvement of B Material has sharp impedance characteristic at high frequency.
c.
G Material is for application whose signal frequency is far from the cut off region. Suitable for application requires low
insertion loss at high frequency.
d.
Different materials are available for different application range.
e.
With one material, higher impedance has sharper characteristics.
f.
Please confirm the signal wave form to choose suitable products.
C. General Information
1.
FB201209-yxxx, “FB201209” = P/N, “y” = Material, “xxx” = Impedance.
2.
Tolerance: ±25%
3.
Small and lightweight surface mounting type.
4.
Dimensions are suitable for automatic mounting
5.
High-density packaging with a pitch of 2.54 mm (0.1 inch) max.is possible. This series requires less space and have greater EMI
suppression effects.
6.
Different types with the same shape are available.
7.
Excellent in physical properties, such as terminal strength, flexure strength, soldering resistance and solder-ability.
8.
Applicable to both flow and IR reflow soldering.
9.
High impedance covers wide frequency ranges.
10. TI series can be used in high current circuits due to its low DC resistance.
11. Operating temperature: -40
°C to +125ºC.
12. Impedance and Current Range: From 7
Ω (800 mA) to 2700 Ω (300 mA)
13. Unspecified values available on request.
14. MSL: Level 1.
D. Applications
1.
Game Consoles
2.
Set Top Boxes
3.
Cables Modems
4.
Computers
5.
Mobile Communication Devices (Cell Phones, Radios, etc.)
Frontier Electronics Corp.
®
Page 2 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - FB201209U301

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
FB201209U301 FENGJUI-FB201209U301 Datasheet
64Kb / 3P
   EMI SOLOTION PRODUCTS-RoHS
More results

Similar Description - FB201209U301

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FB100505 FRONTIER-FB100505 Datasheet
126Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
FB160808 FRONTIER-FB160808 Datasheet
137Kb / 3P
   SMD MULTILAYER FERRITE CHIP BEADS
FB321611 FRONTIER-FB321611 Datasheet
129Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
TI201209 FRONTIER-TI201209 Datasheet
131Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
FB451616 FRONTIER-FB451616 Datasheet
128Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH IMPEDANCE)
FB453215 FRONTIER-FB453215 Datasheet
128Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH IMPEDANCE)
TI322513 FRONTIER-TI322513 Datasheet
122Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
logo
Sumida Corporation
SHB-1M2012-150 SUMIDA-SHB-1M2012-150 Datasheet
527Kb / 5P
   Multilayer Chip Ferrite Beads
SHB-1T0603-800 SUMIDA-SHB-1T0603-800 Datasheet
394Kb / 2P
   Multilayer Chip Ferrite Beads
logo
Frontier Electronics.
TI321611 FRONTIER-TI321611 Datasheet
127Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com