Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LWK107B7474MVHT Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # LWK107B7474MVHT
Description  LW Reversal Decoupling MLCC for Automotive
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LWK107B7474MVHT Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  LWK107B7474MVHT Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc LWK107B7474MVHT Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Multi Layer Ceramic Capacitor -Electrical Characteristics Data-
13QA05
RoHS compliance product
LWK107B7474MVHT
10V 0816 X7R 0.47uF +/- 20% t=0.55mmMAX
10V 0306 X7R 0.47uF +/- 20% t=0.022inchMAX
部品特性は設置環境、測定条件等により変化する場合があります。本データをご使用される際は実際の製品特性に対する参考
データとしてご活用ください。また、本データは予告無く追加・削除及び変更を行う場合があります。ご注文の際は、納入仕様書の
ご確認をお願いします。
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification
LWK107B7474MVHT
Capacitance Freq.
0.01
0.1
1
10
100
0.1
1
10
100
1000
10000
Frequency[MHz]
LWK107B7474MVHT
DC Bias Char.
-50
-40
-30
-20
-10
0
10
02
4
6
8
10
DC Bias Voltage[V]
LWK107B7474MVHT
Impedance,ESR Freq.
0.001
0.01
0.1
1
10
100
1000
0.1
1
10
100
1000
10000
Frequency[MHz]
ESR
Z
LWK107B7474MVHT
Capacitance Temp.
-30
-20
-10
0
10
-55 -35 -15
5
25
45 65
85 105 125
Temperature[degreeC]


Similar Part No. - LWK107B7474MVHT

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LWK107B7474MV8T TAIYO-YUDEN-LWK107B7474MV8T Datasheet
447Kb / 3P
   LW Reversal Decoupling Capacitors for Telecommunications infrastructure and Industrial equipment / Medical devices (LWDC??
More results

Similar Description - LWK107B7474MVHT

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LWK105C7104MPHF TAIYO-YUDEN-LWK105C7104MPHF Datasheet
292Kb / 2P
   LW Reversal Decoupling MLCC for Automotive
AWK107C6225MVHT TAIYO-YUDEN-AWK107C6225MVHT Datasheet
291Kb / 2P
   LW Reversal Decoupling MLCC for Automotive
AWK212BJ226MDHT TAIYO-YUDEN-AWK212BJ226MDHT Datasheet
292Kb / 2P
   LW Reversal Decoupling MLCC for Automotive
EWK107B7474MVHT TAIYO-YUDEN-EWK107B7474MVHT Datasheet
293Kb / 2P
   LW Reversal Decoupling MLCC for Automotive
JWK105C7104MPHF TAIYO-YUDEN-JWK105C7104MPHF Datasheet
292Kb / 2P
   LW Reversal Decoupling MLCC for Automotive
LWK212BJ475KDHT TAIYO-YUDEN-LWK212BJ475KDHT Datasheet
293Kb / 2P
   LW Reversal Decoupling MLCC for Automotive
JWK105C6474MPHF TAIYO-YUDEN-JWK105C6474MPHF Datasheet
292Kb / 2P
   LW Reversal Decoupling MLCC for Automotive
EWK105BJ224MPHF TAIYO-YUDEN-EWK105BJ224MPHF Datasheet
293Kb / 2P
   LW Reversal Decoupling MLCC for Automotive
EWK107B7224MVHT TAIYO-YUDEN-EWK107B7224MVHT Datasheet
293Kb / 2P
   LW Reversal Decoupling MLCC for Automotive
AWK105BJ105MPHF TAIYO-YUDEN-AWK105BJ105MPHF Datasheet
292Kb / 2P
   LW Reversal Decoupling MLCC for Automotive
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com