Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FL201212-6R8 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # FL201212-6R8
Description  SMD MULTILAYER FERRITE CHIP INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

FL201212-6R8 Datasheet(HTML) 2 Page - Frontier Electronics.

  FL201212-6R8 Datasheet HTML 1Page - Frontier Electronics. FL201212-6R8 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FL2012 (0805) Series
SMD MULTILAYER FERRITE CHIP INDUCTORS
Rev. A
D. General Information
1.
P/N: FL2012yy-xxx_, “FL2012” =Size Type, “yy” = Thickness, “xxx” = Inductance, “_” = Tolerance.
2.
Tolerance “_” : M: ± 20%, K: ±10%
3.
The product’s material: Ferrite.
4.
Excellent solder ability and high heat resistance for either flow or reflow soldering.
5.
Monolithic structures for highly reliable surface mount applications.
6.
No cross coupling between inductors due to magnetic shield. Ideal for high-density installation.
7.
Superior Q characteristics guaranteed over the wide frequency and allow high frequency application.
8.
The completely monolithic structure gives high reliability and allows high SRF.
9.
Both flow and IR re-flow application are possible.
10. Operating temperature: -40
°C to +125ºC
11. 15ºC Temperature Rise at 25ºC ambient
12. Inductance Range: From 0.047uH (300mA) to 10.0uH (15mA)
13. SRF: From 24 MHz to 320 MHz
14. Unspecified values available on request.
15. MSL: Level 1.
E. Applications
1.
Game Consoles
2.
Set Top Boxes
3.
Cables Modems
4.
Computers
5.
Mobile Communication Devices (Cell Phones, Radios, etc.)
Frontier Electronics Corp.
®
Page 2 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - FL201212-6R8

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FL201212-6R8 FRONTIER-FL201212-6R8 Datasheet
118Kb / 2P
   SMD MULTILAYER FERRITE CHIP INDUCTORS
FL201212-6R8K FRONTIER-FL201212-6R8K Datasheet
34Kb / 1P
   Multi-layers Chip Inductors
logo
FENGJUI TECHNOLOGY CO.,...
FL201212-6R8K FENGJUI-FL201212-6R8K Datasheet
262Kb / 7P
   EMI SOLOTION PRODUCTS-RoHS
More results

Similar Description - FL201212-6R8

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FL160808 FRONTIER-FL160808_15 Datasheet
119Kb / 2P
   SMD MULTILAYER FERRITE CHIP INDUCTORS
FL201209 FRONTIER-FL201209_15 Datasheet
118Kb / 2P
   SMD MULTILAYER FERRITE CHIP INDUCTORS
logo
ECM Electronics Limited...
LNC30T ECM-LNC30T Datasheet
130Kb / 3P
   SMD Ferrite Chip Inductors
LNQ32T ECM-LNQ32T Datasheet
135Kb / 4P
   SMD Ferrite Chip Inductors
logo
Sumida Corporation
SFI-A1608-270 SUMIDA-SFI-A1608-270 Datasheet
371Kb / 3P
   Multilayer Chip Ferrite Inductors
logo
Abracon Corporation
AIML-0805-R33K-T ABRACON-AIML-0805-R33K-T Datasheet
542Kb / 1P
   MULTILAYER FERRITE CHIP INDUCTORS
01.11.11
AIML-0805 ABRACON-AIML-0805 Datasheet
68Kb / 1P
   MULTILAYER FERRITE CHIP INDUCTORS
logo
Sumida Corporation
SFI-A3216-470 SUMIDA-SFI-A3216-470 Datasheet
380Kb / 3P
   Multilayer Chip Ferrite Inductors
SFI-A2012-470 SUMIDA-SFI-A2012-470 Datasheet
383Kb / 3P
   Multilayer Chip Ferrite Inductors
logo
Token Electronics Indus...
TRMI160808 TOKEN-TRMI160808 Datasheet
410Kb / 8P
   TRMI Chip Multilayer Ferrite Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com