Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KS1373N Datasheet(PDF) 1 Page - Frontier Electronics.

Part # KS1373N
Description  7mm ADJUSTABLE IFT COILS (I) (SHIELDED)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

KS1373N Datasheet(HTML) 1 Page - Frontier Electronics.

  KS1373N Datasheet HTML 1Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KS1346N to KS1382N Series
7mm ADJUSTABLE IFT COILS (I) (SHIELDED)
Rev. A
A. Electrical Specifications:
Part No.
L (uH) Min.
L (uH) Nom.
L (uH) Max
Test Freq. (MHz)
Q Min.
DCR Max. (
Ω)
KS1346N
0.094
0.10
0.106
25
27
0.124
KS1347N
0.113
0.12
0.127
25
27
0.124
KS1348N
0.141
0.15
0.159
25
30
0.151
KS1349N
0.169
0.18
0.191
25
30
0.151
KS1350N
0.207
0.22
0.233
25
35
0.176
KS1351N
0.254
0.27
0.286
25
35
0.198
KS1352N
0.310
0.33
0.350
25
40
0.248
KS1353N
0.367
0.39
0.413
25
40
0.271
KS1354N
0.442
0.47
0.498
25
40
0.291
KS1355N
0.526
0.56
0.594
25
40
0.317
KS1356N
0.612
0.68
0.748
25
40
0.333
KS1357N
0.738
0.82
0.902
25
45
0.368
KS1358N
0.90
1.0
1.1
25
45
0.396
KS1359N
1.1
1.2
1.3
7.9
27
0.412
KS1360N
1.4
1.5
1.7
7.9
27
0.466
KS1361N
1.6
1.8
2.0
7.9
27
0.544
KS1362N
2.0
2.2
2.4
7.9
27
0.595
KS1363N
2.4
2.7
3.0
7.9
27
0.898
KS1364N
3.0
3.3
3.6
7.9
27
1.04
KS1365N
3.5
3.9
4.3
7.9
27
1.12
KS1366N
4.2
4.7
5.2
7.9
27
1.38
KS1367N
5.0
5.6
6.2
7.9
27
1.42
KS1368N
6.1
6.8
7.5
7.9
27
1.49
KS1369N
7.4
8.2
9.0
7.9
27
1.65
KS1370N
9.0
10
11
7.9
27
2.42
KS1371N
10
12
14
2.5
20
2.75
KS1372N
13
15
17
2.5
20
3.71
KS1373N
15
18
21
2.5
20
4.01
KS1374N
19
22
25
2.5
20
7.37
KS1375N
23
27
31
2.5
20
8.48
KS1376N
28
33
38
2.5
20
13.34
KS1377N
33
39
45
2.5
20
14.72
KS1378N
40
47
54
2.5
20
16.42
KS1379N
48
56
64
2.5
20
17.76
KS1380N
58
68
78
2.5
20
19.76
KS1381N
70
82
94
2.5
20
22.01
KS1382N
85
100
115
2.5
20
24.25
(With Plastic Sleeve)
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
KS1346N to
KS1382N
7.5
(0.295)
±
4.5
(0.177)
11.6
(0.457)
3.5
(0.138)
1.0
(0.039)
5.2
(0.205)
0.5
(0.020)
Tol.
±0.5
(0.020)
±0.3
(0.012)
±0.8
(0.031)
+1.0 (0.039)
-0.5 (0.020)
±0.2
(0.008)
+0 (0)
-0.3 (0.012)
±0.05
(0.002)
Frontier Electronics Corp.
®
Page 1 of 1
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - KS1373N

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
KS1373N FRONTIER-KS1373N Datasheet
105Kb / 1P
   7mm Adjustable shielded IFT Coil (I)
KS1373N-LFR FRONTIER-KS1373N-LFR Datasheet
105Kb / 1P
   7mm Adjustable shielded IFT Coil (I)
More results

Similar Description - KS1373N

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
KS1383N FRONTIER-KS1383N_15 Datasheet
153Kb / 1P
   7mm ADJUSTABLE IFT COILS (II) (SHIELDED)
KS1346N FRONTIER-KS1346N Datasheet
105Kb / 1P
   7mm Adjustable shielded IFT Coil (I)
KS1383N FRONTIER-KS1383N Datasheet
97Kb / 1P
   7mm Adjustable shielded IFT Coil (II)
KM57A FRONTIER-KM57A_15 Datasheet
122Kb / 1P
   5mm ADJUSTABLE IFT COILS (SHIELDED)
KM51A FRONTIER-KM51A_15 Datasheet
122Kb / 1P
   5mm ADJUSTABLE IFT COILS (SHIELDED)
KM703N FRONTIER-KM703N Datasheet
109Kb / 1P
   10mm Adjustable Unshielded IFT Coils
KM57A FRONTIER-KM57A Datasheet
90Kb / 1P
   5mm Adjustable shielded IFT Coil
logo
Sumida Corporation
M-10B SUMIDA-M-10B Datasheet
72Kb / 2P
   IFT COILS
MC-129H SUMIDA-MC-129H Datasheet
24Kb / 1P
   IFT COILS
MC-129J SUMIDA-MC-129J Datasheet
82Kb / 3P
   IFT COILS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com