Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT157CTQ Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT74FCT157CTQ
Description  FAST CMOS QUAD 2-INPUT MULTIPLEXER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT157CTQ Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT74FCT157CTQ Datasheet HTML 1Page - Integrated Device Technology IDT74FCT157CTQ Datasheet HTML 2Page - Integrated Device Technology IDT74FCT157CTQ Datasheet HTML 3Page - Integrated Device Technology IDT74FCT157CTQ Datasheet HTML 4Page - Integrated Device Technology IDT74FCT157CTQ Datasheet HTML 5Page - Integrated Device Technology IDT74FCT157CTQ Datasheet HTML 6Page - Integrated Device Technology IDT74FCT157CTQ Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
IDT54/74FCT157T/AT/CT/DT, IDT54/74FCT257T/AT/CT/DT - 2257T/AT/CT
FAST CMOS QUAD 2-INPUT MULTIPLEXER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.6
5
SWITCHING CHARACTERISTICS OVER OPERATING RANGE - FCT157T
SWITCHING CHARACTERISTICS OVER OPERATING RANGE – FCT257/2257T
2537 tbl 07
2537 tbl 08
2537 tbl 09
NOTES:
2537 tbl 10
1. See test circuits and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delay.
FCT257/2257T
FCT257/2257AT
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
tPHL
Propagation Delay IN to ZN
CL = 50pF
RL = 500
1.5
6.0
1.5
7.0
1.5
5.0
1.5
5.8
ns
tPLH
tPHL
Propagation Delay S to ZN
1.5
10.5
1.5
12.0
1.5
7.0
1.5
8.1
ns
tPZH
tPZL
Output Enable Time
1.5
8.5
1.5
10.0
1.5
7.0
1.5
8.0
ns
tPHZ
tPLZ
Output Disable Time
1.5
6.0
1.5
8.0
1.5
5.5
1.5
5.8
ns
FCT257/2257CT
FCT257DT
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
tPHL
Propagation Delay IN to ZN
CL = 50pF
RL = 500
1.5
4.3
1.5
5.0
1.5
3.9
ns
tPLH
tPHL
Propagation Delay S to ZN
1.5
5.2
1.5
6.0
1.5
4.4
ns
tPZH
tPZL
Output Enable Time
1.5
6.0
1.5
6.8
1.5
4.4
ns
tPHZ
tPLZ
Output Disable Time
1.5
5.0
1.5
5.3
1.5
4.4
ns
FCT157T
FCT157AT
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
tPHL
Propagation Delay IN to ZN
CL = 50pF
RL = 500
1.5
6.0
1.5
7.0
1.5
5.0
1.5
5.8
ns
tPLH
tPHL
Propagation Delay
E to ZN
1.5
10.5
1.5
12.0
1.5
6.0
1.5
7.4
ns
tPLH
tPHL
Propagation Delay S to ZN
1.5
10.5
1.5
12.0
1.5
7.0
1.5
8.1
ns
FCT157CT
FCT157DT
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
tPHL
Propagation Delay IN to ZN
CL = 50pF
RL = 500
1.5
4.3
1.5
5.0
1.5
3.9
ns
tPLH
tPHL
Propagation Delay
E to ZN
1.5
4.8
1.5
5.9
1.5
4.4
ns
tPLH
tPHL
Propagation Delay S to ZN
1.5
5.2
1.5
6.0
1.5
4.6
ns


Similar Part No. - IDT74FCT157CTQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT157CTQ IDT-IDT74FCT157CTQ Datasheet
73Kb / 6P
   FAST CMOS QUAD 2-INPUT MULTIPLEXER
IDT74FCT157CTQG IDT-IDT74FCT157CTQG Datasheet
73Kb / 6P
   FAST CMOS QUAD 2-INPUT MULTIPLEXER
More results

Similar Description - IDT74FCT157CTQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT257T IDT-IDT54FCT257T Datasheet
73Kb / 7P
   FAST CMOS QUAD 2-INPUT MULTIPLEXER
logo
Pericom Semiconductor C...
PI74FCT157T PERICOM-PI74FCT157T Datasheet
50Kb / 5P
   Fast CMOS Quad 2-Input Multiplexer
logo
Renesas Technology Corp
IDT74FCT157AT RENESAS-IDT74FCT157AT Datasheet
276Kb / 7P
   FAST CMOS QUAD 2-INPUT MULTIPLEXER
AUGUST 2009
logo
Integrated Device Techn...
IDT74FCT157AT IDT-IDT74FCT157AT Datasheet
73Kb / 6P
   FAST CMOS QUAD 2-INPUT MULTIPLEXER
logo
Renesas Technology Corp
IDT74FCT257AT RENESAS-IDT74FCT257AT Datasheet
282Kb / 7P
   FAST CMOS QUAD 2-INPUT MULTIPLEXER
SEPTEMBER 2009
logo
Motorola, Inc
MC74LCX157 MOTOROLA-MC74LCX157 Datasheet
145Kb / 8P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
MC74LCX158 MOTOROLA-MC74LCX158 Datasheet
115Kb / 4P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
logo
ON Semiconductor
MC74LCX158 ONSEMI-MC74LCX158_12 Datasheet
159Kb / 8P
   Low-Voltage CMOS Quad 2-Input Multiplexer
October, 2012 ??Rev. 7
MC74LCX157 ONSEMI-MC74LCX157 Datasheet
145Kb / 8P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
1997 REV 1
MC74LCX257 ONSEMI-MC74LCX257 Datasheet
155Kb / 8P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
1996 REV 0.2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com