Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28F016XD Datasheet(PDF) 3 Page - Intel Corporation

Part # 28F016XD
Description  16-MBIT (1 MBIT x 16) DRAM-INTERFACE FLASH MEMORY
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F016XD Datasheet(HTML) 3 Page - Intel Corporation

  28F016XD Datasheet HTML 1Page - Intel Corporation 28F016XD Datasheet HTML 2Page - Intel Corporation 28F016XD Datasheet HTML 3Page - Intel Corporation 28F016XD Datasheet HTML 4Page - Intel Corporation 28F016XD Datasheet HTML 5Page - Intel Corporation 28F016XD Datasheet HTML 6Page - Intel Corporation 28F016XD Datasheet HTML 7Page - Intel Corporation 28F016XD Datasheet HTML 8Page - Intel Corporation 28F016XD Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
E
28F016XD FLASH MEMORY
3
CONTENTS
PAGE
PAGE
1.0
INTRODUCTION ......................................... 5
1.1
Product Overview...................................... 5
2.0
DEVICE PINOUT......................................... 6
2.1
Lead Descriptions ..................................... 9
3.0
MEMORY MAPS ....................................... 11
3.1
Extended Status Registers
Memory Map ........................................ 12
4.0
BUS OPERATIONS, COMMANDS AND
STATUS REGISTER DEFINITIONS.......... 13
4.1
Bus Operations ....................................... 13
4.2
28F008SA—Compatible Mode
Command Bus Definitions.................... 14
4.3
28F016XD—Enhanced Command
Bus Definitions ..................................... 15
4.4
Compatible Status Register .................... 16
4.5
Global Status Register ............................ 17
4.6
Block Status Register.............................. 18
5.0
ELECTRICAL SPECIFICATIONS ............. 19
5.1
Absolute Maximum Ratings..................... 19
5.2
Capacitance ............................................ 20
5.3
Transient Input/Output Reference
Waveforms........................................... 21
5.4
DC Characteristics
(VCC = 3.3V ± 0.3V).............................. 22
5.5
DC Characteristics
(VCC = 5.0V ± 0.5V).............................. 25
5.6
AC Characteristics
(VCC = 3.3V ± 0.3V)..............................28
Read, Write, Read-Modify-Write and
Refresh Cycles (Common Parameters) .... 28
Read Cycle............................................... 28
Write Cycle ............................................... 29
Read-Modify-Write Cycle.......................... 30
Fast Page Mode Cycle ............................. 30
Fast Page Mode Read-Modify-Write
Cycle ........................................................ 30
Refresh Cycle........................................... 31
Misc. Specifications .................................. 31
5.7
AC Characteristics
(VCC = 5.0V ± 0.5V)..............................33
Read, Write, Read-Modify-Write and
Refresh Cycles (Common Parameters) .... 33
Read Cycle............................................... 34
Write Cycle ............................................... 35
Read-Modify-Write Cycle.......................... 35
Fast Page Mode Cycle ............................. 35
Fast Page Mode Read-Modify-Write
Cycle ........................................................ 36
Refresh Cycle........................................... 36
Misc. Specifications .................................. 37
5.8
AC Waveforms ........................................ 38
5.9
Power-Up and Reset Timings.................. 50
5.10 Erase and Word Program Performance .. 51
6.0
MECHANICAL SPECIFICATIONS ............ 52
APPENDIX A: Device Nomenclature and
Ordering Information ..................................... 53
APPENDIX B: Additional Information............... 54


Similar Part No. - 28F016XD

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F016XS INTEL-28F016XS Datasheet
1Mb / 54P
   16-MBIT (1 MBIT x 16, 2 MBIT x 8) SYNCHRONOUS FLASH MEMORY
More results

Similar Description - 28F016XD

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F016XS INTEL-28F016XS Datasheet
1Mb / 54P
   16-MBIT (1 MBIT x 16, 2 MBIT x 8) SYNCHRONOUS FLASH MEMORY
VS28F016SV INTEL-VS28F016SV Datasheet
612Kb / 50P
   16-Mbit (1-Mbit x 16, 2-Mbit x 8) FlashFileTM MEMORY
28F016SV INTEL-28F016SV Datasheet
635Kb / 63P
   16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY
28F016SA INTEL-28F016SA Datasheet
840Kb / 55P
   28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
logo
Sharp Corporation
LH28F016SANS SHARP-LH28F016SANS Datasheet
2Mb / 41P
   16 Mbit(1 Mbit x 16, 2 Mbit x 8)
logo
ATMEL Corporation
AT52BC1661A ATMEL-AT52BC1661A Datasheet
442Kb / 34P
   16-Mbit Flash 8-Mbit PSRAM Stack Memory
logo
Intel Corporation
M28F008 INTEL-M28F008 Datasheet
401Kb / 28P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
VE28F008 INTEL-VE28F008 Datasheet
381Kb / 26P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
logo
Sharp Corporation
LH28F008SAHR SHARP-LH28F008SAHR Datasheet
1Mb / 29P
   8 MBIT(1 MBIT x 8)FLASH MEMORY
LH28F008SAT SHARP-LH28F008SAT Datasheet
2Mb / 34P
   8 MBIT(1 MBIT x 8) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com