Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E28F010-65 Datasheet(PDF) 6 Page - Intel Corporation

Part # E28F010-65
Description  1024K (128K x 8) CMOS FLASH MEMORY
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E28F010-65 Datasheet(HTML) 6 Page - Intel Corporation

Back Button E28F010-65 Datasheet HTML 2Page - Intel Corporation E28F010-65 Datasheet HTML 3Page - Intel Corporation E28F010-65 Datasheet HTML 4Page - Intel Corporation E28F010-65 Datasheet HTML 5Page - Intel Corporation E28F010-65 Datasheet HTML 6Page - Intel Corporation E28F010-65 Datasheet HTML 7Page - Intel Corporation E28F010-65 Datasheet HTML 8Page - Intel Corporation E28F010-65 Datasheet HTML 9Page - Intel Corporation E28F010-65 Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
28F010
290207 – 4
Figure 4 28F010 in a 80C186 System
PRINCIPLES OF OPERATION
Flash-memory augments EPROM functionality with
in-circuit electrical erasure and reprogramming The
28F010 introduces a command register to manage
this new functionality The command register allows
for 100% TTL-level control inputs fixed power sup-
plies during erasure and programming and maxi-
mum EPROM compatibility
In the absence of high voltage on the VPP pin the
28F010 is a read-only memory Manipulation of the
external memory-control pins yields the standard
EPROM read standby output disable and Intelli-
gent Identifier operations
The same EPROM read standby and output disable
operations are available when high voltage is ap-
plied to the VPP pin In addition high voltage on VPP
enables erasure and programming of the device All
functions associated with altering memory con-
tentsIntelligent Identifier erase erase verify pro-
gram and program verifyare accessed via the
command register
Commands are written to the register using standard
microprocessor write timings
Register contents
serve as input to an internal state-machine which
controls the erase and programming circuitry Write
cycles also internally latch addresses and data
needed for programming or erase operations With
the appropriate command written to the register
standard microprocessor read timings output array
data access the Intelligent Identifier codes or out-
put data for erase and program verification
Integrated Stop Timer
Successive command write cycles define the dura-
tions of program and erase operations specifically
the program or erase time durations are normally
terminated by associated program or erase verify
commands An integrated stop timer provides simpli-
fied timing control over these operations thus elimi-
nating the need for maximum programerase timing
specifications Programming and erase pulse dura-
tions are minimums only When the stop timer termi-
nates a program or erase operation the device en-
ters an inactive state and remains inactive until re-
ceiving the appropriate verify or reset command
Write Protection
The command register is only active when VPP is at
high voltage Depending upon the application the
system designer may choose to make the VPP pow-
er supply switchableavailable only when memory
updates are desired When VPP e VPPL the con-
6


Similar Part No. - E28F010-65

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E28F010-120 INTEL-E28F010-120 Datasheet
895Kb / 33P
   28F010 1024K (128K X 8) CMOS FLASH MEMORY
E28F010-150 INTEL-E28F010-150 Datasheet
895Kb / 33P
   28F010 1024K (128K X 8) CMOS FLASH MEMORY
E28F010-90 INTEL-E28F010-90 Datasheet
895Kb / 33P
   28F010 1024K (128K X 8) CMOS FLASH MEMORY
More results

Similar Description - E28F010-65

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
A28F010 INTEL-A28F010 Datasheet
300Kb / 23P
   1024K (128K x 8) CMOS FLASH MEMORY
M28F010 INTEL-M28F010 Datasheet
317Kb / 22P
   1024K (128K x 8) CMOS FLASH MEMORY
28F0101024K INTEL-28F0101024K Datasheet
895Kb / 33P
   28F010 1024K (128K X 8) CMOS FLASH MEMORY
logo
Winbond
W29EE012 WINBOND-W29EE012 Datasheet
242Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29EE011 WINBOND-W29EE011 Datasheet
183Kb / 20P
   128K X 8 CMOS FLASH MEMORY
W29C011A WINBOND-W29C011A Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W39L010 WINBOND-W39L010 Datasheet
780Kb / 27P
   128K X 8 CMOS FLASH MEMORY
logo
Macronix International
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
List of Unclassifed Man...
MX28F1000P ETC-MX28F1000P Datasheet
213Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Macronix International
MX28F1000P MCNIX-MX28F1000P Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com