Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28F160S3 Datasheet(PDF) 8 Page - Intel Corporation

Part # 28F160S3
Description  WORD-WIDE FlashFile MEMORY FAMILY
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F160S3 Datasheet(HTML) 8 Page - Intel Corporation

Back Button 28F160S3 Datasheet HTML 4Page - Intel Corporation 28F160S3 Datasheet HTML 5Page - Intel Corporation 28F160S3 Datasheet HTML 6Page - Intel Corporation 28F160S3 Datasheet HTML 7Page - Intel Corporation 28F160S3 Datasheet HTML 8Page - Intel Corporation 28F160S3 Datasheet HTML 9Page - Intel Corporation 28F160S3 Datasheet HTML 10Page - Intel Corporation 28F160S3 Datasheet HTML 11Page - Intel Corporation 28F160S3 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
28F160S3, 28F320S3
E
8
ADVANCE INFORMATION
1
56
2
55
3
54
4
53
5
52
6
51
7
50
8
49
9
48
10
47
11
46
12
45
13
44
14
43
15
42
16
41
17
40
18
39
19
38
20
37
21
36
22
35
23
34
24
33
25
32
26
31
27
30
28
29
56-LEAD TSOP
STANDARD PINOUT
14 mm x 20 mm
TOP VIEW
Highlights pinout changes.
WP#
WE#
OE#
RY/BY#
DQ
15
DQ
7
DQ
14
DQ
6
GND
DQ
13
DQ
5
DQ
12
DQ
4
V
CC
GND
DQ
11
DQ
3
DQ
10
DQ
2
V
CC
DQ
9
DQ
1
DQ
8
DQ
0
A
0
BYTE#
NC
NC
28F016SA
28F016SV
RY/BY#
3/5#
CE
1#
NC
A
20
A
19
A
18
A
17
A
16
V
CC
A
15
A
14
A
13
A
12
CE
0#
V
PP
RP#
A
11
A
10
A
9
A
8
GND
A
7
A
6
A
5
A
4
A
3
A
2
A
1
28F016SA
28F016SV
3/5#
NC
CE
1#
NC
A
20
A
19
A
18
A
17
A
16
V
CC
A
15
A
14
A
13
A
12
CE
0#
V
PP
RP#
A
11
A
10
A
9
A
8
GND
A
7
A
6
A
5
A
4
A
3
A
2
A
1
28F160S3
28F160S5
WP#
WE#
OE#
STS
DQ
15
DQ
7
DQ
14
DQ
6
GND
DQ
13
DQ
5
DQ
12
DQ
4
V
CC
GND
DQ
11
DQ
3
DQ
10
DQ
2
V
CC
DQ
9
DQ
1
DQ
8
DQ
0
A
0
BYTE#
NC
NC
28F160S3
28F160S5
Figure 2. TSOP 56-Lead Pinout


Similar Part No. - 28F160S3

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F160S5 INTEL-28F160S5 Datasheet
1Mb / 50P
   WORD-WIDE FlashFile MEMORY FAMILY
More results

Similar Description - 28F160S3

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F160S5 INTEL-28F160S5 Datasheet
1Mb / 50P
   WORD-WIDE FlashFile MEMORY FAMILY
28F004SC INTEL-28F004SC Datasheet
725Kb / 42P
   BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
28F004S5 INTEL-28F004S5 Datasheet
611Kb / 37P
   BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
28F004S3 INTEL-28F004S3 Datasheet
703Kb / 41P
   BYTE-WIDE SMART 3 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
DT28F160S570 INTEL-DT28F160S570 Datasheet
318Kb / 51P
   5 VOLT FlashFile??MEMORY
logo
Macronix International
MX25L1605 MCNIX-MX25L1605 Datasheet
754Kb / 45P
   Macronix NBitTM Memory Family
logo
Intel Corporation
DD28F032SA INTEL-DD28F032SA Datasheet
1Mb / 49P
   32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile MEMORY
28F016SV INTEL-28F016SV Datasheet
635Kb / 63P
   16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY
28F016SA INTEL-28F016SA Datasheet
840Kb / 55P
   28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
logo
Dallas Semiconductor
DS2229 DALLAS-DS2229 Datasheet
374Kb / 10P
   Word-Wide 8 Meg SRAM Stik
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com