Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N28F010-120 Datasheet(PDF) 8 Page - Intel Corporation

Part # N28F010-120
Description  1024K (128K x 8) CMOS FLASH MEMORY
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

N28F010-120 Datasheet(HTML) 8 Page - Intel Corporation

Back Button N28F010-120 Datasheet HTML 4Page - Intel Corporation N28F010-120 Datasheet HTML 5Page - Intel Corporation N28F010-120 Datasheet HTML 6Page - Intel Corporation N28F010-120 Datasheet HTML 7Page - Intel Corporation N28F010-120 Datasheet HTML 8Page - Intel Corporation N28F010-120 Datasheet HTML 9Page - Intel Corporation N28F010-120 Datasheet HTML 10Page - Intel Corporation N28F010-120 Datasheet HTML 11Page - Intel Corporation N28F010-120 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
28F010
With CE
and OE
at a logic low level raising A9
to high voltage VID (see DC Characteristics) acti-
vates the operation Data read from locations 0000H
and 0001H represent the manufacturer’s code and
the device code respectively
The manufacturer- and device-codes can also be
read via the command register for instances where
the 28F010 is erased and reprogrammed in the tar-
get system Following a write of 90H to the com-
mand register a read from address location 0000H
outputs the manufacturer code (89H) A read from
address 0001H outputs the device code (B4H)
Write
Device erasure and programming are accomplished
via the command register when high voltage is ap-
plied to the VPP pin The contents of the register
serve as input to the internal state-machine The
state-machine outputs dictate the function of the
device
The command register itself does not occupy an ad-
dressable memory location The register is a latch
used to store the command along with address and
data information needed to execute the command
The command register is written by bringing WE
to
a logic-low level (VIL) while CE
is low Addresses
are latched on the falling edge of WE
while data is
latched on the rising edge of the WE
pulse Stan-
dard microprocessor write timings are used
Refer to AC Write Characteristics and the Erase
Programming
Waveforms
for
specific
timing
parameters
COMMAND DEFINITIONS
When low voltage is applied to the VPP pin the con-
tents of the command register default to 00H en-
abling read-only operations
Placing high voltage on the VPP pin enables read
write operations Device operations are selected by
writing specific data patterns into the command reg-
ister
Table 3 defines these 28F010 register
commands
Table 3 Command Definitions
Command
Cycles
Req’d
Bus
First Bus Cycle
Second Bus Cycle
Operation(1) Address(2) Data(3) Operation(1) Address(2) Data(3)
Read Memory
1
Write
X
00H
Read Intelligent Identifier
3
Write
IA
90H
Read
IA
ID
Codes(4)
Set-up EraseErase(5)
2
Write
X
20H
Write
X
20H
Erase Verify(5)
2
Write
EA
A0H
Read
X
EVD
Set-up ProgramProgram(6)
2
Write
X
40H
Write
PA
PD
Program Verify(6)
2
Write
X
C0H
Read
X
PVD
Reset(7)
2
Write
X
FFH
Write
X
FFH
NOTES
1 Bus operations are defined in Table 2
2 IA e Identifier address 00H for manufacturer code 01H for device code
EA e Erase Address Address of memory location to be read during erase verify
PA e Program Address Address of memory location to be programmed
Addresses are latched on the falling edge of the WE
pulse
3 ID e Identifier Data Data read from location IA during device identification (Mfr e 89H Device e B4H)
EVD e Erase Verify Data Data read from location EA during erase verify
PD e Program Data Data to be programmed at location PA Data is latched on the rising edge of WE
PVD e Program Verify Data Data read from location PA during program verify PA is latched on the Program command
4 Following the Read inteligent ID command two read operations access manufacturer and device codes
5 Figure 6 illustrates the Quick Erase Algorithm
6 Figure 5 illustrates the Quick Pulse Programming Algorithm
7 The second bus cycle must be followed by the desired command register write
8


Similar Part No. - N28F010-120

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
N28F010-120 INTEL-N28F010-120 Datasheet
895Kb / 33P
   28F010 1024K (128K X 8) CMOS FLASH MEMORY
More results

Similar Description - N28F010-120

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
A28F010 INTEL-A28F010 Datasheet
300Kb / 23P
   1024K (128K x 8) CMOS FLASH MEMORY
M28F010 INTEL-M28F010 Datasheet
317Kb / 22P
   1024K (128K x 8) CMOS FLASH MEMORY
28F0101024K INTEL-28F0101024K Datasheet
895Kb / 33P
   28F010 1024K (128K X 8) CMOS FLASH MEMORY
logo
Winbond
W29EE012 WINBOND-W29EE012 Datasheet
242Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29EE011 WINBOND-W29EE011 Datasheet
183Kb / 20P
   128K X 8 CMOS FLASH MEMORY
W29C011A WINBOND-W29C011A Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W39L010 WINBOND-W39L010 Datasheet
780Kb / 27P
   128K X 8 CMOS FLASH MEMORY
logo
Macronix International
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
List of Unclassifed Man...
MX28F1000P ETC-MX28F1000P Datasheet
213Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Macronix International
MX28F1000P MCNIX-MX28F1000P Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com