Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT821APB Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT74FCT821APB
Description  HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT821APB Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT74FCT821APB Datasheet HTML 1Page - Integrated Device Technology IDT74FCT821APB Datasheet HTML 2Page - Integrated Device Technology IDT74FCT821APB Datasheet HTML 3Page - Integrated Device Technology IDT74FCT821APB Datasheet HTML 4Page - Integrated Device Technology IDT74FCT821APB Datasheet HTML 5Page - Integrated Device Technology IDT74FCT821APB Datasheet HTML 6Page - Integrated Device Technology IDT74FCT821APB Datasheet HTML 7Page - Integrated Device Technology IDT74FCT821APB Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
7.19
4
IDT54/74FCT821/823/824/825A/B/C
HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
ABSOLUTE MAXIMUM RATINGS
(1)
CAPACITANCE (TA = +25
°C, f = 1.0MHz)
NOTE:
2608 tbl 05
1. This parameter is measured at characterization but not tested.
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: VLC = 0.2V; VHC = VCC – 0.2V
Commercial: TA = 0
°C to +70°C, VCC = 5.0V ± 5%; Military: TA = –55°C to +125°C, VCC = 5.0V ± 10%
NOTES:
2608 tbl 06
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25
°C ambient and maximum loading.
3. Not more than one output should be shorted at one time. Duration of the short circuit test should not exceed one second.
4. This parameter is guaranteed but not tested.
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
Input
Capacitance
VIN = 0V
6
10
pF
COUT
Output
Capacitance
VOUT = 0V
8
12
pF
Symbol
Rating
Commercial
Military
Unit
VTERM(2) Terminal Voltage
with Respect to
GND
–0.5 to +7.0
–0.5 to +7.0
V
VTERM(3) Terminal Voltage
with Respect to
GND
–0.5 to VCC
–0.5 to VCC
V
TA
Operating
Temperature
0 to +70
–55 to +125
°C
TBIAS
Temperature
Under Bias
–55 to +125
–65 to +135
°C
TSTG
Storage
Temperature
–55 to +125
–65 to +150
°C
PT
Power Dissipation
0.5
0.5
W
IOUT
DC Output
Current
120
120
mA
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VIH
Input HIGH Level
Guaranteed Logic HIGH Level
2.0
V
VIL
Input LOW Level
Guaranteed Logic LOW Level
0.8
V
II H
Input HIGH Current
VCC = Max.
VI = VCC
——
5
µA
VI = 2.7V
5(4)
II L
Input LOW Current
VI = 0.5V
–5(4)
VI = GND
–5
IOZH
Off State (High Impedance)
VCC = Max.
VO = VCC
——10
µA
Output Current
VO = 2.7V
10(4)
IOZL
VO = 0.5V
–10(4)
VO = GND
–10
VIK
Clamp Diode Voltage
VCC = Min., IN = –18mA
–0.7
–1.2
V
IOS
Short Circuit Current
VCC = Max.(3), VO = GND
–75
–120
mA
VOH
Output HIGH Voltage
VCC = 3V, VIN = VLC or VHC, IOH = –32
µAVHC
VCC
—V
VCC = Min.
IOH = –300
µAVHC
VCC
VIN = VIH or VIL
IOH = –15mA MIL.
2.4
4.3
IOH = –24mA COM'L.
2.4
4.3
VOL
Output LOW Voltage
VCC = 3V, VIN = VLC or VHC, IOL = 300
µA
GND
VLC
V
VCC = Min.
IOL = 300
µA
GND
VLC(4)
VIN = VIH or VIL
IOL = 32mA MIL.
0.3
0.5
IOL = 48mA COM'L.
0.3
0.5
NOTES:
2608 tbl 04
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability. No terminal voltage
may exceed VCC by +0.5V unless otherwise noted.
2. Input and VCC terminals only.
3. Outputs and I/O terminals only.


Similar Part No. - IDT74FCT821APB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT821ADSO IDT-IDT74FCT821ADSO Datasheet
77Kb / 7P
   HIGH PERFORMANCE CMOS BUS INTERFACE REGISTER
IDT74FCT821ADSOB IDT-IDT74FCT821ADSOB Datasheet
77Kb / 7P
   HIGH PERFORMANCE CMOS BUS INTERFACE REGISTER
IDT74FCT821ALSO IDT-IDT74FCT821ALSO Datasheet
77Kb / 7P
   HIGH PERFORMANCE CMOS BUS INTERFACE REGISTER
IDT74FCT821ALSOB IDT-IDT74FCT821ALSOB Datasheet
77Kb / 7P
   HIGH PERFORMANCE CMOS BUS INTERFACE REGISTER
IDT74FCT821AT IDT-IDT74FCT821AT Datasheet
178Kb / 9P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
More results

Similar Description - IDT74FCT821APB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT821AT IDT-IDT74FCT821AT Datasheet
178Kb / 9P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
logo
Pericom Semiconductor C...
PI74FCT821T PERICOM-PI74FCT821T Datasheet
85Kb / 7P
   Fast CMOS Bus Interface Registers
logo
List of Unclassifed Man...
WS59820 ETC1-WS59820 Datasheet
574Kb / 9P
   CMOS / BI - DIRECTIONAL BUS INTERFACE REGISTERS
logo
Integrated Device Techn...
IDT54FCT821A IDT-IDT54FCT821A Datasheet
77Kb / 7P
   HIGH PERFORMANCE CMOS BUS INTERFACE REGISTER
IDT74FCT823AT IDT-IDT74FCT823AT_06 Datasheet
78Kb / 7P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTER
IDT54FCT823 IDT-IDT54FCT823 Datasheet
89Kb / 7P
   HIGH PERFORMANCE CMOS BUS INTERFACE REGISTER
logo
Renesas Technology Corp
IDT74FCT823AT RENESAS-IDT74FCT823AT Datasheet
678Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTER
February 19, 2009
logo
Integrated Device Techn...
IDT74FCT841A IDT-IDT74FCT841A Datasheet
140Kb / 7P
   HIGH-PERFORMANCE CMOS BUS INTERFACE LATCHES
logo
NXP Semiconductors
74F821 PHILIPS-74F821 Datasheet
140Kb / 18P
   Bus interface registers
1996 Jan 05
logo
Advanced Micro Devices
AM29843 AMD-AM29843 Datasheet
597Kb / 15P
   HIGH PERFORMANCE BUS INTERFACE LATCHES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com