Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA28F016XS15 Datasheet(PDF) 5 Page - Intel Corporation

Part # DA28F016XS15
Description  16-MBIT (1 MBIT x 16, 2 MBIT x 8) SYNCHRONOUS FLASH MEMORY
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DA28F016XS15 Datasheet(HTML) 5 Page - Intel Corporation

  DA28F016XS15 Datasheet HTML 1Page - Intel Corporation DA28F016XS15 Datasheet HTML 2Page - Intel Corporation DA28F016XS15 Datasheet HTML 3Page - Intel Corporation DA28F016XS15 Datasheet HTML 4Page - Intel Corporation DA28F016XS15 Datasheet HTML 5Page - Intel Corporation DA28F016XS15 Datasheet HTML 6Page - Intel Corporation DA28F016XS15 Datasheet HTML 7Page - Intel Corporation DA28F016XS15 Datasheet HTML 8Page - Intel Corporation DA28F016XS15 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
E
28F016XS FLASH MEMORY
5
REVISION HISTORY (Continued)
Number
Description
-004
Require all VCC Tolerences to be within 5% of Operational Voltage
IPPES Is Pushed to 200 µA from 50 Max
ICCD Is Pushed to 10 µA from 5 Max
Updated tAVAV at 3.3V
Updated tELEH at 3.3V and 5.0V


Similar Part No. - DA28F016XS15

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
DA28F016SA-070 INTEL-DA28F016SA-070 Datasheet
840Kb / 55P
   28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
DA28F016SA-080 INTEL-DA28F016SA-080 Datasheet
840Kb / 55P
   28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
DA28F016SA-100 INTEL-DA28F016SA-100 Datasheet
840Kb / 55P
   28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
DA28F016SA-120 INTEL-DA28F016SA-120 Datasheet
840Kb / 55P
   28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
DA28F016SA-150 INTEL-DA28F016SA-150 Datasheet
840Kb / 55P
   28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
More results

Similar Description - DA28F016XS15

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
VS28F016SV INTEL-VS28F016SV Datasheet
612Kb / 50P
   16-Mbit (1-Mbit x 16, 2-Mbit x 8) FlashFileTM MEMORY
28F016SV INTEL-28F016SV Datasheet
635Kb / 63P
   16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY
28F016SA INTEL-28F016SA Datasheet
840Kb / 55P
   28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
logo
Sharp Corporation
LH28F016SANS SHARP-LH28F016SANS Datasheet
2Mb / 41P
   16 Mbit(1 Mbit x 16, 2 Mbit x 8)
logo
Intel Corporation
28F016XD INTEL-28F016XD Datasheet
1Mb / 54P
   16-MBIT (1 MBIT x 16) DRAM-INTERFACE FLASH MEMORY
DD28F032SA INTEL-DD28F032SA Datasheet
1Mb / 49P
   32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile MEMORY
M28F008 INTEL-M28F008 Datasheet
401Kb / 28P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
VE28F008 INTEL-VE28F008 Datasheet
381Kb / 26P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
logo
Sharp Corporation
LH28F008SAHR SHARP-LH28F008SAHR Datasheet
1Mb / 29P
   8 MBIT(1 MBIT x 8)FLASH MEMORY
LH28F008SAT SHARP-LH28F008SAT Datasheet
2Mb / 34P
   8 MBIT(1 MBIT x 8) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com