Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E28F004B5B60 Datasheet(PDF) 8 Page - Intel Corporation

Part # E28F004B5B60
Description  SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E28F004B5B60 Datasheet(HTML) 8 Page - Intel Corporation

Back Button E28F004B5B60 Datasheet HTML 4Page - Intel Corporation E28F004B5B60 Datasheet HTML 5Page - Intel Corporation E28F004B5B60 Datasheet HTML 6Page - Intel Corporation E28F004B5B60 Datasheet HTML 7Page - Intel Corporation E28F004B5B60 Datasheet HTML 8Page - Intel Corporation E28F004B5B60 Datasheet HTML 9Page - Intel Corporation E28F004B5B60 Datasheet HTML 10Page - Intel Corporation E28F004B5B60 Datasheet HTML 11Page - Intel Corporation E28F004B5B60 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
SMART 5 BOOT BLOCK MEMORY FAMILY
E
8
ADVANCE INFORMATION
Table 2. Pin Descriptions (Continued)
Symbol
Type
Name and Function
WP#
INPUT
WRITE PROTECT: Provides a method for unlocking the boot block with a logic
level signal in a system without a 12 V supply.
When WP# is at logic low, the boot block is locked, preventing program and
erase operations to the boot block. If a program or erase operation is attempted
on the boot block when WP# is low, the corresponding status bit (bit 4 for
program, bit 5 for erase) will be set in the status register to indicate the operation
failed.
When WP# is at logic high, the boot block is unlocked and can be
programmed or erased.
NOTE: This feature is overridden and the boot block unlocked when RP# is at
VHH. This pin can not be left floating. Because the 8-Mbit 44-PSOP package does
not have enough pins, it does not include this pin and thus 12 V on RP# is
required to unlock the boot block. See Section 3.3 for details on write protection.
BYTE#
INPUT
BYTE# ENABLE: Configures whether the device operates in byte-wide mode (x8)
or word-wide mode (x16). This pin must be set at power-up or return from deep
power-down and not changed during device operation. BYTE# pin must be
controlled at CMOS levels to meet the CMOS current specification in standby
mode.
When BYTE# is at logic low, the byte-wide mode is enabled, where data is
read and programmed on DQ0–DQ7 and DQ15/A–1 becomes the lowest order
address that decodes between the upper and lower byte. DQ8–DQ14 are tri-stated
during the byte-wide mode.
When BYTE# is at logic high, the word-wide mode is enabled, where data is
read and programmed on DQ0–DQ15.
Not applicable to 28F004B5.
VCC
DEVICE POWER SUPPLY: 5.0 V
± 10%
VPP
PROGRAM/ERASE POWER SUPPLY: For erasing memory array blocks or
programming data in each block, a voltage either of 5 V
± 10% or 12 V ± 5% must
be applied to this pin. When VPP < VPPLK all blocks are locked and protected
against Program and Erase commands.
GND
GROUND: For all internal circuitry.
NC
NO CONNECT: Pin may be driven or left floating.
2.2
Pinouts
Intel’s Smart 5 boot block architecture provides
upgrade paths in each package pinout up to the
8-Mbit density. The 44-lead PSOP pinout follows
the industry-standard ROM/EPROM pinout, as
shown in Figure 1. Designs with space concerns
should consider the 48-lead pinout shown in
Figure 2. Applications using an 8-bit bus can use
the 40-lead TSOP, which is available for the 4-Mbit
device only.
Pinouts for the corresponding 2-, 4-, and 8-Mbit
components are provided on the same diagram for
convenient reference. 2-Mbit pinouts are given on
the chip illustration in the center, with 4-Mbit and
8-Mbit pinouts going outward from the center.


Similar Part No. - E28F004B5B60

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E28F004B5B60 INTEL-E28F004B5B60 Datasheet
344Kb / 44P
   5 VOLT BOOT BLOCK FLASH MEMORY
More results

Similar Description - E28F004B5B60

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F320B3 INTEL-28F320B3 Datasheet
304Kb / 48P
   SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
28F002BV-B INTEL-28F002BV-B Datasheet
638Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BV-TB INTEL-28F200BV-TB Datasheet
636Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F800F3 INTEL-28F800F3 Datasheet
277Kb / 47P
   FAST BOOT BLOCK FLASH MEMORY FAMILY 8 AND 16 MBIT
A28F200BX-T INTEL-A28F200BX-T Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
   4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F400BX-T INTEL-A28F400BX-T Datasheet
461Kb / 34P
   4-MBIT 256K x16, 512K x8 BOOT BLOCK FLASH MEMORY FAMILY
28F002BC INTEL-28F002BC Datasheet
455Kb / 37P
   28F002BC 2-MBIT (256K X 8) BOOT BLOCK FLASH MEMORY
A28F200BR-TB INTEL-A28F200BR-TB Datasheet
440Kb / 36P
   2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com