Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E28F004B5B60 Datasheet(PDF) 10 Page - Intel Corporation

Part # E28F004B5B60
Description  SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E28F004B5B60 Datasheet(HTML) 10 Page - Intel Corporation

Back Button E28F004B5B60 Datasheet HTML 6Page - Intel Corporation E28F004B5B60 Datasheet HTML 7Page - Intel Corporation E28F004B5B60 Datasheet HTML 8Page - Intel Corporation E28F004B5B60 Datasheet HTML 9Page - Intel Corporation E28F004B5B60 Datasheet HTML 10Page - Intel Corporation E28F004B5B60 Datasheet HTML 11Page - Intel Corporation E28F004B5B60 Datasheet HTML 12Page - Intel Corporation E28F004B5B60 Datasheet HTML 13Page - Intel Corporation E28F004B5B60 Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
SMART 5 BOOT BLOCK MEMORY FAMILY
E
10
ADVANCE INFORMATION
28F004B5
Boot Block
40-Lead TSOP
10 mm x20mm
TOP VIEW
32
31
30
29
28
27
26
25
24
23
22
21
33
34
35
36
37
38
39
40
20
19
17
18
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
A 1
A 2
A 3
RP#
WE#
VPP
A16
A15
A7
A6
A5
A4
A14
A13
A8
A9
A11
A12
WP#
DQ7
CE#
OE#
GND
A0
DQ6
DQ5
DQ4
DQ2
DQ1
DQ0
VCC
DQ3
A17
GND
NC
A10
NC
NC
A18
VCC
Figure 3. 40-Lead TSOP Pinout Diagram (Available in 4-Mbit Only)
2.3
Memory Blocking Organization
The
boot
block
product
family
features
an
asymmetrically-blocked
architecture
providing
system memory integration. Each erase block can
be erased independently of the others up to
100,000 times for commercial temperature or up to
10,000 times for extended temperature. The block
sizes
have
been
chosen
to
optimize
their
functionality for common applications of nonvolatile
storage. The combination of block sizes in the boot
block architecture allow the integration of several
memories into a single chip. For the address
locations of the blocks, see the memory maps in
Figures 4, 5, 6 and 7.
2.3.1
ONE 16-KB BOOT BLOCK
The boot block is intended to replace a dedicated
boot PROM in a microprocessor or microcontroller-
based system. The 16-Kbyte (16,384 bytes) boot
block is located at either the top (denoted by -T
suffix) or the bottom (-B suffix) of the address map
to accommodate different microprocessor protocols
for boot code location. This boot block features
hardware controllable write-protection to protect the
crucial microprocessor boot code from accidental
modification. The protection of the boot block is
controlled using a combination of the VPP, RP#, and
WP# pins, as is detailed in Section 3.3.
2.3.2
TWO 8-KB PARAMETER BLOCKS
Each boot block component contains two parameter
blocks of 8 Kbytes (8,192 bytes) each to facilitate
storage of frequently updated small parameters that
would normally require an EEPROM. By using
software techniques, the byte-rewrite functionality
of EEPROMs can be emulated. These techniques
are detailed in Intel’s application note,
AP-604
Using Intel’s Boot Block Flash Memory Parameter
Blocks to Replace EEPROM. The parameter blocks
are not write-protectable.
2.3.3
MAIN BLOCKS - ONE 96-KB +
ADDITIONAL 128-KB BLOCKS
After the allocation of address space to the boot
and parameter blocks, the remainder is divided into
main blocks for data or code storage. Each device
contains one 96-Kbyte (98,304 byte) block and
additional 128-Kbyte (131,072 byte) blocks. The
2-Mbit has one 128-KB block; the 4-Mbit, three; and
the 8-Mbit, seven.


Similar Part No. - E28F004B5B60

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E28F004B5B60 INTEL-E28F004B5B60 Datasheet
344Kb / 44P
   5 VOLT BOOT BLOCK FLASH MEMORY
More results

Similar Description - E28F004B5B60

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F320B3 INTEL-28F320B3 Datasheet
304Kb / 48P
   SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
28F002BV-B INTEL-28F002BV-B Datasheet
638Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BV-TB INTEL-28F200BV-TB Datasheet
636Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F800F3 INTEL-28F800F3 Datasheet
277Kb / 47P
   FAST BOOT BLOCK FLASH MEMORY FAMILY 8 AND 16 MBIT
A28F200BX-T INTEL-A28F200BX-T Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
   4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F400BX-T INTEL-A28F400BX-T Datasheet
461Kb / 34P
   4-MBIT 256K x16, 512K x8 BOOT BLOCK FLASH MEMORY FAMILY
28F002BC INTEL-28F002BC Datasheet
455Kb / 37P
   28F002BC 2-MBIT (256K X 8) BOOT BLOCK FLASH MEMORY
A28F200BR-TB INTEL-A28F200BR-TB Datasheet
440Kb / 36P
   2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com