Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73415-3980 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 73415-3980
Description  75 Ohms, BNC Dual Jack, Tray
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

73415-3980 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  73415-3980 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
73415-3980
Status:
Active
Overview:
BNC RF Connectors
Description:
75 Ohms, BNC Dual Jack, Tray
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
RF/Coax Connectors
Series
73415
Overview
BNC RF Connectors
Product Name
BNC
Style
PCB
UPC
822348176700
Wire/Cable Type
N/A
Physical
Gender
Jack
Keying to Mating Part
Yes
Net Weight
17.878/g
Orientation
Straight
PCB Mounting
Through Hole
PCB Thickness - Recommended
5.08mm
Packaging Type
Tray
Panel Mount
No
Panel Mount Method
N/A
Reverse Polar
No
Electrical
Impedance
75#
Solder Process Data
Duration at Max. Process Temperature (seconds)
10
Lead-free Process Capability
SMC & Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
2
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-73415-398
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant RF
Product
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
73415Series
This document was generated on 12/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 73415-3980

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73415-3980 MOLEX-73415-3980 Datasheet
96Kb / 1P
   BNC 75 OHMS JACK DUAL BNC-J/PCB
2003/09/08
More results

Similar Description - 73415-3980

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0734153980 MOLEX11-0734153980 Datasheet
54Kb / 1P
   75 Ohms, BNC Dual Jack, Tray
0731713540 MOLEX11-0731713540 Datasheet
65Kb / 1P
   75 Ohms, BNC 3 GHz Jack, Vertical, Tray
0731713230 MOLEX-0731713230 Datasheet
56Kb / 1P
   75 Ohms, BNC Vertical Jack, 3 Ghz, Tray
0731712731 MOLEX-0731712731_V01 Datasheet
31Kb / 1P
   75 Ohms, Mini BNC, Straight Jack, Gold, Tray
0731713230 MOLEX11-0731713230 Datasheet
65Kb / 1P
   75 Ohms, BNC Vertical Jack, 3 Ghz, Tray
73171-3230 MOLEX11-73171-3230 Datasheet
32Kb / 1P
   75 Ohms, BNC Vertical Jack, 3 Ghz, Tray
0731712731 MOLEX11-0731712731 Datasheet
29Kb / 1P
   75 Ohms, Mini BNC, Straight Jack, Gold, Tray
0731713540 MOLEX-0731713540 Datasheet
56Kb / 1P
   75 Ohms, BNC 3 GHz Jack, Vertical, Tray
0734152980 MOLEX-0734152980_V01 Datasheet
47Kb / 1P
   50 Ohms, BNC Jack, Dual Stack, Tray
0731712750 MOLEX11-0731712750 Datasheet
29Kb / 1P
   75 Ohms, Mini BNC, Right-Angle Jack, Gold, Tray
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com