Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E28F320S5-90 Datasheet(PDF) 7 Page - Intel Corporation

Part # E28F320S5-90
Description  WORD-WIDE FlashFile MEMORY FAMILY
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E28F320S5-90 Datasheet(HTML) 7 Page - Intel Corporation

Back Button E28F320S5-90 Datasheet HTML 3Page - Intel Corporation E28F320S5-90 Datasheet HTML 4Page - Intel Corporation E28F320S5-90 Datasheet HTML 5Page - Intel Corporation E28F320S5-90 Datasheet HTML 6Page - Intel Corporation E28F320S5-90 Datasheet HTML 7Page - Intel Corporation E28F320S5-90 Datasheet HTML 8Page - Intel Corporation E28F320S5-90 Datasheet HTML 9Page - Intel Corporation E28F320S5-90 Datasheet HTML 10Page - Intel Corporation E28F320S5-90 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
E
28F160S5, 28F320S5
7
ADVANCE INFORMATION
Table 1. Pin Descriptions
Sym
Type
Name and Function
A0–A21
INPUT
ADDRESS INPUTS: Address inputs for read and write operations are internally
latched during a write cycle. A0 selects high or low byte when operating in x8 mode.
In x16 mode, A0 is not used; input buffer is off.
16-Mbit
→ A
0–A20
32-Mbit
→ A
0–A21
DQ0
DQ15
INPUT/
OUTPUT
DATA INPUT/OUTPUTS: Inputs data and commands during CUI write cycles;
outputs data during memory array, Status Register, query and identifier code read
cycles. Data pins float to high-impedance when the chip is deselected or outputs
are disabled. Data is internally latched during a write cycle.
CE0#,
CE1#
INPUT
CHIP ENABLE: Activates the device’s control logic, input buffers, decoders, and
sense amplifiers. With CE0# or CE1# high, the device is deselected and power
consumption reduces to standby levels. Both CE0# and CE1# must be low to select
the device. Device selection occurs with the latter falling edge of CE0# or CE1#. The
first rising edge of CE0# or CE1# disables the device.
RP#
INPUT
RESET/DEEP POWER-DOWN: When driven low, RP# inhibits write operations
which provides data protection during system power transitions, puts the device in
deep power-down mode, and resets internal automation. RP#-high enables normal
operation. Exit from deep power-down sets the device to read array mode.
OE#
INPUT
OUTPUT ENABLE: Gates the device’s outputs during a read cycle.
WE#
INPUT
WRITE ENABLE: Controls writes to the CUI and array blocks. Addresses and data
are latched on the rising edge of the WE# pulse.
STS
OPEN
DRAIN
OUTPUT
STATUS: Indicates the status of the internal state machine. When configured in
level mode (default), it acts as a RY/BY# pin. For this and alternate configurations
of the STATUS pin, see the Configuration command. Tie STS to VCC with a pull-up
resistor.
WP#
INPUT
WRITE PROTECT: Master control for block locking. When VIL, locked blocks
cannot be erased or programmed, and block lock-bits cannot be set or cleared.
BYTE#
INPUT
BYTE ENABLE: Configures x8 mode (low) or x16 mode (high).
VPP
SUPPLY BLOCK ERASE, PROGRAM, LOCK-BIT CONFIGURATION POWER SUPPLY:
Necessary voltage to perform block erase, program, and lock-bit configuration
operations. Do not float any power pins.
VCC
SUPPLY DEVICE POWER SUPPLY: Do not float any power pins.
GND
SUPPLY GROUND: Do not float any ground pins.
NC
NO CONNECT: Lead is not internally connected; it may be driven or floated.


Similar Part No. - E28F320S5-90

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E28F320J3A-110 INTEL-E28F320J3A-110 Datasheet
380Kb / 58P
   3 Volt Intel StrataFlash Memory
E28F320J3A-110 INTEL-E28F320J3A-110 Datasheet
905Kb / 72P
   Intel StrataFlash Memory (J3)
E28F320J3A-110 INTEL-E28F320J3A-110 Datasheet
990Kb / 72P
   Intel StrataFlash짰 Memory
E28F320J3A-115 INTEL-E28F320J3A-115 Datasheet
905Kb / 72P
   Intel StrataFlash Memory (J3)
E28F320J3A-120 INTEL-E28F320J3A-120 Datasheet
905Kb / 72P
   Intel StrataFlash Memory (J3)
More results

Similar Description - E28F320S5-90

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F160S3 INTEL-28F160S3 Datasheet
1Mb / 52P
   WORD-WIDE FlashFile MEMORY FAMILY
28F004SC INTEL-28F004SC Datasheet
725Kb / 42P
   BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
28F004S5 INTEL-28F004S5 Datasheet
611Kb / 37P
   BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
28F004S3 INTEL-28F004S3 Datasheet
703Kb / 41P
   BYTE-WIDE SMART 3 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
DT28F160S570 INTEL-DT28F160S570 Datasheet
318Kb / 51P
   5 VOLT FlashFile??MEMORY
logo
Macronix International
MX25L1605 MCNIX-MX25L1605 Datasheet
754Kb / 45P
   Macronix NBitTM Memory Family
logo
Intel Corporation
DD28F032SA INTEL-DD28F032SA Datasheet
1Mb / 49P
   32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile MEMORY
28F016SV INTEL-28F016SV Datasheet
635Kb / 63P
   16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY
28F016SA INTEL-28F016SA Datasheet
840Kb / 55P
   28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
logo
Dallas Semiconductor
DS2229 DALLAS-DS2229 Datasheet
374Kb / 10P
   Word-Wide 8 Meg SRAM Stik
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com