Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA28F320J5-120 Datasheet(PDF) 10 Page - Intel Corporation

Part # DA28F320J5-120
Description  StrataFlash MEMORY TECHNOLOGY 32 AND 64 MBIT
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DA28F320J5-120 Datasheet(HTML) 10 Page - Intel Corporation

Back Button DA28F320J5-120 Datasheet HTML 6Page - Intel Corporation DA28F320J5-120 Datasheet HTML 7Page - Intel Corporation DA28F320J5-120 Datasheet HTML 8Page - Intel Corporation DA28F320J5-120 Datasheet HTML 9Page - Intel Corporation DA28F320J5-120 Datasheet HTML 10Page - Intel Corporation DA28F320J5-120 Datasheet HTML 11Page - Intel Corporation DA28F320J5-120 Datasheet HTML 12Page - Intel Corporation DA28F320J5-120 Datasheet HTML 13Page - Intel Corporation DA28F320J5-120 Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
INTEL StrataFlash™ MEMORY TECHNOLOGY, 32 AND 64 MBIT
E
10
ADVANCE INFORMATION
CE
0
CE1
28F320J5
VPEN
A21
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
56
55
53
54
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
Intel StrataFlash™ Memory
56-LEAD TSOP
STANDARD PINOUT
14 mm x 20 mm
TOP VIEW
NC
NC
WE#
OE#
STS
GND
GND
DQ7
DQ14
DQ
6
DQ13
DQ
5
DQ
12
DQ11
DQ3
DQ10
BYTE#
NC
DQ2
DQ 9
DQ 1
DQ
8
DQ 0
A0
DQ15
VCC
A17
A18
A19
A20
VCC
A15
A14
A13
A12
RP#
A 11
A10
A9
A8
GND
A7
A6
A5
A4
A3
A2
A1
A16
DQ
4
CE2
VCCQ
28F320J5
A17
A 18
A19
A20
VCC
A15
A14
A 13
A12
CE #
0
VPP
RP#
A11
A10
A9
A 8
GND
A7
A6
A5
A4
A 3
A 2
A1
A 16
NC
3/5#
CE #
1
28F016SV
28F016SA
A 17
A18
A19
A20
VCC
A15
A14
A13
A12
CE #
0
VPP
RP#
A11
A10
A9
A8
GND
A7
A6
A5
A4
A 3
A2
A1
A16
3/5#
CE #
1
28F032SA
CE #
2
WP#
WE#
OE#
RY/BY#
GND
GND
DQ7
DQ
14
DQ6
DQ13
DQ
5
DQ
12
DQ11
DQ3
DQ 10
BYTE#
NC
NC
DQ2
DQ
9
DQ
1
DQ
8
DQ 0
A0
DQ15
VCC
VCC
DQ
4
28F016SV
28F016SA
WP#
WE#
OE#
RY/BY#
GND
GND
DQ7
DQ14
DQ6
DQ13
DQ
5
DQ12
DQ11
DQ3
DQ10
BYTE#
NC
NC
DQ2
DQ 9
DQ
1
DQ
8
DQ 0
A0
DQ15
VCC
VCC
DQ
4
28F032SA
A17
A 18
A19
A20
VCC
A15
A14
A13
A12
CE #
0
VPP
RP#
A11
A10
A9
A 8
GND
A7
A6
A5
A4
A 3
A 2
A1
A16
NC
NC
CE #
1
WP#
WE#
OE#
STS
GND
GND
DQ7
DQ
14
DQ6
DQ13
DQ
5
DQ
12
DQ11
DQ3
DQ 10
BYTE#
NC
NC
DQ2
DQ
9
DQ
1
DQ
8
DQ 0
A0
DQ15
VCC
VCC
DQ
4
28F160S5
28F160S5
Highlights pinout changes.
0606_03
NOTE:
VCC (Pin 37) and GND (Pin 48) are not internally connected. For future device revisions, it is recommended that these pins be
connected to their respected power supplies (i.e., Pin 37 = VCC and Pin 48 = GND).
Figure 3. TSOP Lead Configuration (32 Mbit)


Similar Part No. - DA28F320J5-120

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
DA28F320J5-120 INTEL-DA28F320J5-120 Datasheet
617Kb / 51P
   5 Volt Intel StrataFlash짰 Memory
More results

Similar Description - DA28F320J5-120

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT52SC1283J ATMEL-AT52SC1283J Datasheet
702Kb / 52P
   128-Mbit Flash 32-Mbit/64-Mbit
logo
Intel Corporation
28F640L18 INTEL-28F640L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
logo
Numonyx B.V
28F128L18 NUMONYX-28F128L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
logo
Intel Corporation
TE28F256J3C INTEL-TE28F256J3C Datasheet
905Kb / 72P
   Intel StrataFlash Memory (J3)
logo
Numonyx B.V
JS28F256P33BFA NUMONYX-JS28F256P33BFA Datasheet
374Kb / 18P
   NumonyxTM StrataFlash Embedded Memory P33 (256-Mbit, 256-Mbit/256- Mbit) 130nm to 65nm
306666-11 NUMONYX-306666-11 Datasheet
1Mb / 99P
   Numonyx StrataFlash Embedded Memory
313295-04 NUMONYX-313295-04 Datasheet
1Mb / 98P
   Numonyx StrataFlash Wireless Memory
logo
Micron Technology
JS28F256P30B95A MICRON-JS28F256P30B95A Datasheet
1Mb / 97P
   Numonyx StrataFlash Embedded Memory
logo
Intel Corporation
28F640P3 INTEL-28F640P3 Datasheet
1Mb / 102P
   Intel StrataFlash Embedded Memory
logo
Micron Technology
JS28F256P33BFE MICRON-JS28F256P33BFE Datasheet
1Mb / 90P
   NumonyxTM StrataFlash Embedded Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com