Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN28F001BX-B150 Datasheet(PDF) 9 Page - Intel Corporation

Part # TN28F001BX-B150
Description  1-MBIT (128K x 8) BOOT BLOCK FLASH MEMORY
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TN28F001BX-B150 Datasheet(HTML) 9 Page - Intel Corporation

Back Button TN28F001BX-B150 Datasheet HTML 5Page - Intel Corporation TN28F001BX-B150 Datasheet HTML 6Page - Intel Corporation TN28F001BX-B150 Datasheet HTML 7Page - Intel Corporation TN28F001BX-B150 Datasheet HTML 8Page - Intel Corporation TN28F001BX-B150 Datasheet HTML 9Page - Intel Corporation TN28F001BX-B150 Datasheet HTML 10Page - Intel Corporation TN28F001BX-B150 Datasheet HTML 11Page - Intel Corporation TN28F001BX-B150 Datasheet HTML 12Page - Intel Corporation TN28F001BX-B150 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
28F001BX-T28F001BX-B
Table 3 28F001BX Command Definitions
Command
Cycles
Req’d
Bus
Notes
First Bus Cycle
Second Bus Cycle
Operation Address Data Operation Address Data
Read ArrayReset
1
1
Write
X
FFH
Intelligent Identifier
3
2 3 4
Write
X
90H
Read
IA
IID
Read Status Register
2
3
Write
X
70H
Read
X
SRD
Clear Status Register
1
Write
X
50H
Erase SetupErase Confirm
2
2
Write
BA
20H
Write
BA
D0H
Erase SuspendErase Resume
2
Write
X
B0H
Write
X
D0H
Program SetupProgram
2
2 3
Write
PA
40H
Write
PA
PD
NOTES
1 Bus operations are defined in Table 2
2 IA e Identifier Address 00H for manufacturer code 01H for device code
BA e Address within the block being erased
PA e Address of memory location to be programmed
3 SRD e Data read from Status Register See Table 4 for a description of the Status Register bits
PD e Data to be programmed at location PA Data is latched on the rising edge of WE
IID e Data read from Intelligent Identifiers
4 Following the Intelligent Identifier command two read operations access manufacture and device codes
5 Commands other than those shown above are reserved by Intel for future device implementations and should not be
used
Read Status Register Command
The 28F001BX contains a Status Register which
may be read to determine when a program or erase
operation is complete and whether that operation
completed successfully The Status Register may be
read at any time by writing the Read Status Register
command (70H) to the Command Register After
writing this command all subsequent read opera-
tions output data from the Status Register until an-
other valid command is written to the Command
Register The contents of the Status Register are
latched on the falling edge of OE
or CE
which-
ever occurs last in the read cycle OE
or CE
must be toggled to VIH before further reads to up-
date the Status Register latch The Read Status
Register command functions when VPP e VPPL or
VPPH
Clear Status Register Command
The Erase Status and Program Status bits are set to
‘‘1’’ by the Write State Machine and can only be
reset by the Clear Status Register command These
bits indicate various failure conditions (see Table 4)
By allowing system software to control the resetting
of these bits several operations may be performed
(such as cumulatively programming several bytes or
erasing multiple blocks in sequence) The Status
Register may then be polled to determine if an error
occurred during that series This adds flexibility to
the way the device may be used
Additionally the VPP Status bit (SR3) when set to
‘‘1’’ MUST be reset by system software before fur-
ther byte programs or block erases are attempted
To clear the Status Register the Clear Status Regis-
ter command (50H) is written to the Command Reg-
ister The Clear Status Register command is func-
tional when VPP e VPPL or VPPH
9


Similar Part No. - TN28F001BX-B150

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TN28F010-120 INTEL-TN28F010-120 Datasheet
895Kb / 33P
   28F010 1024K (128K X 8) CMOS FLASH MEMORY
TN28F010-150 INTEL-TN28F010-150 Datasheet
895Kb / 33P
   28F010 1024K (128K X 8) CMOS FLASH MEMORY
TN28F010-90 INTEL-TN28F010-90 Datasheet
895Kb / 33P
   28F010 1024K (128K X 8) CMOS FLASH MEMORY
TN28F020-120 INTEL-TN28F020-120 Datasheet
878Kb / 38P
   28F020 2048K (256K X 8) CMOS FLASH MEMORY
TN28F020-150 INTEL-TN28F020-150 Datasheet
878Kb / 38P
   28F020 2048K (256K X 8) CMOS FLASH MEMORY
More results

Similar Description - TN28F001BX-B150

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
A28F200BX-T INTEL-A28F200BX-T Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F200BR-TB INTEL-A28F200BR-TB Datasheet
440Kb / 36P
   2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BL-TB INTEL-28F200BL-TB Datasheet
496Kb / 42P
   2-MBIT (128K x 16, 256K x 8)LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
28F002BC INTEL-28F002BC Datasheet
455Kb / 37P
   28F002BC 2-MBIT (256K X 8) BOOT BLOCK FLASH MEMORY
logo
STMicroelectronics
M29W008ET STMICROELECTRONICS-M29W008ET Datasheet
282Kb / 43P
   8 Mbit (1Mb x 8, Boot Block) 3V Supply Flash Memory
logo
Intel Corporation
M28F008 INTEL-M28F008 Datasheet
401Kb / 28P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
VE28F008 INTEL-VE28F008 Datasheet
381Kb / 26P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
logo
Numonyx B.V
M29W800DT NUMONYX-M29W800DT Datasheet
1Mb / 52P
   8-Mbit (1 Mbit x 8 or 512 Kbits x 16, boot block) 3 V supply flash memory
logo
Sharp Corporation
LH28F008SAHR SHARP-LH28F008SAHR Datasheet
1Mb / 29P
   8 MBIT(1 MBIT x 8)FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com