Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA28F016SV-080 Datasheet(PDF) 11 Page - Intel Corporation

Part # DA28F016SV-080
Description  16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DA28F016SV-080 Datasheet(HTML) 11 Page - Intel Corporation

Back Button DA28F016SV-080 Datasheet HTML 7Page - Intel Corporation DA28F016SV-080 Datasheet HTML 8Page - Intel Corporation DA28F016SV-080 Datasheet HTML 9Page - Intel Corporation DA28F016SV-080 Datasheet HTML 10Page - Intel Corporation DA28F016SV-080 Datasheet HTML 11Page - Intel Corporation DA28F016SV-080 Datasheet HTML 12Page - Intel Corporation DA28F016SV-080 Datasheet HTML 13Page - Intel Corporation DA28F016SV-080 Datasheet HTML 14Page - Intel Corporation DA28F016SV-080 Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
E
28F016SV FlashFile™ MEMORY
11
2.1 Lead Descriptions
Symbol
Type
Name and Function
A0
INPUT
BYTE-SELECT ADDRESS: Selects between high and low byte when
device is in x8 mode. This address is latched in x8 data programs. Not
used in x16 mode (i.e., the A0 input buffer is turned off when BYTE# is
high).
A1–A15
INPUT
WORD-SELECT ADDRESSES: Select a word within one 64-Kbyte block.
A6–15 selects 1 of 1024 rows, and A1–5 selects 16 of 512 columns. These
addresses are latched during data programs.
A16–A20
INPUT
BLOCK-SELECT ADDRESSES: Select 1 of 32 Erase blocks. These
addresses are latched during data programs, erase and lock block
operations.
DQ0–DQ7
INPUT/OUTPUT LOW-BYTE DATA BUS: Inputs data and commands during CUI program
cycles. Outputs array, buffer, identifier or status data in the appropriate
read mode. Floated when the chip is de-selected or the outputs are
disabled.
DQ8–DQ15
INPUT/OUTPUT HIGH-BYTE DATA BUS: Inputs data during x16 data program
operations. Outputs array, buffer or identifier data in the appropriate read
mode; not used for Status Register reads. Floated when the chip is de-
selected or the outputs are disabled.
CE0#, CE1#
INPUT
CHIP ENABLE INPUTS: Activate the device’s control logic, input buffers,
decoders and sense amplifiers. With either CE0# or CE1# high, the device
is de-selected and power consumption reduces to standby levels upon
completion of any current data program or erase operations. Both CE0#
and CE1# must be low to select the device.
All timing specifications are the same for both signals. Device Selection
occurs with the latter falling edge of CE0# or CE1#. The first rising edge of
CE0# or CE1# disables the device.
RP#
INPUT
RESET/POWER-DOWN: RP# low places the device in a deep power-
down state. All circuits that consume static power, even those circuits
enabled in standby mode, are turned off. When returning from deep
power-down, a recovery time of tPHQV is required to allow these circuits to
power-up.
When RP# goes low, any current or pending WSM operation(s) are
terminated, and the device is reset. All Status Registers return to ready
(with all status flags cleared).
Exit from deep power-down places the device in read array mode.
OE#
INPUT
OUTPUT ENABLE: Gates device data through the output buffers when
low. The outputs float to tri-state off when OE# is high.
NOTE:
CEx# overrides OE#, and OE# overrides WE#.
WE#
INPUT
WRITE ENABLE: Controls access to the CUI, Page Buffers, Data Queue
Registers and Address Queue Latches. WE# is active low, and latches
both address and data (command or array) on its rising edge.
Page Buffer addresses are latched on the falling edge of WE#.


Similar Part No. - DA28F016SV-080

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
DA28F016SA-070 INTEL-DA28F016SA-070 Datasheet
840Kb / 55P
   28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
DA28F016SA-080 INTEL-DA28F016SA-080 Datasheet
840Kb / 55P
   28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
DA28F016SA-100 INTEL-DA28F016SA-100 Datasheet
840Kb / 55P
   28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
DA28F016SA-120 INTEL-DA28F016SA-120 Datasheet
840Kb / 55P
   28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
DA28F016SA-150 INTEL-DA28F016SA-150 Datasheet
840Kb / 55P
   28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
More results

Similar Description - DA28F016SV-080

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F016SA INTEL-28F016SA Datasheet
840Kb / 55P
   28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
DD28F032SA INTEL-DD28F032SA Datasheet
1Mb / 49P
   32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile MEMORY
VS28F016SV INTEL-VS28F016SV Datasheet
612Kb / 50P
   16-Mbit (1-Mbit x 16, 2-Mbit x 8) FlashFileTM MEMORY
logo
Sharp Corporation
LH28F016SANS SHARP-LH28F016SANS Datasheet
2Mb / 41P
   16 Mbit(1 Mbit x 16, 2 Mbit x 8)
logo
Intel Corporation
28F016XS INTEL-28F016XS Datasheet
1Mb / 54P
   16-MBIT (1 MBIT x 16, 2 MBIT x 8) SYNCHRONOUS FLASH MEMORY
28F016XD INTEL-28F016XD Datasheet
1Mb / 54P
   16-MBIT (1 MBIT x 16) DRAM-INTERFACE FLASH MEMORY
M28F008 INTEL-M28F008 Datasheet
401Kb / 28P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
VE28F008 INTEL-VE28F008 Datasheet
381Kb / 26P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
28F008SA INTEL-28F008SA Datasheet
466Kb / 33P
   8-MBIT (1-MBIT x 8) FlashFileTM MEMORY
28F008SA-L INTEL-28F008SA-L Datasheet
437Kb / 28P
   8-MBIT (1 MBIT x 8) FLASHFILETM MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com