Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1991 Datasheet(PDF) 7 Page - Analog Devices

Part # AD1991
Description  Class D/1-Bit Audio Power Output Stage
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1991 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD1991_15 Datasheet HTML 3Page - Analog Devices AD1991_15 Datasheet HTML 4Page - Analog Devices AD1991_15 Datasheet HTML 5Page - Analog Devices AD1991_15 Datasheet HTML 6Page - Analog Devices AD1991_15 Datasheet HTML 7Page - Analog Devices AD1991_15 Datasheet HTML 8Page - Analog Devices AD1991_15 Datasheet HTML 9Page - Analog Devices AD1991_15 Datasheet HTML 10Page - Analog Devices AD1991_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. 0
AD1991
–7–
INA
INB
LEVEL SHIFTER
AND
SWITCH CONTROL
H-BRIDGE
AGND DGND
AVDD
INPUT
DVDD
PVDD
TEST
CONTROL
PGND
A1
A2
B1
B2
C1
C2
D1
D2
INC
IND
CLK
RST/PDN
MUTE
CURRENT OVERLOAD
THERMAL SHUTDOWN
THERMAL WARNING
DATA LOSS
2
4
14
6
THERMAL PROTECTION
SHORT-CIRCUIT PROTECTION
MUTE CONTROL
n
OUTA
3
OUTB
3
OUTC
3
OUTD
3
Figure 4. Functional Block Diagram (1-Channel Mode)
EDGE SPEED AND NONOVERLAP SETTINGS
The AD1991 allows the user to select from one of eight different
edge speeds and from one of eight different nonoverlap times.
This allows the user to make a trade-off between distortion,
efficiency, overshooting at the outputs, and EMI. The following
sections describe the method used to program the settings.
Edge Speed
The edge speed is set by using the three pins,
ERR3, ERR2, and
INB, when
RST/PDN is low. The levels on the three pins are
latched by the rising edge of
RST/PDN. The latched value deter-
mines the edge speed thereafter, until
RST/PDN is brought low.
Table VI shows the appropriate logic levels for the corresponding
edge speeds. Note that INB is internally inverted, resulting in
the nonmonotonic sequence in Table VI.
Table VI. Edge Speed Settings
ERR3
ERR2
INB
Edge Speed
001
1 (Slowest Edge Speed)
000
2
011
3
010
4
101
5
100
6
111
7
110
8 (Fastest Edge Speed)
Nonoverlap Time
The nonoverlap time is set by using the three pins,
ERR1, ERR0,
and IND, when
RST/PDN is low. The levels on the three pins
are latched by the rising edge of
RST/PDN. The latched value
determines the nonoverlap time thereafter, until
RST/PDN is
brought low. Table VII shows the appropriate logic levels for
the corresponding nonoverlap times. Note that IND is internally
inverted, resulting in the nonmonotonic sequence in Table VII.
Note that
ERR3, ERR2, ERR1, and ERR0 are driven outputs
under normal operation and, therefore, should never be tied to a
dc voltage. The part contains internal 300 k
Ω pull-up resistors
to pull these pins high during reset. If it is desired to set them
low to achieve a particular edge speed or nonoverlap time, this
should be done by pulling them low through resistors between
10 k
Ω and 50 kΩ.
Table VII. Nonoverlap Time Settings
ERR1
ERR0
IND
Nonoverlap Time
00
11 (Shortest Nonoverlap Time)
00
0
2
01
1
3
01
0
4
10
1
5
10
0
6
11
1
7
11
08 (Longest Nonoverlap Time)


Similar Part No. - AD1991_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1991ASV AD-AD1991ASV Datasheet
194Kb / 11P
   Class D/1-Bit Audio Power Output Stage
REV. 0
AD1991ASVRL AD-AD1991ASVRL Datasheet
194Kb / 11P
   Class D/1-Bit Audio Power Output Stage
REV. 0
More results

Similar Description - AD1991_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1991 AD-AD1991 Datasheet
194Kb / 11P
   Class D/1-Bit Audio Power Output Stage
REV. 0
ADAU1513 AD-ADAU1513 Datasheet
472Kb / 16P
   Class-D Audio Power Stage
REV. 0
ADAU1513 AD-ADAU1513_15 Datasheet
1Mb / 16P
   Class-D Audio Power Stage
REV. 0
logo
Texas Instruments
TPA2025D1 TI1-TPA2025D1_14 Datasheet
1Mb / 29P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2080D1 TI1-TPA2080D1_16 Datasheet
1Mb / 29P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2015D1 TI1-TPA2015D1 Datasheet
1Mb / 33P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2013D1 TI1-TPA2013D1_16 Datasheet
1Mb / 40P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
logo
Princeton Technology Co...
PT2001 PTC-PT2001 Datasheet
250Kb / 4P
   2.2W횞2 Class-D Audio Power Amp. 2.2W횞2 Class-D Audio Power Amp. with Headphone Output
logo
List of Unclassifed Man...
LC551 ETC1-LC551 Datasheet
66Kb / 3P
   High Power Class B Output Stage
GS551 ETC1-GS551 Datasheet
96Kb / 4P
   High Power, Class B Output Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com