Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E28F200BX-B80 Datasheet(PDF) 2 Page - Intel Corporation

Part # E28F200BX-B80
Description  2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E28F200BX-B80 Datasheet(HTML) 2 Page - Intel Corporation

  E28F200BX-B80 Datasheet HTML 1Page - Intel Corporation E28F200BX-B80 Datasheet HTML 2Page - Intel Corporation E28F200BX-B80 Datasheet HTML 3Page - Intel Corporation E28F200BX-B80 Datasheet HTML 4Page - Intel Corporation E28F200BX-B80 Datasheet HTML 5Page - Intel Corporation E28F200BX-B80 Datasheet HTML 6Page - Intel Corporation E28F200BX-B80 Datasheet HTML 7Page - Intel Corporation E28F200BX-B80 Datasheet HTML 8Page - Intel Corporation E28F200BX-B80 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
28F200BX-TB 28F002BX-TB
Intel’s 2-Mbit Flash Memory Family is an extension of the Boot Block Architecture which includes block-selec-
tive erasure automated write and erase operations and standard microprocessor interface The 2-Mbit Flash
Memory Family enhances the Boot Block Architecture by adding more density and blocks x8x16 inputout-
put control very high speed low power an industry-standard ROM compatible pinout and surface mount
packaging The 2-Mbit flash family allows for an easy upgrade to Intel’s 4-Mbit Boot Block Flash Memory
Family
The Intel 28F200BX-TB are 16-bit wide flash memory offerings These high-density flash memories provide
user selectable bus operation for either 8-bit or 16-bit applications The 28F200BX-T and 28F200BX-B are
2097152-bit nonvolatile memories organized as either 262144 bytes or 131072 words of information They
are offered in 44-Lead plastic SOP and 56-Lead TSOP packages The x8x16 pinout conforms to the industry-
standard ROMEPROM pinout
The Intel 28F002BX-TB are 8-bit wide flash memories with 2097152 bits organized as 262144 bytes of
information They are offered in a 40-lead TSOP package which is ideal for space-constrained portable
systems
These devices use an integrated Command User Interface (CUI) and Write State Machine (WSM) for simplified
wordbyte write and block erasure The 28F200BX-T28F002BX-T provide block locations compatible with
Intel’s MCS -186 family 80286 i386TM i486TM i860TM and 80960CA microprocessors The 28F200BX-B
28F002BX-B provide compatibility with Intel’s 80960KX and 80960SX families as well as other embedded
microprocessors
The boot block includes a data protection feature to protect the boot code in critical applications With a
maximum access time of 60 ns these 2-Mbit flash devices are very high-performance memories which inter-
face at zero wait-state to a wide range of microprocessors and microcontrollers A deep power-down mode
lowers the total VCC power consumption to 1 mW typical This is critical in handheld battery-powered systems
For very low-power applications using a 33V supply refer to the Intel 28F200BX-TLBL 28F002BX-TLBL
2-Mbit Boot Block Flash Memory Family datasheet
Manufactured on Intel’s 08 micron ETOX III process the 2-Mbit flash memory family provides world-class
quality reliability and cost-effectiveness at the 2-Mbit density level
2


Similar Part No. - E28F200BX-B80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E28F200B5B60 INTEL-E28F200B5B60 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
E28F200B5B60 INTEL-E28F200B5B60 Datasheet
344Kb / 44P
   5 VOLT BOOT BLOCK FLASH MEMORY
E28F200B5B80 INTEL-E28F200B5B80 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
E28F200B5B80 INTEL-E28F200B5B80 Datasheet
344Kb / 44P
   5 VOLT BOOT BLOCK FLASH MEMORY
E28F200B5T60 INTEL-E28F200B5T60 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
More results

Similar Description - E28F200BX-B80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
A28F200BX-T INTEL-A28F200BX-T Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F200BR-TB INTEL-A28F200BR-TB Datasheet
440Kb / 36P
   2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BL-TB INTEL-28F200BL-TB Datasheet
496Kb / 42P
   2-MBIT (128K x 16, 256K x 8)LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
   4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
   4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F002BC INTEL-28F002BC Datasheet
455Kb / 37P
   28F002BC 2-MBIT (256K X 8) BOOT BLOCK FLASH MEMORY
28F001BX-T INTEL-28F001BX-T Datasheet
436Kb / 33P
   1-MBIT (128K x 8) BOOT BLOCK FLASH MEMORY
28F400BL-TB INTEL-28F400BL-TB Datasheet
496Kb / 44P
   4-MBlT (256K x 16, 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
logo
Cypress Semiconductor
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
   2-Mbit (256K x 8/128K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com