Electronic Components Datasheet Search |
|
AD5060 Datasheet(PDF) 1 Page - Analog Devices |
|
AD5060 Datasheet(HTML) 1 Page - Analog Devices |
1 / 24 page Fully Accurate 14-/16-Bit VOUT nanoDAC™ SPI Interface 2.7 V to 5.5 V, in an SOT-23 AD5040/AD5060 Rev. A Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 © 2005-2010 Analog Devices, Inc. All rights reserved. FEATURES Single 14-/16-bit DAC, 1 LSB INL Power-on reset to midscale or zero scale Guaranteed monotonic by design 3 power-down functions Low power serial interface with Schmitt-triggered inputs Small 8-lead SOT-23 package, low power Fast settling time of 4 μs typically 2.7 V to 5.5 V power supply Low glitch on power-up SYNC interrupt facility APPLICATIONS Process control Data acquisition systems Portable battery-powered instruments Digital gain and offset adjustment Programmable voltage and current sources Programmable attenuators GENERAL DESCRIPTION The AD5040 and the AD5060, members of the ADI nanoDAC family, are low power, single 14-/16-bit buffered voltage-out DACs that operate from a single 2.7 V to 5.5 V supply. The AD5040/AD5060 parts offer a relative accuracy specification of ±1 LSB and operation are guaranteed monotonic with a ±1 LSB DNL specification. The parts use a versatile 3-wire serial interface that operates at clock rates up to 30 MHz and is compatible with standard SPI®, QSPI™, MICROWIRE™, and DSP interface standards. The reference for both the AD5040 and AD5060 is supplied from an external VREF pin. A reference buffer is also provided on-chip. The AD5060 incorporates a power-on reset circuit that ensures the DAC output powers up to midscale or zero scale and remains there until a valid write takes place to the device. The AD5040 and the AD5060 both contain a power-down feature that reduces the current con- sumption of the device to typically 330 nA at 5 V and provides software-selectable output loads while in power-down mode. The parts are put into power-down mode over the serial interface. Total unadjusted error for the parts is <2 mV. Both parts exhibit very low glitch on power-up. FUNCTIONAL BLOCK DIAGRAM AD5040/ AD5060 VDD VOUT VREF POWER-ON RESET DAC REGISTER DAC INPUT CONTROL LOGIC POWER-DOWN CONTROL LOGIC RESISTOR NETWORK REF(+) SCLK DIN SYNC DACGND BUF AGND OUTPUT BUFFER Figure 1. PRODUCT HIGHLIGHTS 1. Available in a small, 8-lead SOT-23 package. 2. 14-/16-bit accurate, 1 LSB INL. 3. Low glitch on power-up. 4. High speed serial interface with clock speeds up to 30 MHz. 5. Three power-down modes available to the user. 6. Reset to known output voltage (midscale, zero scale). Table 1. Related Devices Part No. Description AD5061 2.7 V to 5.5 V, 16-bit nanoDAC D/A, 4 LSB INL, SOT-23 AD5062 2.7 V to 5.5 V, 16-bit nanoDAC D/A,1 LSB INL, SOT-23 AD5063 2.7 V to 5.5 V, 16-bit nanoDAC D/A, 1 LSB INL, MSOP |
Similar Part No. - AD5060_15 |
|
Similar Description - AD5060_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |