Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72235LB25PFI Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT72235LB25PFI
Description  CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72235LB25PFI Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT72235LB25PFI Datasheet HTML 3Page - Integrated Device Technology IDT72235LB25PFI Datasheet HTML 4Page - Integrated Device Technology IDT72235LB25PFI Datasheet HTML 5Page - Integrated Device Technology IDT72235LB25PFI Datasheet HTML 6Page - Integrated Device Technology IDT72235LB25PFI Datasheet HTML 7Page - Integrated Device Technology IDT72235LB25PFI Datasheet HTML 8Page - Integrated Device Technology IDT72235LB25PFI Datasheet HTML 9Page - Integrated Device Technology IDT72235LB25PFI Datasheet HTML 10Page - Integrated Device Technology IDT72235LB25PFI Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
IDT72205LB/72215LB/72225LB/72235LB/72245LB CMOS SyncFIFO™
256 x 18-BIT, 512 x 18, 1,024 x 18, 2,048 x 18 and 4,096 x 18
Commercial And Industrial Temperature Ranges
When the
LDpin is LOW and WEN is HIGH, the WCLK input
is disabled; then a signal at this input can neither increment the
write offset register pointer, nor execute a write.
The contents of the offset registers can be read on the
output lines when the
LD pin is set LOW and REN is set LOW;
then, data can be read on the LOW-to-HIGH transition of the
read clock (RCLK). The act of reading the control registers
employs a dedicated read offset register pointer. (The read
and write pointers operate independently).
A read and a write should not be performed simultaneously
to the offset registers.
FIRST LOAD (
FL
FL
FL
FL
FL)
FL is grounded to indicate operation in the Single Device or
Width Expansion mode. In the Depth Expansion configuration,
FL is grounded to indicate it is the first device loaded and is set
to HIGH for all other devices in the Daisy Chain. (See Operating
Configurations for further details.)
WRITE EXPANSION INPUT (
WXI
WXI
WXI
WXI
WXI)
This is a dual purpose pin.
WXI is grounded to indicate
operation in the Single Device or Width Expansion mode.
WXI
is connected to Write Expansion Out (
WXO) of the previous
device in the Daisy Chain Depth Expansion mode.
READ EXPANSION INPUT (
RXI
RXI
RXI
RXI
RXI)
This is a dual purpose pin.
RXI is grounded to indicate
operation in the Single Device or Width Expansion mode.
RXI
is connected to Read Expansion Out (
RXO) of the previous
device in the Daisy Chain Depth Expansion mode.
OUTPUTS:
FULL FLAG (
FF
FF
FF
FF
FF)
When the FIFO is full,
FF will go LOW, inhibiting further
write operations. When
FF is HIGH, the FIFO is not full. If no
reads are performed after a reset,
FF will go LOW after D
writes to the FIFO. D = 256 writes for the IDT72205LB, 512 for
the IDT72215LB, 1,024 for the IDT72225LB, 2,048 for the
IDT72235LB and 4,096 for the IDT72245LB.
The
FF is updated on the LOW-to-HIGH transition of the
write clock (WCLK).
Number of Words in FIFO Memory
72205
72215
72225
72235
72245
FF
FF
FF
FF
FF PAF
PAF
PAF
PAF
PAF HF
HF
HF
HF
HF PAE
PAE
PAE
PAE
PAE EF
EF
EF
EF
EF
00
0
0
0
H
H
H
L
L
1 to n(1)
1 to n(1)
1 to n(1)
1 to n(1)
1 to n(1)
HH
H
L
H
(n + 1) to 128
(n + 1) to 256
(n + 1) to 512
(n + 1) to 1,024
(n + 1) to 2,048
H
H
H
H
H
129 to (256-(m+1)) 257 to (512-(m+1)) 513 to (1,024-(m+1)) 1,025 to (2,048-(m+1)) 2,049 to (4,096-(m+1))
H
H
L
H
H
(256-m)(2) to 255
(512-m)(2) to 511
(1,024-m)(2) to 1,023
(2,048-m)(2) to 2,047
(4,096-m)(2) to 4,095
H
L
L
H
H
256
512
1,024
2,048
4,096
L
L
L
H
H
NOTES:
2766 tbl 09
1. n = Empty Offset (Default Values : IDT72205 n=31, IDT72215 n = 63, IDT72225/72235/72245 n = 127)
2. m = Full Offset (Default Values : IDT72205 n=31, IDT72215 n = 63, IDT72225/72235/72245 n = 127)
TABLE I — STATUS FLAGS
EMPTY FLAG (
EF
EF
EF
EF
EF)
When the FIFO is empty,
EF will go LOW, inhibiting further
read operations. When
EF is HIGH, the FIFO is not empty.
The EF is updated on the LOW-to-HIGH transition of the
read clock (RCLK).
PROGRAMMABLE ALMOST-FULL FLAG (
PAF
PAF
PAF
PAF
PAF)
The Programmable Almost-Full Flag (
PAF) will go LOW
when FIFO reaches the Almost-Full condition. If no reads are
performed after Reset (
RS), the PAF will go LOW after (256-m)
writes for the IDT72205LB, (512-m) writes for the IDT72215LB,
(1,024-m) writes for the IDT72225LB, (2,048–m) writes for the
IDT72235LB and (4,096–m) writes for the IDT72245LB. The
offset “m” is defined in the FULL offset register.
If there is no Full offset specified, the
PAF will be LOW when
the device is 31 away from completely full for IDT72205LB, 63
away from completely full for IDT72215LB, and 127 away from
completely full for IDT72225LB/72235LB/72245LB.
The
PAF is asserted LOW on the LOW-to-HIGH transition
of the write clock (WCLK).
PAF is reset to HIGH on the LOW-
to-HIGH transition of the read clock (RCLK). Thus
PAF is
asynchronous.
PROGRAMMABLE ALMOST-EMPTY FLAG (
PAE
PAE
PAE
PAE
PAE)
The Programmable Almost-Empty Flag (
PAE) will go LOW
when the read pointer is “n+1” locations less than the write
pointer. The offset “n” is defined in the EMPTY offset register.
If there is no Empty offset specified, the Programmable
Almost-Empty Flag (
PAE) will be LOW when the device is 31
away from completely empty for IDT72205LB, 63 away from
completely empty for IDT72215LB, and 127 away from com-
pletely empty for IDT72225LB/72235LB/72245LB.
The
PAE is asserted LOW on the LOW-to-HIGH transition
of the read clock (RCLK).
PAE is reset to HIGH on the LOW-
to-HIGH transition of the write clock (WCLK). Thus
PAE is
asynchronous.
WRITE EXPANSION OUT/HALF-FULL FLAG (
WXO
WXO
WXO
WXO
WXO/HF
HF
HF
HF
HF)
This is a dual-purpose output. In the Single Device and
Width Expansion mode, when Write Expansion In (
WXI) and
Read Expansion In (
RXI) are grounded, this output acts as an
indication of a half-full memory.


Similar Part No. - IDT72235LB25PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72235LB IDT-IDT72235LB Datasheet
338Kb / 16P
   CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72235LB RENESAS-IDT72235LB Datasheet
313Kb / 17P
   CMOS SyncFIFOTM
NOVEMBER 2017
More results

Similar Description - IDT72235LB25PFI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74V215 TI-SN74V215_06 Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215_08 Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
logo
Sharp Corporation
LH540235 SHARP-LH540235 Datasheet
369Kb / 46P
   2048 x 18 / 4096 x 18 Synchronous FIFOs
logo
Integrated Device Techn...
IDT72V205 IDT-IDT72V205 Datasheet
214Kb / 25P
   3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
logo
Sharp Corporation
LH540215 SHARP-LH540215 Datasheet
423Kb / 48P
   512 x 18 / 1024 x 18 Synchronous FIFO
logo
Integrated Device Techn...
IDT72605 IDT-IDT72605 Datasheet
209Kb / 20P
   CMOS SyncBiFIFOO 256 x 18 x 2 and 512 x 18 x 2
IDT72511 IDT-IDT72511 Datasheet
434Kb / 28P
   PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
IDT72805LB IDT-IDT72805LB Datasheet
334Kb / 26P
   CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18
logo
Renesas Technology Corp
IDT72V805 RENESAS-IDT72V805 Datasheet
399Kb / 27P
   3.3 VOLT CMOS DUAL SyncFIFO™ DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 and DUAL 4,096 x 18
MARCH 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com