Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TE28F800B3T120 Datasheet(PDF) 1 Page - Intel Corporation

Part # TE28F800B3T120
Description  SMART 3 ADVANCED BOOT BLOCK WORD-WIDE
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TE28F800B3T120 Datasheet(HTML) 1 Page - Intel Corporation

  TE28F800B3T120 Datasheet HTML 1Page - Intel Corporation TE28F800B3T120 Datasheet HTML 2Page - Intel Corporation TE28F800B3T120 Datasheet HTML 3Page - Intel Corporation TE28F800B3T120 Datasheet HTML 4Page - Intel Corporation TE28F800B3T120 Datasheet HTML 5Page - Intel Corporation TE28F800B3T120 Datasheet HTML 6Page - Intel Corporation TE28F800B3T120 Datasheet HTML 7Page - Intel Corporation TE28F800B3T120 Datasheet HTML 8Page - Intel Corporation TE28F800B3T120 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
E
PRELIMINARY
May 1997
Order Number: 290580-002
n Flexible SmartVoltage Technology
2.7V–3.6V Program/Erase
2.7V–3.6V Read Operation
12V VPP Fast Production
Programming
n 2.7V or 1.8V I/O Option
Reduces Overall System Power
n Optimized Block Sizes
Eight 4-KW Blocks for Data,
Top or Bottom Locations
Up to Thirty-One 32-KW Blocks for
Code
n High Performance
2.7V–3.6V: 120 ns Max Access Time
n Block Locking
VCC-Level Control through WP#
n Low Power Consumption
20 mA Maximum Read Current
n Absolute Hardware-Protection
VPP = GND Option
VCC Lockout Voltage
n Extended Temperature Operation
–40°C to +85°C
n Supports Code Plus Data Storage
Optimized for FDI, Flash Data
Integrator Software
Fast Program Suspend Capability
Fast Erase Suspend Capability
n Extended Cycling Capability
10,000 Block Erase Cycles
n Automated Word Program and Block
Erase
Command User Interface
Status Registers
n SRAM-Compatible Write Interface
n Automatic Power Savings Feature
n Reset/Deep Power-Down
1 µA ICCTypical
Spurious Write Lockout
n Standard Surface Mount Packaging
48-Ball
µBGA* Package
48-Lead TSOP Package
n Footprint Upgradeable
Upgradeable from 2-, 4- and 8-Mbit
Boot Block
n ETOX™ V (0.4 µ) Flash Technology
The new Smart 3 Advanced Boot Block, manufactured on Intel’s latest 0.4µ technology, represents a feature-
rich solution at overall lower system cost. Smart 3 flash memory devices incorporate low voltage capability
(2.7V read, program and erase) with high-speed, low-power operation. Several new features have been
added, including the ability to drive the I/O at 1.8V, which significantly reduces system active power and
interfaces to 1.8V controllers. A new blocking scheme enables code and data storage within a single device.
Add to this the Intel-developed Flash Data Integrator (FDI) software and you have the most cost-effective,
monolithic code plus data storage solution on the market today. Smart 3 Advanced Boot Block Word-Wide
products will be available in 48-lead TSOP and 48-ball µBGA* packages. Additional information on this
product family can be obtained by accessing Intel’s WWW page: http://www.intel.com/design/flcomp.
SMART 3 ADVANCED BOOT BLOCK
WORD-WIDE
4-MBIT (256K X 16), 8-MBIT (512K X 16),
16-MBIT (1024K X 16)
FLASH MEMORY FAMILY
28F400B3, 28F800B3, 28F160B3


Similar Part No. - TE28F800B3T120

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F800B3T110 INTEL-TE28F800B3T110 Datasheet
304Kb / 48P
   SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
More results

Similar Description - TE28F800B3T120

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F008B3 INTEL-28F008B3 Datasheet
408Kb / 49P
   SMART 3 ADVANCED BOOT BLOCK BYTE-WIDE
28F320B3 INTEL-28F320B3 Datasheet
304Kb / 48P
   SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
TE28F320 INTEL-TE28F320 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
logo
Numonyx B.V
28F800C3 NUMONYX-28F800C3 Datasheet
639Kb / 70P
   Advanced Boot Block Flash
logo
Intel Corporation
28F640C3 INTEL-28F640C3 Datasheet
177Kb / 18P
   3 Volt Intel Advanced Boot Block Flash Memory
28F800C3 INTEL-28F800C3 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
28F008C3 INTEL-28F008C3 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
RD28F3208C3T70 INTEL-RD28F3208C3T70 Datasheet
1Mb / 70P
   3 VOLT INTEL AdvancedBootBlock FlashMemory(C3)Stacked-ChipScalPackageFamilye
28F200B5 INTEL-28F200B5 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
logo
Texas Instruments
TMS28F400BZB TI1-TMS28F400BZB Datasheet
409Kb / 29P
[Old version datasheet]   BOOT-BLOCK FLASH MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com