Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBG4361F Datasheet(PDF) 9 Page - STANLEY ELECTRIC CO.,LTD.

Part # MBG4361F
Description  Single Color 3.6 Right Angle Type
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

MBG4361F Datasheet(HTML) 9 Page - STANLEY ELECTRIC CO.,LTD.

Back Button MBG4361F Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. MBG4361F Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. MBG4361F Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. MBG4361F Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. MBG4361F Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. MBG4361F Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. MBG4361F Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. MBG4361F Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. MBG4361F Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Page 9
2004.10.27
Single Color φ3.6 Right Angle Type
4361F Series
Ambient Temperature vs. Relative Intensity
Condition : I
F=20mA
Ambient Temperature : Ta(℃)
Derating
Ambient Temperature vs. Maximum Forward Current
Repetition Frequency : f ≧ 50Hz
Ambient Temperature : Ta(℃)
Technical Data(MPG)
Ambient Temperature vs. Forward Voltage
Ambient Temperature : Ta(℃)
Power Dissipation vs. Ambient Temperature
Ambient Temperature : Ta(℃)


Similar Part No. - MBG4361F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBG4361F ETC1-MBG4361F Datasheet
225Kb / 1P
   SINGLE COLOR LED
More results

Similar Description - MBG4361F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1313F ETC1-1313F Datasheet
1Mb / 17P
   RIGHT ANGLE TYPE TRI-COLOR
logo
STANLEY ELECTRIC CO.,LT...
1101F STANLEY-1101F Datasheet
367Kb / 21P
   Single Color Right Angle Type (3.0 X 2.0 mm)
BG1101F-TR STANLEY-BG1101F-TR Datasheet
410Kb / 21P
   Single Color Right Angle Type (3.0 X 2.0 mm)
PG1113F STANLEY-PG1113F Datasheet
286Kb / 15P
   Single Color Right Angle Type (2.1 X 1.0 mm)
PG1101F-TR STANLEY-PG1101F-TR Datasheet
410Kb / 21P
   Single Color Right Angle Type (3.0 X 2.0 mm)
logo
IDEA.lnc.
JBRC0128 IDEA-JBRC0128 Datasheet
45Kb / 2P
   right-angle bi-color miniature chip type
JDVGC0128 IDEA-JDVGC0128 Datasheet
45Kb / 2P
   right-angle bi-color miniature chip type
JDGC0128 IDEA-JDGC0128 Datasheet
45Kb / 2P
   right-angle bi-color miniature chip type
JRGC0128 IDEA-JRGC0128 Datasheet
45Kb / 2P
   right-angle bi-color miniature chip type
JYGC0128 IDEA-JYGC0128 Datasheet
40Kb / 2P
   right-angle bi-color miniature chip type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com