Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM-6100AWG Datasheet(PDF) 6 Page - Optoway Technology Inc

Part # SPM-6100AWG
Description  16G FC / 850 nm Digital Diagnostic LC Multi-Mode SFP TRANSCEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPM-6100AWG Datasheet(HTML) 6 Page - Optoway Technology Inc

Back Button SPM-6100AWG Datasheet HTML 2Page - Optoway Technology Inc SPM-6100AWG Datasheet HTML 3Page - Optoway Technology Inc SPM-6100AWG Datasheet HTML 4Page - Optoway Technology Inc SPM-6100AWG Datasheet HTML 5Page - Optoway Technology Inc SPM-6100AWG Datasheet HTML 6Page - Optoway Technology Inc SPM-6100AWG Datasheet HTML 7Page - Optoway Technology Inc SPM-6100AWG Datasheet HTML 8Page - Optoway Technology Inc SPM-6100AWG Datasheet HTML 9Page - Optoway Technology Inc SPM-6100AWG Datasheet HTML 10Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Optoway
SPM-6100WG
***********************************************************************************************************************************************************************
*********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
2011/12/1 V2.0
6
WRAP OPERATION FUNCTIONS - SOFT CONTROL (Address A2h, Byte 111).
To assist with local host or remote diagnostic and optimization sequences, electrical and optical wrap functions can be enabled. Optical wrap
(OWRAP) takes the received optical signal through CDRs and retransmits it optically out. Electrical wrap (EWRAP) takes the received
electrical signal through CDRs and retransmits it electrically out. Optional forward functions can be transmitted outbound the wrapped
information via i2c control.
Byte
Bit
Name
Description
4-7
Reserved
Reserved.
3
OWRAP Forward
Enable Bit
When set in combination with OWRAP Enable, OWRAP Forward routes incoming
SFP+ Rx optical data to both the Tx optical output and the Rx electrical output.
Enabling sets bit 2 and clears all other bits in byte 111.
2
OWRAP Enable
Bit
When set, OWRAP routes incoming SFP+ Rx optical data to the Tx optical output.
Enabling clears all other bits in byte 111.
1
EWRAP Forward
Enable Bit
When set in combination with EWRAP Enable, EWRAP Forward routes incoming
SFP+ Tx electrical data to both Rx electrical output and Tx optical output. Enabling
sets bit 0 and clears all other bits in byte 111.
111
0
EWRAP Enable
Bit
When set, EWRAP Enable routes incoming SFP+ Tx electrical data to the Rx
electrical output. Enabling clears all other bits in byte 111.
OWRAP FORWARD ENABLE MODE (I2C CONTROLLED)
OWRAP ENABLE MODE (I2C CONTROLLED)


Similar Part No. - SPM-6100AWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-6100AWG OPTOWAY-SPM-6100AWG Datasheet
257Kb / 10P
   16G FC / 850 nm Digital Diagnostic LC Multi-Mode SFP TRANSCEIVER
SPM-6100AWG OPTOWAY-SPM-6100AWG Datasheet
257Kb / 10P
   16G FC / 850 nm Digital Diagnostic LC Multi-Mode SFP TRANSCEIVER
More results

Similar Description - SPM-6100AWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-6100AWG OPTOWAY-SPM-6100AWG Datasheet
257Kb / 10P
   16G FC / 850 nm Digital Diagnostic LC Multi-Mode SFP TRANSCEIVER
SPM-6100WG OPTOWAY-SPM-6100WG Datasheet
257Kb / 10P
   16G FC / 850 nm Digital Diagnostic LC Multi-Mode SFP TRANSCEIVER
SPM-6100WG OPTOWAY-SPM-6100WG_15 Datasheet
257Kb / 10P
   850 nm Digital Diagnostic LC Multi-Mode SFP TRANSCEIVER
SPS-6110AWG OPTOWAY-SPS-6110AWG Datasheet
232Kb / 7P
   16G FC / 1310 nm / 10 km Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-6110BWG OPTOWAY-SPS-6110BWG Datasheet
232Kb / 7P
   16G FC / 1310 nm / 10 km Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-6110WG OPTOWAY-SPS-6110WG Datasheet
232Kb / 7P
   16G FC / 1310 nm / 10 km Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPM-8100WG OPTOWAY-SPM-8100WG Datasheet
145Kb / 4P
   3.3V / 850 nm / 4.25 Gbps Digital Diagnostic Digital Diagnostic SFP LC Multi-Mode TRANSCEIVER
SPM-9100FWG OPTOWAY-SPM-9100FWG_08 Datasheet
148Kb / 5P
   3.3V / 850 nm / 2.125 Gbps Digital Diagnostic SFP LC MULTI-MODE TRANSCEIVER
SPM-7101WG OPTOWAY-SPM-7101WG Datasheet
149Kb / 4P
   3.3V / 850 nm / 1.25 Gbps Digital Diagnostic LC SFP MULTI-MODE TRANSCEIVER
SPM-7100WG OPTOWAY-SPM-7100WG_08 Datasheet
147Kb / 5P
   3.3V / 850 nm / 1.25 Gbps Digital Diagnostic LC SFP MULTI-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com