Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAY4361F Datasheet(PDF) 4 Page - STANLEY ELECTRIC CO.,LTD.

Part # MAY4361F
Description  Single Color 3.6 Right Angle Type
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

MAY4361F Datasheet(HTML) 4 Page - STANLEY ELECTRIC CO.,LTD.

  MAY4361F Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. MAY4361F Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. MAY4361F Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. MAY4361F Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. MAY4361F Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. MAY4361F Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. MAY4361F Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. MAY4361F Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. MAY4361F Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Electro-Optical Characteristics(MBG,MPG,MPY,MAY,MAA,MVR,BR)
Page 4
2004.10.27
Single Color φ3.6 Right Angle Type
4361F Series
Conditions
MBG
MPG
MPY
MAY
MAA
MVR
BR
TYP.
2.1
2.1
2.1
2.2
2.2
2.0
1.7
MAX.
2.8
2.8
2.8
2.8
2.8
2.8
2.0
Reverse Current
VR=4V
IR
MAX.
20
20
20
20
20
20
100
μA
Peak Wavelength
IF=20mA
λp
TYP.
555
560
570
580
605
630
660
nm
Dominant
Wavelength
IF=20mA
λd
TYP.
558
567
572
590
606
624
647
nm
Spectral Line Half
Width
IF=20mA
⊿λ
TYP.
30
30
30
30
30
30
30
nm
Half Intensity
Angle
IF=20mA 2θ1/2
TYP.
100
74
76
72
73
84
94
deg.
Item
Symbol
Unit
Forward Voltage
IF=20mA
VF
V
Characteristics
(Ta=25℃)
Conditions
MPR
TYP.
2.1
MAX.
2.8
Reverse Current
VR=4V
IR
MAX.
20
μA
Peak Wavelength IF=10mA
λ
p
TYP.
700
nm
Dominant
Wavelength
IF=10mA
λ
d
TYP.
630
nm
Spectral Line Half
Width
IF=10mA
⊿λ
TYP.
100
nm
Half Intensity
Angle
IF=10mA 2θ1/2 TYP.
85
deg.
Item
Symbol
Unit
Forward Voltage
IF=10mA
VF
V
Characteristics
Electro-Optical Characteristics(MPR)
(Ta=25℃)


Similar Part No. - MAY4361F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MAY4361F ETC1-MAY4361F Datasheet
225Kb / 1P
   SINGLE COLOR LED
More results

Similar Description - MAY4361F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1313F ETC1-1313F Datasheet
1Mb / 17P
   RIGHT ANGLE TYPE TRI-COLOR
logo
STANLEY ELECTRIC CO.,LT...
1101F STANLEY-1101F Datasheet
367Kb / 21P
   Single Color Right Angle Type (3.0 X 2.0 mm)
BG1101F-TR STANLEY-BG1101F-TR Datasheet
410Kb / 21P
   Single Color Right Angle Type (3.0 X 2.0 mm)
PG1113F STANLEY-PG1113F Datasheet
286Kb / 15P
   Single Color Right Angle Type (2.1 X 1.0 mm)
PG1101F-TR STANLEY-PG1101F-TR Datasheet
410Kb / 21P
   Single Color Right Angle Type (3.0 X 2.0 mm)
logo
IDEA.lnc.
JBRC0128 IDEA-JBRC0128 Datasheet
45Kb / 2P
   right-angle bi-color miniature chip type
JDVGC0128 IDEA-JDVGC0128 Datasheet
45Kb / 2P
   right-angle bi-color miniature chip type
JDGC0128 IDEA-JDGC0128 Datasheet
45Kb / 2P
   right-angle bi-color miniature chip type
JRGC0128 IDEA-JRGC0128 Datasheet
45Kb / 2P
   right-angle bi-color miniature chip type
JYGC0128 IDEA-JYGC0128 Datasheet
40Kb / 2P
   right-angle bi-color miniature chip type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com