Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

376 Datasheet(PDF) 5 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 5 Page - Intel Corporation

  376 Datasheet HTML 1Page - Intel Corporation 376 Datasheet HTML 2Page - Intel Corporation 376 Datasheet HTML 3Page - Intel Corporation 376 Datasheet HTML 4Page - Intel Corporation 376 Datasheet HTML 5Page - Intel Corporation 376 Datasheet HTML 6Page - Intel Corporation 376 Datasheet HTML 7Page - Intel Corporation 376 Datasheet HTML 8Page - Intel Corporation 376 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 95 page
background image
376 EMBEDDED PROCESSOR
The following table lists a brief description of each pin on the 80376 The following definitions are used in
these descriptions
The named signal is active LOW
I
Input signal
O
Output signal
IO
Input and Output signal
No electrical connection
Symbol
Type
Name and Function
CLK2
I
CLK2
provides the fundamental timing for the 80376 For additional
information see Clock in Section 41
RESET
I
RESET
suspends any operation in progress and places the 80376 in a
known reset state See Interrupt Signals in Section 41 for additional
information
D15–D0
IO
DATA BUS
inputs data during memory IO and interrupt acknowledge
read cycles and outputs data during memory and IO write cycles See
Data Bus
in Section 41 for additional information
A23–A1
O
ADDRESS BUS
outputs physical memory or port IO addresses See
Address Bus
in Section 41 for additional information
WR
O
WRITEREAD
is a bus cycle definition pin that distinguishes write
cycles from read cycles See Bus Cycle Definition Signals in Section
41 for additional information
DC
O
DATACONTROL
is a bus cycle definition pin that distinguishes data
cycles either memory or IO from control cycles which are interrupt
acknowledge halt and instruction fetching See Bus Cycle Definition
Signals
in Section 41 for additional information
MIO
O
MEMORY IO
is a bus cycle definition pin that distinguishes memory
cycles from inputoutput cycles See Bus Cycle Definition Signals in
Section 41 for additional information
LOCK
O
BUS LOCK
is a bus cycle definition pin that indicates that other
system bus masters are denied access to the system bus while it is
active See Bus Cycle Definition Signals in Section 41 for additional
information
ADS
O
ADDRESS STATUS
indicates that a valid bus cycle definition and
address (WR DC MIO BHE BLE and A23–A1) are being driven at
the 80376 pins See Bus Control Signals in Section 41 for additional
information
NA
I
NEXT ADDRESS
is used to request address pipelining See Bus
Control Signals
in Section 41 for additional information
READY
I
BUS READY
terminates the bus cycle See Bus Control Signals in
Section 41 for additional information
BHE BLE
O
BYTE ENABLES
indicate which data bytes of the data bus take part in
a bus cycle
See Address Bus in Section 41 for additional
information
HOLD
I
BUS HOLD REQUEST
input allows another bus master to request
control of the local bus See Bus Arbitration Signals in Section 41
for additional information
5


Similar Part No. - 376

ManufacturerPart #DatasheetDescription
logo
Energizer
376 ENERGIZER-376 Datasheet
214Kb / 1P
   Silver Oxide Batteries
logo
Fluke Corporation
376 FLUKE-376 Datasheet
97Kb / 2P
   Work horse clamp with increased performance and flexibility
logo
Pomona Electronics
3760 POMONA-3760 Datasheet
72Kb / 1P
   Standard Binding Post
logo
List of Unclassifed Man...
3760 ETC2-3760 Datasheet
138Kb / 1P
   Terminal Block Accessories
logo
Pomona Electronics
3760-0 POMONA-3760-0 Datasheet
72Kb / 1P
   Standard Binding Post
More results

Similar Description - 376

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80960CA-33 INTEL-80960CA-33 Datasheet
977Kb / 68P
   80960CA-33, -25, -16 32-BIT HIGH-PERFORMANCE EMBEDDED PROCESSOR
logo
Silicon Laboratories
EFM32GG232 SILABS-EFM32GG232 Datasheet
1Mb / 71P
   High Performance 32-bit processor
logo
Microchip Technology
MM7150 MICROCHIP-MM7150 Datasheet
316Kb / 28P
   High Performance 32-bit Embedded Controller
01/27/15
logo
Intel Corporation
80960CA-25 INTEL-80960CA-25 Datasheet
1Mb / 62P
   SPECIAL ENVIRONMENT 80960CA-25, -16 32-BIT HIGH-PERFORMANCE EMBEDDED PROCESSOR
logo
ATMEL Corporation
TSC695F ATMEL-TSC695F_04 Datasheet
2Mb / 42P
   Rad-Hard 32-bit SPARC Embedded Processor
TSC695F ATMEL-TSC695F Datasheet
2Mb / 42P
   Rad-Hard 32-bit SPARC Embedded Processor
logo
Freescale Semiconductor...
MCIMX233DJM4C FREESCALE-MCIMX233DJM4C Datasheet
298Kb / 2P
   i.MX233 Applications Processor 32-bit Embedded Microprocessor ??ARM
logo
Intel Corporation
80960HA INTEL-80960HA Datasheet
828Kb / 102P
   80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
logo
List of Unclassifed Man...
EFM32GG332F512 ETC2-EFM32GG332F512 Datasheet
1Mb / 67P
   High Performance 32-bit processor @ up to 48 MHz
EFM32GG230 ETC2-EFM32GG230 Datasheet
3Mb / 66P
   High Performance 32-bit processor up to 48 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com