Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TE28F800C3B90 Datasheet(PDF) 1 Page - Intel Corporation

Part # TE28F800C3B90
Description  3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TE28F800C3B90 Datasheet(HTML) 1 Page - Intel Corporation

  TE28F800C3B90 Datasheet HTML 1Page - Intel Corporation TE28F800C3B90 Datasheet HTML 2Page - Intel Corporation TE28F800C3B90 Datasheet HTML 3Page - Intel Corporation TE28F800C3B90 Datasheet HTML 4Page - Intel Corporation TE28F800C3B90 Datasheet HTML 5Page - Intel Corporation TE28F800C3B90 Datasheet HTML 6Page - Intel Corporation TE28F800C3B90 Datasheet HTML 7Page - Intel Corporation TE28F800C3B90 Datasheet HTML 8Page - Intel Corporation TE28F800C3B90 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
E
PRODUCT PREVIEW
May 1998
Order Number: 290645-001
n Flexible SmartVoltage Technology
2.7 V–3.6 V Read/Program/Erase
2.7 V or 1.65 V I/O Option Reduces
Overall System Power
12 V for Fast Production
Programming
n High Performance
2.7 V–3.6 V: 90 ns Max Access Time
3.0 V–3.6 V: 80 ns Max Access Time
n Optimized Architecture for Code Plus
Data Storage
Eight 8-Kbyte Blocks,
Top or Bottom Locations
Up to Sixty-Three 64-KB Blocks
Fast Program Suspend Capability
Fast Erase Suspend Capability
n Flexible Block Locking
Lock/Unlock Any Block
Full Protection on Power-Up
WP# Pin for Hardware Block
Protection
VPP = GND Option
VCC Lockout Voltage
n Low Power Consumption
9 mA Typical Read Power
10 µA Typical Standby Power with
Automatic Power Savings Feature
n Extended Temperature Operation
–40 °C to +85 °C
n Easy-12 V
Faster Production Programming
No Additional System Logic
n 128-bit Protection Register
64-bit Unique Device Identifier
64-bit User Programmable OTP
Cells
n Extended Cycling Capability
Minimum 100,000 Block Erase
Cycles
n Flash Data Integrator Software
Flash Memory Manager
System Interrupt Manager
Supports Parameter Storage,
Streaming Data (e.g., voice)
n Automated Word/Byte Program and
Block Erase
Command User Interface
Status Registers
n SRAM-Compatible Write Interface
n Cross-Compatible Command Support
Intel Basic Command Set
Common Flash Interface
n x 16 for High Performance
48-Ball
µBGA* Package
48-Lead TSOP Package
n x 8 I/O for Space Savings
48-Ball
µBGA* Package
40-Lead TSOP Package
n 0.25 µ ETOX™ VI Flash Technology
The 0.25 µm 3 Volt Advanced+ Boot Block, manufactured on Intel’s latest 0.25 µ technology, represents a
feature-rich solution at overall lower system cost. Smart 3 flash memory devices incorporate low voltage
capability (2.7 V read, program and erase) with high-speed, low-power operation. Flexible block locking
allows any block to be independently locked or unlocked. Add to this the Intel-developed Flash Data
Integrator (FDI) software and you have a cost-effective, flexible, monolithic code plus data storage solution on
the market today. 3 Volt Advanced+ Boot Block products will be available in 48-lead TSOP, 40-lead TSOP,
and 48-ball µBGA* packages. Additional information on this product family can be obtained by accessing
Intel’s WWW page: http://www.intel.com/design/flcomp.
3 VOLT ADVANCED+ BOOT BLOCK
8-, 16-, 32-MBIT
FLASH MEMORY FAMILY
28F008C3, 28F016C3, 28F032C3
28F800C3, 28F160C3, 28F320C3


Similar Part No. - TE28F800C3B90

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F800C3BA110 INTEL-TE28F800C3BA110 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
TE28F800C3BA70 INTEL-TE28F800C3BA70 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
TE28F800C3BA90 INTEL-TE28F800C3BA90 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
TE28F800C3BC70 INTEL-TE28F800C3BC70 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
TE28F800C3BD70 INTEL-TE28F800C3BD70 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
More results

Similar Description - TE28F800C3B90

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F320B3 INTEL-28F320B3 Datasheet
304Kb / 48P
   SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
TE28F320 INTEL-TE28F320 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
28F800F3 INTEL-28F800F3 Datasheet
277Kb / 47P
   FAST BOOT BLOCK FLASH MEMORY FAMILY 8 AND 16 MBIT
28F640C3 INTEL-28F640C3 Datasheet
177Kb / 18P
   3 Volt Intel Advanced Boot Block Flash Memory
logo
Numonyx B.V
M29W160FT NUMONYX-M29W160FT Datasheet
1Mb / 57P
   16 Mbit or 32 Mbit (x 8 or x 16, boot block) 3 V supply Flash memory
logo
Intel Corporation
28F002BV-B INTEL-28F002BV-B Datasheet
638Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BV-TB INTEL-28F200BV-TB Datasheet
636Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F200BX-T INTEL-A28F200BX-T Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
   4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com