Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA28F200BX-T120 Datasheet(PDF) 11 Page - Intel Corporation

Part # PA28F200BX-T120
Description  2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PA28F200BX-T120 Datasheet(HTML) 11 Page - Intel Corporation

Back Button PA28F200BX-T120 Datasheet HTML 7Page - Intel Corporation PA28F200BX-T120 Datasheet HTML 8Page - Intel Corporation PA28F200BX-T120 Datasheet HTML 9Page - Intel Corporation PA28F200BX-T120 Datasheet HTML 10Page - Intel Corporation PA28F200BX-T120 Datasheet HTML 11Page - Intel Corporation PA28F200BX-T120 Datasheet HTML 12Page - Intel Corporation PA28F200BX-T120 Datasheet HTML 13Page - Intel Corporation PA28F200BX-T120 Datasheet HTML 14Page - Intel Corporation PA28F200BX-T120 Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
28F200BX-TB 28F002BX-TB
21 28F200BX Memory Organization
211 BLOCKING
The 28F200BX uses a blocked array architecture to
provide independent erasure of memory blocks A
block is erased independently of other blocks in the
array when an address is given within the block ad-
dress range and the Erase Setup and Erase Confirm
commands are written to the CUI The 28F200BX is
a random readwrite memory only erasure is per-
formed by block
2111 Boot Block Operation and Data
Protection
The 16-Kbyte boot block provides a lock feature for
secure code storage The intent of the boot block is
to provide a secure storage area for the kernel code
that is required to boot a system in the event of pow-
er failure or other disruption during code update
This lock feature ensures absolute data integrity by
preventing the boot block from being written or
erased when RP
is not at 12V The boot block can
be erased and written when RP
is held at 12V for
the duration of the erase or program operation This
allows customers to change the boot code when
necessary while providing security when needed
See the Block Memory Map section for address
locations of the boot block for the 28F200BX-T
and 28F200BX-B
2112 Parameter Block Operation
The 28F200BX has 2 parameter blocks (8 Kbytes
each) The parameter blocks are intended to provide
storage for frequently updated system parameters
and configuration or diagnostic information The pa-
rameter blocks can also be used to store additional
boot or main code The parameter blocks however
do not have the hardware write protection feature
that the boot block has The parameter blocks pro-
vide for more efficient memory utilization when deal-
ing with parameter changes versus regularly blocked
devices See the Block Memory Map section for ad-
dress locations of the parameter blocks for the
28F200BX-T and 28F200BX-B
2113 Main Block Operation
Two main blocks of memory exist on the 28F200BX
(1 x 128 Kbyte block and 1 x 96-Kbyte block) See
the following section on Block Memory Map for the
address location of these blocks for the 28F200BX-T
and 28F200BX-B products
212 BLOCK MEMORY MAP
Two versions of the 28F200BX product exist to sup-
port two different memory maps of the array blocks
in order to accommodate different microprocessor
protocols for boot code location The 28F200BX-T
memory map is inverted from the 28F200BX-B
memory map
2121 28F200BX-B Memory Map
The 28F200BX-B device has the 16-Kbyte boot
block located from 00000H to 01FFFH to accommo-
date those microprocessors that boot from the bot-
tom of the address map at 00000H
In the
28F200BX-B the first 8-Kbyte parameter block re-
sides in memory space from 02000H to 02FFFH
The second 8-Kbyte parameter block resides in
memory space from 03000H to 03FFFH
The
96-Kbyte main block resides in memory space from
04000H to 0FFFFH The 128-Kbyte main block re-
sides in memory space from 10000H to 1FFFFH
(word locations) See Figure 7
(Word Addresses)
1FFFFH
128-Kbyte MAIN BLOCK
0FFFFH
10000H
96-Kbyte MAIN BLOCK
03FFFH
04000H
8-Kbyte PARAMETER BLOCK
02FFFH
03000H
8-Kbyte PARAMETER BLOCK
01FFFH
02000H
16-Kbyte BOOT BLOCK
00000H
Figure 7 28F200BX-B Memory Map
11


Similar Part No. - PA28F200BX-T120

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
PA28F200B5B60 INTEL-PA28F200B5B60 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
PA28F200B5B60 INTEL-PA28F200B5B60 Datasheet
344Kb / 44P
   5 VOLT BOOT BLOCK FLASH MEMORY
PA28F200B5B80 INTEL-PA28F200B5B80 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
PA28F200B5B80 INTEL-PA28F200B5B80 Datasheet
344Kb / 44P
   5 VOLT BOOT BLOCK FLASH MEMORY
PA28F200B5T60 INTEL-PA28F200B5T60 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
More results

Similar Description - PA28F200BX-T120

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
A28F200BX-T INTEL-A28F200BX-T Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F200BR-TB INTEL-A28F200BR-TB Datasheet
440Kb / 36P
   2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BL-TB INTEL-28F200BL-TB Datasheet
496Kb / 42P
   2-MBIT (128K x 16, 256K x 8)LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
   4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
   4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F002BC INTEL-28F002BC Datasheet
455Kb / 37P
   28F002BC 2-MBIT (256K X 8) BOOT BLOCK FLASH MEMORY
28F001BX-T INTEL-28F001BX-T Datasheet
436Kb / 33P
   1-MBIT (128K x 8) BOOT BLOCK FLASH MEMORY
28F400BL-TB INTEL-28F400BL-TB Datasheet
496Kb / 44P
   4-MBlT (256K x 16, 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
logo
Cypress Semiconductor
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
   2-Mbit (256K x 8/128K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com