Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H7EC Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # H7EC
Description  Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7EC Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button H7EC Datasheet HTML 6Page - Omron Electronics LLC H7EC Datasheet HTML 7Page - Omron Electronics LLC H7EC Datasheet HTML 8Page - Omron Electronics LLC H7EC Datasheet HTML 9Page - Omron Electronics LLC H7EC Datasheet HTML 10Page - Omron Electronics LLC H7EC Datasheet HTML 11Page - Omron Electronics LLC H7EC Datasheet HTML 12Page - Omron Electronics LLC H7EC Datasheet HTML 13Page - Omron Electronics LLC H7EC Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
New H7ET
10
Specifications
■ General
Note: 1. Only PNP/NPN universal DC voltage input models (-H models) have a backlight.
2. The frequency range for an AC voltage is 50 to 60 Hz.
3. “-hours”, “-d-h”, “-h-m”, and “-h-m-s” labels are included.
4. Zero suppression: Zeros are not displayed to increase readability. For example, "000008.2" is displayed as "8.2" if zero suppression is
set. If the range is set to 3999d23.9h, the value is "008.2".
■ Ratings
Item
H7ET-NV-
@
H7ET-NV-
@H
H7ET-NFV-
@
H7ET-N-
@
H7ET-NV1-
@
H7ET-NV1-
@H
H7ET-NFV1-
@
H7ET-N1-
@
Operating mode
Accumulating
Mounting method
Flush mounting
External connections
Screw terminals
Reset
External/Manual reset
Display
7-segment LCD with or without backlight, zero suppression (character height: 8.6 mm) (see note 1)
Number of digits
7
Time range
0.0h to 999999.9h
←→ 0.0h to 3999d23.9h
(switchable with switch)
0s to 999h59min59s
←→ 0.0min to 9999h59.9min
(switchable with switch)
Timer input
PNP/NPN univer-
sal DC voltage in-
put
AC/DC multi-volt-
age input
No-voltage input
(see note 2)
PNP/NPN univer-
sal DC voltage in-
put
AC/DC multi-volt-
age input
No-voltage input
Case color
Light gray or black (-B models)
Attachment
Waterproof packing, Y92F-34 Flush Mounting Bracket, time unit labels (see note 3)
Approved standard
UL863, CSA C22.2 No.14, Lloyds
Conforms to EN61010-1/IEC61010-1 (pollution degree2/overvoltage category III)
Conforms to VDE0106/P100
Item
H7ET-NV
@-@
H7ET-NV
@-@H
H7ET-NFV
@-@
H7ET-N
@-@
Supply voltage
Backlight model: 24 VDC (0.3 W max.)
(for backlight)
No-backlight model: Not required (pow-
ered by built-in battery)
Not required (powered by built-in battery)
Timer input
High (logic) level: 4.5 to 30 VDC
Low (logic) level: 0 to 2 VDC
(Input impedance: Approx. 4.7 k
Ω)
High (logic) level: 24 to 240 VAC/VDC,
50/60 Hz
Low (logic) level: 0 to 2.4 VAC/VDC, 50/
60 Hz
No voltage input
Maximum short-circuit impedance:
10 k
Ω max.
Short-circuit residual voltage: 0.5 V max.
Minimum open impedance: 750 k
Ω min.
Reset input
No voltage input
Maximum short-circuit impedance:
10 k
Ω max.
Short-circuit residual voltage: 0.5 V max.
Minimum open impedance: 750 k
Ω min.
Minimum pulse
width
1 s
Reset system
External reset and manual reset: Minimum signal width of 20 ms
Terminal screw
tightening torque
0.98 N·m max.
Ambient tempera-
ture
Operating: –10
°C to 55°C (with no condensation or icing)
Storage:
–25
°C to 65°C (with no condensation or icing)
Ambient humidity
Operating: 25% to 85%


Similar Part No. - H7EC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H7EC OMRON-H7EC Datasheet
143Kb / 5P
   Self-Powered Counters Subminiature Count Totalizers Require No External Power Supply
H7EC-B OMRON-H7EC-B Datasheet
143Kb / 5P
   Self-Powered Counters Subminiature Count Totalizers Require No External Power Supply
H7EC-BL OMRON-H7EC-BL Datasheet
143Kb / 5P
   Self-Powered Counters Subminiature Count Totalizers Require No External Power Supply
H7EC-BLM OMRON-H7EC-BLM Datasheet
143Kb / 5P
   Self-Powered Counters Subminiature Count Totalizers Require No External Power Supply
H7EC-BM OMRON-H7EC-BM Datasheet
143Kb / 5P
   Self-Powered Counters Subminiature Count Totalizers Require No External Power Supply
More results

Similar Description - H7EC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H7EC-NFV OMRON-H7EC-NFV Datasheet
1Mb / 13P
   Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
H7EC-NV-H OMRON-H7EC-NV-H Datasheet
2Mb / 33P
   Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
H7EC-N OMRON-H7EC-N Datasheet
2Mb / 33P
   Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
Y92S-36 OMRON-Y92S-36 Datasheet
2Mb / 33P
   Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
H7EC-NV OMRON-H7EC-NV Datasheet
2Mb / 33P
   Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
logo
Extech Instruments Corp...
365515 EXTECH-365515 Datasheet
194Kb / 1P
   Stopwatch/Clock with Backlit Display
365515 EXTECH-365515_15 Datasheet
194Kb / 1P
   Stopwatch/Clock with Backlit Display
407732 EXTECH-407732_15 Datasheet
180Kb / 1P
   Sound Level Meter with Backlit Display
logo
Keystone Electronics Co...
2460 KEYSTONE-2460 Datasheet
450Kb / 1P
   Economical design, available with PC terminals or wire leads
logo
Applied Concepts Inc.
ACD-2353 ACIPOWER-ACD-2353 Datasheet
324Kb / 3P
   XGA LED BACKLIT TFT DISPLAY WITH NVIS CLASS B CAPABILITY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com