Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84B12 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BZX84B12
Description  350mW SURFACE MOUNT PRECISION ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZX84B12 Datasheet(HTML) 2 Page - Diodes Incorporated

  BZX84B12 Datasheet HTML 1Page - Diodes Incorporated BZX84B12 Datasheet HTML 2Page - Diodes Incorporated BZX84B12 Datasheet HTML 3Page - Diodes Incorporated BZX84B12 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BZX84B2V7 - BZX84B39
Document number: DS36159 Rev. 2 - 2
2 of 4
www.diodes.com
June 2013
© Diodes Incorporated
BZX84B2V7 - BZX84B39
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Forward Voltage
@ IF = 10mA
VF
0.9
V
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
300
mW
Power Dissipation (Note 6)
PD
350
mW
Thermal Resistance, Junction to Ambient Air (Note 5)
RθJA
417
°C/W
Thermal Resistance, Junction to Ambient Air (Note 6)
RθJA
357
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Type
Number
(Note 7)
Marking
Code
Zener Voltage Range
(Note 8)
Maximum Zener
Impedance
f = 1KHz
Maximum Reverse
Current
(Note 8)
Temperature
Coefficient
@ IZT
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IR
VR
Min
Max
Nom (V)
Min (V)
Max (V)
(mA)
(
Ω)
(
Ω)
(mA)
(µA)
(V)
mV/°C
mV/°C
BZX84B2V7
KZC
2.7
2.65
2.75
5.0
100
600
1.0
20
1.0
-3.5
0
BZX84B3V0
KZD
3.0
2.94
3.06
5.0
95
600
1.0
10
1.0
-3.5
0
BZX84B3V3
KZE
3.3
3.23
3.37
5.0
95
600
1.0
5.0
1.0
-3.5
0
BZX84B3V6
KZF
3.6
3.53
3.67
5.0
90
600
1.0
5.0
1.0
-3.5
0
BZX84B3V9
KZG
3.9
3.82
3.98
5.0
90
600
1.0
3.0
1.0
-3.5
0
BZX84B4V3
KZH
4.3
4.21
4.39
5.0
90
600
1.0
3.0
1.0
-3.5
0
BZX84B4V7
KZ1
4.7
4.61
4.79
5.0
80
500
1.0
3.0
2.0
-3.5
0.2
BZX84B5V1
KZ2
5.1
5
5.2
5.0
60
480
1.0
2.0
2.0
-2.7
1.2
BZX84B5V6
KZ3
5.6
5.49
5.71
5.0
40
400
1.0
1.0
2.0
-2.0
2.5
BZX84B6V2
KZ4
6.2
6.08
6.32
5.0
10
150
1.0
3.0
4.0
0.4
3.7
BZX84B6V8
KZ5
6.8
6.66
6.94
5.0
15
80
1.0
2.0
4.0
1.2
4.5
BZX84B7V5
KZ6
7.5
7.35
7.65
5.0
15
80
1.0
1.0
5.0
2.5
5.3
BZX84B8V2
KZ7
8.2
8.04
8.36
5.0
15
80
1.0
0.7
5.0
3.2
6.2
BZX84B9V1
KZ8
9.1
8.92
9.28
5.0
15
100
1.0
0.5
6.0
3.8
7.0
BZX84B10
KZ9
10
9.8
10.2
5.0
20
150
1.0
0.2
7.0
4.5
8.0
BZX84B11
KY1
11
10.8
11.2
5.0
20
150
1.0
0.1
8.0
5.4
9.0
BZX84B12
KY2
12
11.8
12.2
5.0
25
150
1.0
0.1
8.0
6.0
10.0
BZX84B13
KY3
13
12.7
13.3
5.0
30
170
1.0
0.1
8.0
7.0
11.0
BZX84B15
KY4
15
14.7
15.3
5.0
30
200
1.0
0.1
10.5
9.2
13.0
BZX84B16
KY5
16
15.7
16.3
5.0
40
200
1.0
0.1
11.2
10.4
14.0
BZX84B18
KY6
18
17.6
18.4
5.0
45
225
1.0
0.1
12.6
12.4
16.0
BZX84B20
KY7
20
19.6
20.4
5.0
55
225
1.0
0.1
14.0
14.4
18.0
BZX84B22
KY8
22
21.6
22.4
5.0
55
250
1.0
0.1
15.4
16.4
20.0
BZX84B24
KY9
24
23.5
24.5
5.0
70
250
1.0
0.1
16.8
18.4
22.0
BZX84B27
KYA
27
26.5
27.5
2.0
80
300
0.5
0.1
18.9
21.4
25.3
BZX84B30
KYB
30
29.4
30.6
2.0
80
300
0.5
0.1
21.0
24.4
29.4
BZX84B33
KYC
33
32.3
33.7
2.0
80
325
0.5
0.1
23.1
27.4
33.4
BZX84B36
KYD
36
35.3
36.7
2.0
90
350
0.5
0.1
25.2
30.4
37.4
BZX84B39
KYE
39
38.2
39.8
2.0
130
350
0.5
0.1
27.3
33.4
41.2
Notes:
5. Device mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com.
6. Valid provided the terminals are kept at ambient temperature.
7. For inquiries on alternate nominal Zener voltages, please contact your Diodes Inc. sales representative for availability and minimum order details.
8. Short duration pulse test used to minimize self-heating effect.


Similar Part No. - BZX84B12

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BZX84B12 CENTRAL-BZX84B12 Datasheet
120Kb / 2P
   SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
logo
Diodes Incorporated
BZX84B12 DIODES-BZX84B12 Datasheet
95Kb / 4P
   350mW SURFACE MOUNT PRECISION ZENER DIODE
logo
Pan Jit International I...
BZX84B12 PANJIT-BZX84B12 Datasheet
92Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Weitron Technology
BZX84B12 WEITRON-BZX84B12 Datasheet
832Kb / 4P
   SMALL SIGNAL ZENER DIODES 225m WATTS
logo
Pan Jit International I...
BZX84B12 PANJIT-BZX84B12 Datasheet
70Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - BZX84B12

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84B2V7 DIODES-BZX84B2V7 Datasheet
95Kb / 4P
   350mW SURFACE MOUNT PRECISION ZENER DIODE
BZX84B2V7 DIODES-BZX84B2V7_15 Datasheet
95Kb / 4P
   350mW SURFACE MOUNT PRECISION ZENER DIODE
BZX84C2V4 DIODES-BZX84C2V4_15 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C43 DIODES-BZX84C43_1 Datasheet
350Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS30370 Rev. 5 - 2
MMBZ5221B DIODES-MMBZ5221B Datasheet
66Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
MMBZ5221B DIODES-MMBZ5221B_10 Datasheet
88Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 21 - 2
BZX84C2V4 DIODES-BZX84C2V4_12 Datasheet
103Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C12-7 DIODES-BZX84C12-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C18-7 DIODES-BZX84C18-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMBZ5221B WTE-MMBZ5221B Datasheet
76Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com