Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT827DTDB Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT74FCT827DTDB
Description  FAST CMOS 10-BIT BUFFERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT827DTDB Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT74FCT827DTDB Datasheet HTML 1Page - Integrated Device Technology IDT74FCT827DTDB Datasheet HTML 2Page - Integrated Device Technology IDT74FCT827DTDB Datasheet HTML 3Page - Integrated Device Technology IDT74FCT827DTDB Datasheet HTML 4Page - Integrated Device Technology IDT74FCT827DTDB Datasheet HTML 5Page - Integrated Device Technology IDT74FCT827DTDB Datasheet HTML 6Page - Integrated Device Technology IDT74FCT827DTDB Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IDT54/74FCT827AT/BT/CT/DT, IDT54/74FCT2827AT/BT/CT
HIGH-PERFORMANCE CMOS BUFFERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.22
2
PIN CONFIGURATIONS
DIP/SOIC/SSOP/QSOP/CERPACK
TOP VIEW
2573 drw 02
2573 drw 03
LCC
TOP VIEW
OE1
D0
D1
D2
D3
D4
D5
D6
D7
Y0
Y1
Y2
Y3
Y4
Y6
Y5
Y7
VCC
1
2
3
4
5
6
7
8
9
10
13
14
15
16
17
18
19
20
P24-1
D24-1
SO24-2
SO24-7
SO24-8
&
E24-1
11
12
21
22
23
24
D8
D9
Y8
Y9
OE2
GND
INDEX
D2
Y2
Y3
Y4
NC
Y5
32
20
19
1
4
5
6
7
8
18
17
16
15
14
9
10
11
1213
L28-1
D3
D4
NC
D5
D6
D7
Y6
Y7
21
22
23
24
25
26
27
28
PIN DESCRIPTION
2573 tbl 01
Names
I/O
Description
OEI
I
When both are LOW the outputs are
enabled. When either one or both are
HIGH the outputs are High Z.
DI
I
10-bit data input.
YI
O
10-bit data output.
CAPACITANCE (TA = +25
°C, f = 1.0MHz)
ABSOLUTE MAXIMUM RATINGS
(1)
Symbol
Rating
Commercial
Military
Unit
VTERM(2) Terminal Voltage
with Respect to
GND
–0.5 to +7.0
–0.5 to +7.0
V
VTERM(3) Terminal Voltage
with Respect to
GND
–0.5 to
VCC +0.5
–0.5 to
VCC +0.5
V
TA
Operating
Temperature
0 to +70
–55 to +125
°C
TBIAS
Temperature
Under Bias
–55 to +125
–65 to +135
°C
TSTG
Storage
Temperature
–55 to +125
–65 to +150
°C
PT
Power Dissipation
0.5
0.5
W
IOUT
DC Output
Current
–60 to +120
–60 to +120
mA
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RAT-
INGS may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification is
not implied.
Exposure to absolute maximum rating conditions for
extended periods may affect reliability. No terminal voltage may exceed
VCC by +0.5V unless otherwise noted.
2. Input and VCC terminals only.
3. Outputs and I/O terminals only.
2573 lnk 03
Symbol
Parameter(1)
Conditions
Typ.
Max. Unit
CIN
Input
Capacitance
VIN = 0V
6
10
pF
COUT
Output
Capacitance
VOUT = 0V
8
12
pF
NOTE:
1. This parameter is measured at characterization but not tested.
2573 lnk 04
Inputs
Output
OE
OE1
OE
OE2
DI
YI
Function
L
L
L
L
L
H
L
H
Transparent
H
X
X
H
X
X
Z
Z
Three-State
NOTE:
2573 tbl 02
1. H = HIGH, L = LOW, X = Don’t Care, Z = High Impedance
FUNCTION TABLE
(1)


Similar Part No. - IDT74FCT827DTDB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT827 IDT-IDT74FCT827 Datasheet
111Kb / 7P
   HIGH-PERFORMANCE CMOS BUFFERS
IDT74FCT827A IDT-IDT74FCT827A Datasheet
111Kb / 7P
   HIGH-PERFORMANCE CMOS BUFFERS
IDT74FCT827AD IDT-IDT74FCT827AD Datasheet
111Kb / 7P
   HIGH-PERFORMANCE CMOS BUFFERS
IDT74FCT827ADB IDT-IDT74FCT827ADB Datasheet
111Kb / 7P
   HIGH-PERFORMANCE CMOS BUFFERS
IDT74FCT827AE IDT-IDT74FCT827AE Datasheet
111Kb / 7P
   HIGH-PERFORMANCE CMOS BUFFERS
More results

Similar Description - IDT74FCT827DTDB

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT827T PERICOM-PI74FCT827T Datasheet
105Kb / 5P
   Fast CMOS 10-Bit Buffers
PI74LCX827 PERICOM-PI74LCX827 Datasheet
152Kb / 7P
   Fast CMOS 3.3V 10-Bit Buffers
logo
Integrated Device Techn...
IDT74FCT16827AT IDT-IDT74FCT16827AT Datasheet
120Kb / 8P
   FAST CMOS 20-BIT BUFFERS
logo
Pericom Semiconductor C...
PI74FCT16827 PERICOM-PI74FCT16827 Datasheet
65Kb / 7P
   Fast CMOS 20-Bit Buffers
logo
Integrated Device Techn...
IDT74FCT3827A IDT-IDT74FCT3827A Datasheet
102Kb / 7P
   3.3V CMOS 10-BIT BUFFERS
logo
Recom International Pow...
PI74LPT16827 RECOM-PI74LPT16827 Datasheet
49Kb / 5P
   Fast CMOS 3.3V 20-Bit Buffers
logo
Fairchild Semiconductor
74F827 FAIRCHILD-74F827 Datasheet
66Kb / 7P
   10-Bit Buffers/Line Drivers
logo
National Semiconductor ...
54F827SDM NSC-54F827SDM Datasheet
164Kb / 8P
   10-Bit Buffers/Line Drivers
logo
Texas Instruments
CY74FCT827ATSOCTE4 TI1-CY74FCT827ATSOCTE4 Datasheet
289Kb / 11P
[Old version datasheet]   10-BIT BUFFERS WITH 3-STATE OUTPUTS
logo
List of Unclassifed Man...
QS5244 ETC1-QS5244 Datasheet
227Kb / 4P
   LOW SKEW CMOS 8-BIT BUFFERS / LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com