Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5231BRUZ50 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5231BRUZ50
Description  Nonvolatile Memory, 1024-Position Digital Potentiometer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5231BRUZ50 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5231BRUZ50 Datasheet HTML 7Page - Analog Devices AD5231BRUZ50 Datasheet HTML 8Page - Analog Devices AD5231BRUZ50 Datasheet HTML 9Page - Analog Devices AD5231BRUZ50 Datasheet HTML 10Page - Analog Devices AD5231BRUZ50 Datasheet HTML 11Page - Analog Devices AD5231BRUZ50 Datasheet HTML 12Page - Analog Devices AD5231BRUZ50 Datasheet HTML 13Page - Analog Devices AD5231BRUZ50 Datasheet HTML 14Page - Analog Devices AD5231BRUZ50 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
AD5231
Rev. D | Page 11 of 28
FREQUENCY (Hz)
0
–50
1k
100k
10k
–30
–40
–20
–10
1M
0x04
0x01
–60
0x02
CODE = 0x200
0x100
0x80
0x40
0x20
0x10
0x08
Figure 18. Gain vs. Frequency vs. Code, RAB = 50 kΩ (Figure 32)
FREQUENCY (Hz)
0
–50
1k
100k
10k
–30
–40
–20
–10
1M
0x04
0x01
–60
0x02
CODE = 0x200
0x100
0x80
0x40
0x20
0x10
0x08
Figure 19. Gain vs. Frequency vs. Code, RAB = 100 kΩ (Figure 32)
FREQUENCY (Hz)
80
100
10k
1M
1k
100k
10M
70
50
30
20
0
60
40
10
VDD = 5.0V ±100mV AC
VSS = 0V, VA = 5V, VB = 0V
MEASURED AT VW WITH CODE = 0x200
RAB = 100kΩ
RAB = 50kΩ
RAB = 10kΩ
Figure 20. PSRR vs. Frequency
100µs/DIV
VDD = 5V
VA = 2.25V
VB = 0V
VA
VW
0.5V/DIV
EXPECTED
VALUE
MIDSCALE
100
90
10
0%
Figure 21. Power-On Reset, VA = 2.25 V, VB = 0 V, Code = 1010101010B
TIME (µs)
2.55
0
10
20
5
15
25
2.53
2.51
2.49
2.47
2.45
VDD/VSS = 5V/0V
CODE = 0x200 TO 0x1FF
RAB = 10kΩ
RAB = 50kΩ
RAB = 100kΩ
Figure 22. Midscale Glitch Energy, Code 0x200 to 0x1FF
4ms/DIV
5V/DIV
5V/DIV
5V/DIV
CS
CLK
SDI
IDD
20mA/DIV
Figure 23. IDD vs. Time when Storing Data to EEMEM


Similar Part No. - AD5231BRUZ50

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5231BRU10 AD-AD5231BRU10 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
AD5231BRU10 AD-AD5231BRU10 Datasheet
221Kb / 14P
   Nonvolatile Memory Digital Potentiometers
REV PrF, 22 MAR 01
AD5231BRU10-REEL7 AD-AD5231BRU10-REEL7 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
AD5231BRU10-REEL7 AD-AD5231BRU10-REEL7 Datasheet
221Kb / 14P
   Nonvolatile Memory Digital Potentiometers
REV PrF, 22 MAR 01
AD5231BRU100 AD-AD5231BRU100 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
More results

Similar Description - AD5231BRUZ50

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5235-EP AD-AD5235-EP Datasheet
376Kb / 16P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
REV. 0
AD5235BRUZ250 AD-AD5235BRUZ250 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5231 AD-AD5231 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
ADN2850BRUZ25-RL7 AD-ADN2850BRUZ25-RL7 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
ADN2850 AD-ADN2850_15 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
AD5235 AD-AD5235 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
ADN2850 AD-ADN2850_16 Datasheet
749Kb / 30P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com