Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A80186 Datasheet(PDF) 10 Page - Intel Corporation

Part # A80186
Description  HIGH-INTEGRATION 16-BIT MICROPROCESSORS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

A80186 Datasheet(HTML) 10 Page - Intel Corporation

Back Button A80186 Datasheet HTML 6Page - Intel Corporation A80186 Datasheet HTML 7Page - Intel Corporation A80186 Datasheet HTML 8Page - Intel Corporation A80186 Datasheet HTML 9Page - Intel Corporation A80186 Datasheet HTML 10Page - Intel Corporation A80186 Datasheet HTML 11Page - Intel Corporation A80186 Datasheet HTML 12Page - Intel Corporation A80186 Datasheet HTML 13Page - Intel Corporation A80186 Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
8018680188
MemoryPeripheral Control
The processor provides ALE RD and WR bus con-
trol signals The RD and WR signals are used to
strobe data from memory or IO to the processor or
to strobe data from the processor to memory or IO
The ALE line provides a strobe to latch the address
when it is valid The local bus controller does not
provide a memoryIO signal If this is required use
the S2 signal (which will require external latching)
make the memory and IO spaces nonoverlapping
or use only the integrated chip-select circuitry
Local Bus Arbitration
The processor uses a HOLDHLDA system of local
bus exchange This provides an asynchronous bus
exchange mechanism This means multiple masters
utilizing the same bus can operate at separate clock
frequencies
The processor provides a single
HOLDHLDA pair through which all other bus mas-
ters may gain control of the local bus External cir-
cuitry must arbitrate which external device will gain
control of the bus when there is more than one alter-
nate local bus master When the processor relin-
quishes control of the local bus it floats DEN RD
WR
S0 –S2
LOCK
AD0 – AD15
(AD0 – AD7)
A16 – A19 (A8 – A19) BHE (S7) and DTR to allow
another master to drive these lines directly
Local Bus Controller and Reset
During RESET the local bus controller will perform
the following action
 Drive DEN RD and WR HIGH for one clock cy-
cle then float
NOTE
RD is also provided with an internal pull-up de-
vice to prevent the processor from inadvertently
entering Queue Status Mode during RESET
 Drive S0–S2 to the inactive state (all HIGH) and
then float
 Drive LOCK HIGH and then float
 Float AD0–15 (AD0–AD7) A16–19 (A8–A19)
BHE (S7) DTR
 Drive ALE LOW (ALE is never floated)
 Drive HLDA LOW
PERIPHERAL ARCHITECTURE
All of the integrated peripherals are controlled by
16-bit registers contained within an internal 256-byte
control block The control block may be mapped into
either memory or IO space Internal logic will recog-
nize control block addresses and respond to bus cy-
cles During bus cycles to internal registers the bus
controller will signal the operation externally (ie the
RD WR status address data etc lines will be driv-
en as in a normal bus cycle) but D15–0 (D7–0)
SRDY and ARDY will be ignored The base address
of the control block must be on an even 256-byte
boundary (ie the lower 8 bits of the base address
are all zeros)
The control block base address is programmed by a
16-bit relocation register contained within the control
block at offset FEH from the base address of the
control block It provides the upper 12 bits of the
base address of the control block
In addition to providing relocation information for the
control block the relocation register contains bits
which place the interrupt controller into Slave Mode
and cause the CPU to interrupt upon encountering
ESC instructions
Chip-SelectReady Generation Logic
The
processor contains logic which provides
programmable chip-select generation for both mem-
ories and peripherals In addition it can be pro-
grammed to provide READY (or WAIT state) genera-
tion It can also provide latched address bits A1 and
A2 The chip-select lines are active for all memory
and IO cycles in their programmed areas whether
they be generated by the CPU or by the integrated
DMA unit
MEMORY CHIP SELECTS
The processor provides 6 memory chip select out-
puts for 3 address areas upper memory lower
memory and midrange memory One each is provid-
ed for upper memory and lower memory while four
are provided for midrange memory
UPPER MEMORY CS
The processor provides a chip select called UCS
for the top of memory The top of memory is usually
used as the system memory because after reset the
processor begins executing at memory location
FFFF0H
LOWER MEMORY CS
The processor provides a chip select for low memo-
ry called LCS The bottom of memory contains the
interrupt vector table starting at location 00000H
10
10


Similar Part No. - A80186

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
A80186 AMD-A80186 Datasheet
3Mb / 56P
   High Integration 16-Bit Microprocessor iAPX86 Family
A80186-10 AMD-A80186-10 Datasheet
3Mb / 56P
   High Integration 16-Bit Microprocessor iAPX86 Family
A80186-10B AMD-A80186-10B Datasheet
3Mb / 56P
   High Integration 16-Bit Microprocessor iAPX86 Family
A80186B AMD-A80186B Datasheet
3Mb / 56P
   High Integration 16-Bit Microprocessor iAPX86 Family
More results

Similar Description - A80186

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
80C188 AMD-80C188 Datasheet
3Mb / 103P
   CMOS High-Integration 16-Bit Microprocessors
AM29116 AMD-AM29116 Datasheet
2Mb / 44P
   High-Performance 16-Bit Bipolar Microprocessors
logo
Intel Corporation
M80C186 INTEL-M80C186 Datasheet
590Kb / 59P
   CHMOS HIGH INTEGRATION 16-BIT MICROPROCESSOR
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EA INTEL-80C186EA Datasheet
709Kb / 50P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
QU80C186EC25 INTEL-QU80C186EC25 Datasheet
1Mb / 57P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C186XL20 INTEL-EE80C186XL20 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EG80C186EC25 INTEL-EG80C186EC25 Datasheet
1Mb / 57P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
TS80C186EB20 INTEL-TS80C186EB20 Datasheet
576Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EC INTEL-80C186EC Datasheet
790Kb / 57P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com