Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3011I103 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # 3011I103
Description  LINE FILTERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

3011I103 Datasheet(HTML) 1 Page - Frontier Electronics.

  3011I103 Datasheet HTML 1Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3011I Series – LINE FILTERS
Rev. A
A. Electrical Specifications:
Part
Number
L
(uH)
DCR Max.
(
Ω)
Rated Current
(A rms.)
3011I101
10 ± 15%
0.02
5.0
3011I102
15± 15%
0.03
3.0
3011I103
18± 15%
0.05
1.0
3011I104
40± 15%
0.09
1.0
B. Dimensions: mm (Inch)
Series
D
T
L
Wire Size
3011I101
16.0
(0.630)
10
(0.394)
12.7
(0.5)
1.0
(0.039)
3011I102
15.0
(0.591)
10
(0.394)
9.7
(0.382)
0.8
(0.031)
3011I103
15.5
(0.610)
8.5
(0.335)
12.7
(0.5)
0.5
(0.020)
3011I104
15.5
(0.610)
8.5
(0.335)
12.7
(0.5)
0.5
(0.020)
C. Mechanical Dimensions: (Unit: mm / Inch)
D. General Information:
1.
Test Condition: 1.0 KHz / 0.25V.
2.
Electrical specifications at 25ºC.
3.
Maximum Temperature Rise: 40ºC (when measured at 25ºC ambient).
4.
Operating temperature: -20ºC TO +105ºC.
5.
Insulation Resistance: 100M OHMS at 500VDC.
6.
Rated Voltage: 100V to 270V / 50-60 Hz.
7.
Hi-Pot Voltage: 1500VAC for one minute.
8.
Unspecified values available on request.
9.
MSL: Level 1.
Frontier Electronics Corp.
®
Page 1 of 1
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - 3011I103

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
3011 MOLEX-3011 Datasheet
66Kb / 2P
   KK Maxi-3.96mm & 5.08mm Modular Interconnection System
logo
Schurter Inc.
3011 SCHURTER-3011 Datasheet
379Kb / 3P
   Power Cord with IEC Connector C13, Angled
3011 SCHURTER-3011 Datasheet
400Kb / 3P
   Power entry modules without line filter
logo
KR Electronics, Inc.
3011 KR-3011 Datasheet
62Kb / 3P
   70 MHz Center Frequency
logo
Heyco.
3011 HEYCO-3011 Datasheet
111Kb / 1P
   Vent Plugs and Thick Panel Vent Plugs
More results

Similar Description - 3011I103

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELF11M010E PANASONIC-ELF11M010E Datasheet
40Kb / 1P
   Line Filters
logo
ice Components, Ins.
LFU16 ICE-LFU16_08 Datasheet
307Kb / 2P
   Line Filters
logo
Frontier Electronics.
3051 FRONTIER-3051_15 Datasheet
106Kb / 1P
   LINE FILTERS
logo
Panasonic Semiconductor
ELF-15N005A PANASONIC-ELF-15N005A Datasheet
71Kb / 2P
   Line Filters
logo
Frontier Electronics.
3051 FRONTIER-3051 Datasheet
110Kb / 1P
   Line Filters
3010131 FRONTIER-3010131 Datasheet
101Kb / 1P
   Line Filters
logo
Panasonic Semiconductor
ELF-18N016A PANASONIC-ELF-18N016A Datasheet
71Kb / 2P
   Line Filters
ELF-18D450H PANASONIC-ELF-18D450H Datasheet
117Kb / 4P
   Line Filters
logo
ice Components, Ins.
LF-20002-1040 ICE-LF-20002-1040 Datasheet
235Kb / 2P
   Line Filters
LFU9 ICE-LFU9 Datasheet
246Kb / 2P
   Line Filters
LFU16 ICE-LFU16 Datasheet
267Kb / 2P
   Line Filters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com