Electronic Components Datasheet Search |
|
80960CA-25 Datasheet(PDF) 3 Page - Intel Corporation |
|
80960CA-25 Datasheet(HTML) 3 Page - Intel Corporation |
3 / 62 page CONTENTS PAGE LIST OF FIGURES Figure 1 80960CA Block Diagram 5 Figure 2 80960CA PGA PinoutView from Top (Pins Facing Down) 17 Figure 3 80960CA PGA PinoutView from Bottom (Pins Facing Up) 18 Figure 4 Measuring 80960CA PGA Case Temperature 19 Figure 5 Register g0 21 Figure 6 AC Test Load 28 Figure 7 Input and Output Clocks Waveform 28 Figure 8 CLKIN Waveform 28 Figure 9 Output Delay and Float Waveform 29 Figure 10 Input Setup and Hold Waveform 29 Figure 11 NMI XINT70 Input Setup and Hold Waveform 30 Figure 12 Hold Acknowledge Timings 30 Figure 13 Bus Backoff (BOFF) Timings 31 Figure 14 Relative Timings Waveforms 32 Figure 15 Output Delay or Hold vs Load Capacitance 32 Figure 16 Rise and Fall Time Derating at Highest Operating Temperature and Minimum VCC 33 Figure 17 ICC vs Frequency and Temperature 33 Figure 18 Cold Reset Waveform 35 Figure 19 Warm Reset Waveform 36 Figure 20 Entering the ONCE State 37 Figure 21 Clock Synchronization in the 2-x Clock Mode 38 Figure 22 Clock Synchronization in the 1-x Clock Mode 38 Figure 23 Non-Burst Non-Pipelined Requests without Wait States 39 Figure 24 Non-Burst Non-Pipelined Read Request with Wait States 40 Figure 25 Non-Burst Non-Pipelined Write Request with Wait States 41 Figure 26 Burst Non-Pipelined Read Request without Wait States 32-Bit Bus 42 Figure 27 Burst Non-Pipelined Read Request with Wait States 32-Bit Bus 43 Figure 28 Burst Non-Pipelined Write Request without Wait States 32-Bit Bus 44 Figure 29 Burst Non-Pipelined Write Request with Wait States 32-Bit Bus 45 Figure 30 Burst Non-Pipelined Read Request with Wait States 16-Bit Bus 46 Figure 31 Burst Non-Pipelined Read Request with Wait States 8-Bit Bus 47 Figure 32 Non-Burst Pipelined Read Request without Wait States 32-Bit Bus 48 Figure 33 Non-Burst Pipelined Read Request with Wait States 32-Bit Bus 49 Figure 34 Burst Pipelined Read Request without Wait States 32-Bit Bus 50 Figure 35 Burst Pipelined Read Request with Wait States 32-Bit Bus 51 Figure 36 Burst Pipelined Read Request with Wait States 16-Bit Bus 52 Figure 37 Burst Pipelined Read Request with Wait States 8-Bit Bus 53 3 |
Similar Part No. - 80960CA-25 |
|
Similar Description - 80960CA-25 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |