Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5233 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5233
Description  Nonvolatile Memory, Quad 64-Position Digital Potentiometer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5233 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5233_15 Datasheet HTML 5Page - Analog Devices AD5233_15 Datasheet HTML 6Page - Analog Devices AD5233_15 Datasheet HTML 7Page - Analog Devices AD5233_15 Datasheet HTML 8Page - Analog Devices AD5233_15 Datasheet HTML 9Page - Analog Devices AD5233_15 Datasheet HTML 10Page - Analog Devices AD5233_15 Datasheet HTML 11Page - Analog Devices AD5233_15 Datasheet HTML 12Page - Analog Devices AD5233_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
AD5233
Rev. B | Page 9 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
CODE (Decimal)
0.20
016
32
0.10
–0.10
–0.20
48
0.15
0.05
0
–0.05
–0.15
64
VDD = 5V, VSS = 0V
TA =+25°C
TA =–40°C
TA =+85°C
CODE (Decimal)
0.20
016
32
0.10
0
–0.10
–0.20
48
0.15
0.05
–0.05
–0.15
64
TA =+25°C
TA =–40°C
TA =+85°C
Figure 5. INL Error vs. Code, TA = −40°C, +25°C, +85°C Overlay, RAB = 10 kΩ
Figure 8. R-DNL vs. Code, TA = −40°C, +25°C, +85°C Overlay, RAB = 10 kΩ
CODE (Decimal)
0.20
0
16
32
64
0.10
–0.10
–0.20
48
0.15
0.05
0
–0.05
–0.15
TA =+25°C
TA =–40°C
TA =+85°C
CODE (Decimal)
3000
0
16
32
64
2000
1000
0
48
2500
1500
500
VDD = 5V, VSS = 0V
TA = –40°C TO +85°C
Figure 9. (∆RWB/RWB)/∆T × 106
Figure 6. DNL Error vs. Code, TA = −40°C, +25°C, +85°C Overlay, RAB = 10 kΩ
CODE (Decimal)
300
016
32
100
0
48
200
VDD = 5.5V, VSS = 0V
TA = –40°C TO +85°C
VA = 2V
VB = 0V
CODE (Decimal)
0.20
016
32
0.10
–0.10
–0.20
48
0.15
0.05
0
–0.05
–0.15
64
VDD = 5V, VSS = 0V
TA =+25°C
TA =–40°C
TA =+85°C
64
Figure 10. (∆VW/VW)/∆T × 106 vs. Code, RAB = 10 kΩ
Figure 7. R-INL vs. Code, TA = −40°C, +25°C, +85°C Overlay, RAB = 10 kΩ


Similar Part No. - AD5233_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5233BRU10 AD-AD5233BRU10 Datasheet
221Kb / 14P
   Nonvolatile Memory Digital Potentiometers
REV PrF, 22 MAR 01
AD5233BRU10-REEL7 AD-AD5233BRU10-REEL7 Datasheet
221Kb / 14P
   Nonvolatile Memory Digital Potentiometers
REV PrF, 22 MAR 01
AD5233BRU100 AD-AD5233BRU100 Datasheet
221Kb / 14P
   Nonvolatile Memory Digital Potentiometers
REV PrF, 22 MAR 01
AD5233BRU100-REEL7 AD-AD5233BRU100-REEL7 Datasheet
221Kb / 14P
   Nonvolatile Memory Digital Potentiometers
REV PrF, 22 MAR 01
AD5233BRU50 AD-AD5233BRU50 Datasheet
221Kb / 14P
   Nonvolatile Memory Digital Potentiometers
REV PrF, 22 MAR 01
More results

Similar Description - AD5233_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
AD5253 AD-AD5253_12 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5253 AD-AD5253_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5254BRUZ50 AD-AD5254BRUZ50 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5254 AD-AD5254_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5253 AD-AD5253 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5258 AD-AD5258 Datasheet
1Mb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. 0
AD5258BRMZ1-RL7 AD-AD5258BRMZ1-RL7 Datasheet
534Kb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. D
AD5258 AD-AD5258_15 Datasheet
534Kb / 24P
   Nonvolatile, IC-Compatible 64-Position, Digital Potentiometer
REV. D
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com