Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80960CA-16 Datasheet(PDF) 11 Page - Intel Corporation

Part # 80960CA-16
Description  SPECIAL ENVIRONMENT 80960CA-25, -16 32-BIT HIGH-PERFORMANCE EMBEDDED PROCESSOR
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960CA-16 Datasheet(HTML) 11 Page - Intel Corporation

Back Button 80960CA-16 Datasheet HTML 7Page - Intel Corporation 80960CA-16 Datasheet HTML 8Page - Intel Corporation 80960CA-16 Datasheet HTML 9Page - Intel Corporation 80960CA-16 Datasheet HTML 10Page - Intel Corporation 80960CA-16 Datasheet HTML 11Page - Intel Corporation 80960CA-16 Datasheet HTML 12Page - Intel Corporation 80960CA-16 Datasheet HTML 13Page - Intel Corporation 80960CA-16 Datasheet HTML 14Page - Intel Corporation 80960CA-16 Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
SPECIAL ENVIRONMENT 80960CA-25 -16
Table 3 80960CA Pin DescriptionExternal Bus Signals
(Continued)
Name
Type
Description
BOFF
I
BUS BACKOFF
when asserted suspends the current access and causes
the bus pins to float When BOFF is deasserted the ADS signal is asserted
S(L)
on the next clock cycle and the access is resumed
H(Z)
R(Z)
HOLDA
O
HOLD ACKNOWLEDGE
indicates to a bus requestor that the processor has
relinquished control of the external bus When HOLDA is asserted the
S
external address bus data bus and bus control signals are floated HOLD
H(1)
BOFF HOLDA and BREQ are used together to arbitrate access to the
R(Q)
processor’s external bus by external bus agents Since the processor grants
HOLD requests and enters the Hold Acknowledge state even while RESET is
asserted the state of the HOLDA pin is independent of the RESET pin
BREQ
O
BUS REQUEST
is asserted when the bus controller has a request pending
BREQ can be used by external bus arbitration logic in conjunction with HOLD
S
and HOLDA to determine when to return mastership of the external bus to the
H(Q)
processor
R(0)
DC
O
DATA OR CODE
is asserted for a data request and deasserted for instruction
requests DC has the same timing as WR
S
H(Z)
R(Z)
DMA
O
DMA ACCESS
indicates whether the bus request was initiated by the DMA
controller DMA is asserted for any DMA request DMA is deasserted for all
S
other requests
H(Z)
R(Z)
SUP
O
SUPERVISOR ACCESS
indicates whether the bus request is issued while in
supervisor mode SUP is asserted when the request has supervisor privileges
S
and is deasserted otherwise SUP can be used to isolate supervisor code and
H(Z)
data structures from non-supervisor requests
R(Z)
11


Similar Part No. - 80960CA-16

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80960CA-16 INTEL-80960CA-16 Datasheet
977Kb / 68P
   80960CA-33, -25, -16 32-BIT HIGH-PERFORMANCE EMBEDDED PROCESSOR
More results

Similar Description - 80960CA-16

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80960CA-33 INTEL-80960CA-33 Datasheet
977Kb / 68P
   80960CA-33, -25, -16 32-BIT HIGH-PERFORMANCE EMBEDDED PROCESSOR
80960CF-30 INTEL-80960CF-30 Datasheet
1Mb / 62P
   SPECIAL ENVIRONMENT 80960CF-30, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR PROCESSOR
376 INTEL-376 Datasheet
1Mb / 95P
   376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
80960CF-40 INTEL-80960CF-40 Datasheet
1Mb / 77P
   80960CF-40, -33, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR EMBEDDED MICROPROCESSOR
logo
Silicon Laboratories
EFM32GG232 SILABS-EFM32GG232 Datasheet
1Mb / 71P
   High Performance 32-bit processor
logo
Microchip Technology
MM7150 MICROCHIP-MM7150 Datasheet
316Kb / 28P
   High Performance 32-bit Embedded Controller
01/27/15
logo
Intel Corporation
M80C186XL20 INTEL-M80C186XL20 Datasheet
556Kb / 44P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSOR
A80960CF33 INTEL-A80960CF33 Datasheet
1Mb / 70P
   80960CF-40, -33, -25 32-Bit High-Performance Superscalar Embedded Microprocessor
M80C186EB-16 INTEL-M80C186EB-16 Datasheet
855Kb / 56P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSOR
logo
ATMEL Corporation
TSC695F ATMEL-TSC695F_04 Datasheet
2Mb / 42P
   Rad-Hard 32-bit SPARC Embedded Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com