Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

11407681 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # 11407681
Description  HIGH CURRENT RF CHOKES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

11407681 Datasheet(HTML) 2 Page - Frontier Electronics.

  11407681 Datasheet HTML 1Page - Frontier Electronics. 11407681 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
11407 Series – HIGH CURRENT RF CHOKES (AXIAL LEADS)
Rev. A
B. Dimensions: mm (Inch)
SERIES
a
b
c
d
e
11407
25.4
(1.000)
17.78
(0.700)
25.4
(1.000)
7.04
(0.277)
0.81
(0.032)
Tol.
Min.
Max.
Min.
Max.
±0.10
(0.004)
C. General Information:
1.
Tolerance “_” : L: ±15%, K: ±10% and J: ±5% tolerances optional.
2.
Low DCR & High current capacity.
3.
Ferrite core inductors, inductance measured at 1.0 KHz.
4.
Saturation current to cause 10% maximum inductance drop.
5.
Ambient Temperature -55
°C to +125°C, rated current to cause 35°C max. temperature rise
6.
Coil finished with varnish and covered with VW1 rated shrink tubing. Dielectric strength 2500Vrms
7.
Packaging for bulk: 200pcs/box and 32000pcs/carton.
8.
MSL: Level 1.
Frontier Electronics Corp.
®
Page 2 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - 11407681

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
11407681 FRONTIER-11407681 Datasheet
113Kb / 2P
   High Current RF Varnished Chokes (Axial Leads)
11407681-LFR FRONTIER-11407681-LFR Datasheet
113Kb / 2P
   High Current RF Varnished Chokes (Axial Leads)
11407681_-LFR FRONTIER-11407681_-LFR Datasheet
46Kb / 2P
   High Current RF Varnished Chokes (Axial Leads)
More results

Similar Description - 11407681

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1120 ETC1-1120 Datasheet
38Kb / 1P
   HIGH CURRENT RF CHOKES
5500 ETC-5500 Datasheet
31Kb / 1P
   High Current RF Chokes
logo
Frontier Electronics.
11407 FRONTIER-11407 Datasheet
113Kb / 2P
   High Current RF Varnished Chokes (Axial Leads)
114073R9_-LFR FRONTIER-114073R9_-LFR Datasheet
46Kb / 2P
   High Current RF Varnished Chokes (Axial Leads)
11411 FRONTIER-11411 Datasheet
113Kb / 2P
   High Current RF Varnished Chokes (Axial Leads)
114113R9_-LFR FRONTIER-114113R9_-LFR Datasheet
78Kb / 2P
   High Current RF Varnished Chokes (Axial Leads)
logo
Bourns Electronic Solut...
5521 BOURNS-5521 Datasheet
469Kb / 1P
   High Current Chokes
5509 BOURNS-5509 Datasheet
469Kb / 1P
   High Current Chokes
5900-3R9-RC BOURNS-5900-3R9-RC Datasheet
428Kb / 1P
   High Current Chokes
5615 BOURNS-5615 Datasheet
428Kb / 1P
   High Current Chokes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com