Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5252 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5252
Description  Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5252 Datasheet(HTML) 1 Page - Analog Devices

  AD5252_15 Datasheet HTML 1Page - Analog Devices AD5252_15 Datasheet HTML 2Page - Analog Devices AD5252_15 Datasheet HTML 3Page - Analog Devices AD5252_15 Datasheet HTML 4Page - Analog Devices AD5252_15 Datasheet HTML 5Page - Analog Devices AD5252_15 Datasheet HTML 6Page - Analog Devices AD5252_15 Datasheet HTML 7Page - Analog Devices AD5252_15 Datasheet HTML 8Page - Analog Devices AD5252_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Dual 64-/256-Position I2C Nonvolatile
Memory Digital Potentiometers
Data Sheet
AD5251/AD5252
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2004–2012 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
AD5251: Dual 64-position resolution
AD5252: Dual 256-position resolution
1 kΩ, 10 kΩ, 50 kΩ, 100 kΩ
Nonvolatile memory1 stores wiper setting w/write protection
Power-on refreshed with EEMEM settings in 300 µs typ
EEMEM rewrite time = 540 µs typ
Resistance tolerance stored in nonvolatile memory
12 extra bytes in EEMEM for user-defined information
I2C-compatible serial interface
Direct read/write access of RDAC2 and EEMEM registers
Predefined linear increment/decrement commands
Predefined ±6 dB step change commands
Synchronous or asynchronous dual-channel update
Wiper setting readback
4 MHz bandwidth—1 kΩ version
Single supply 2.7 V to 5.5 V
Dual supply ±2.25 V to ±2.75 V
2 slave address decoding bits allow operation of 4 devices
100-year typical data retention, T
A = 55°C
Operating temperature: –40°C to +105°C
APPLICATIONS
Mechanical potentiometer replacement
General-purpose DAC replacement
LCD panel V
COM adjustment
White LED brightness adjustment
RF base station power amp bias control
Programmable gain and offset control
Programmable voltage-to-current conversion
Programmable power supply
Sensor calibrations
GENERAL DESCRIPTION
The AD5251/AD5252 are dual-channel, I2C®, nonvolatile mem-
ory, digitally controlled potentiometers with 64/256 positions,
respectively. These devices perform the same electronic adjust-
ment functions as mechanical potentiometers, trimmers, and
variable resistors. The parts’ versatile programmability allows
multiple modes of operation, including read/write access in the
RDAC and EEMEM registers, increment/decrement of resistance,
resistance changes in ±6 dB scales, wiper setting readback, and
extra EEMEM for storing user-defined information, such as
memory data for other components, look-up table, or system
identification information.
FUNCTIONAL BLOCK DIAGRAM
RDAC1
REGIS-
TER
RDAC3
REGIS-
TER
RDAC1
RDAC3
DATA
CONTROL
COMMAND
DECODE LOGIC
ADDRESS
DECODE LOGIC
CONTROL LOGIC
AD5251/
AD5252
I2C
SERIAL
INTERFACE
POWER-
ON RESET
VDD
A1
W1
B1
A3
W3
B3
VSS
DGND
SCL
SDA
AD0
AD1
WP
RDAC EEMEM
RAB
TOL
EEMEM
POWER-ON
REFRESH
Figure 1.
The AD5251/AD5252 allow the host I2C controllers to write
any of the 64-/256-step wiper settings in the RDAC registers
and store them in the EEMEM. Once the settings are stored,
they are restored automatically to the RDAC registers at system
power-on; the settings can also be restored dynamically.
The AD5251/AD5252 provide additional increment,
decrement, +6 dB step change, and –6 dB step change in
synchronous or asynchronous channel update mode. The
increment and decrement functions allow stepwise linear
adjustments, with a ± 6 dB step change equivalent to doubling
or halving the RDAC wiper setting. These functions are useful
for steep-slope, nonlinear adjustments, such as white LED
brightness and audio volume control.
The AD5251/AD5252 have a patented resistance-tolerance
storing function that allows the user to access the EEMEM and
obtain the absolute end-to-end resistance values of the RDACs
for precision applications.
The AD5251/AD5252 are available in TSSOP-14 packages in
1 kΩ, 10 kΩ, 50 kΩ, and 100 kΩ options. All parts are
guaranteed to operate over the –40°C to +105°C extended
industrial temperature range.
1 The terms nonvolatile memory and EEMEM are used interchangeably.
2 The terms digital potentiometer and RDAC are used interchangeably.


Similar Part No. - AD5252_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5252BRU1 AD-AD5252BRU1 Datasheet
859Kb / 28P
   Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5252BRU1 AD-AD5252BRU1 Datasheet
575Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. D
AD5252BRU1-RL7 AD-AD5252BRU1-RL7 Datasheet
859Kb / 28P
   Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5252BRU1-RL7 AD-AD5252BRU1-RL7 Datasheet
575Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. D
AD5252BRU10 AD-AD5252BRU10 Datasheet
859Kb / 28P
   Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
More results

Similar Description - AD5252_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5251 AD-AD5251_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5254 AD-AD5254_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5253 AD-AD5253_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5251 AD-AD5251 Datasheet
566Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
AD5251 AD-AD5251_12 Datasheet
575Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. D
AD5252 AD-AD5252 Datasheet
859Kb / 28P
   Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5253 AD-AD5253_12 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5253 AD-AD5253 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5254BRUZ50 AD-AD5254BRUZ50 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5235 AD-AD5235 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com